Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8600 Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD8600
Description  16-Channel, 8-Bit Multiplying DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8600 Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD8600_15 Datasheet HTML 3Page - Analog Devices AD8600_15 Datasheet HTML 4Page - Analog Devices AD8600_15 Datasheet HTML 5Page - Analog Devices AD8600_15 Datasheet HTML 6Page - Analog Devices AD8600_15 Datasheet HTML 7Page - Analog Devices AD8600_15 Datasheet HTML 8Page - Analog Devices AD8600_15 Datasheet HTML 9Page - Analog Devices AD8600_15 Datasheet HTML 10Page - Analog Devices AD8600_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Typical Performances Characteristics–AD8600
REV. 0
–7–
0
–1/2
+1/2
–1/2
0
+1/2
256
0
192
128
64
DIGITAL INPUT CODE – Decimal
DACs 00–07 SUPERIMPOSED
DACs 08–015 SUPERIMPOSED
VCC = +5V
VEE = –5V
VREF = +3.5V
TA = +25°C
Figure 5. Linearity Error vs.
Digital Code
VOUT – Volts
–10
–15
–5
5
0
15
10
–4
–3
–2
0
–1
1
2
3
4
VCC = +5V
VEE = –5V
RS = 0
Figure 8. Output Current vs.
Voltage
0
0
1k
10k
10M
1M
100k
–90
–45
–15
–10
–5
FREQUENCY – Hz
PHASE
GAIN
V
IN
= 100mV p-p + 2.5V
DC
CODE = FF
H
T
A
= +25
°C
Figure 11. Gain & Phase vs.
Frequency
3.47
3.48
3.49
3.50
125
–25
–50
100
75
50
25
0
TEMPERATURE –
°C
VCC = +5V
VEE = –5V
VREF = 3.5V
Figure 6. Full-Scale Voltage vs.
Temperature
1
2
3
0
4
TIME – 250ns/DIV
V
CC
= +5V
V
EE
= –5V
V
REF
= 3.5V
Figure 9. Full-Scale Settling Time
100
1k
100k
10k
FREQUENCY – Hz
VIN = 2V p-p + 1VDC
RS = 0
TA = +25°C
0
–20
–40
–60
–80
–100
Figure 12. AC Feedthrough vs.
Frequency
125
–25
–50
8
–4
–2
0
4
100
75
50
25
0
TEMPERATURE –
°C
V
CC
= +5V
V
EE
= –5V
V
REF
= 3.5V
Figure 7. Zero-Scale Voltage vs.
Temperature
FREQUENCY – Hz
10
100
10k
1k
100
80
0
60
40
20
V
CC
= +5V
V
EE
= –5V
V
REF
= 0V
T
A
= +25
°C
Figure 10. Voltage Noise Density vs.
Frequency
40
30
20
50
60
1k
10k
100
10
100k
FREQUENCY – Hz
∆V
CC
= 100mV p-p
T
A
= +25
°C
CODE = 00
H
V
EE
= –5V
Figure 13. PSRR vs. Frequency


Numéro de pièce similaire - AD8600_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8600AP AD-AD8600AP Datasheet
236Kb / 16P
   16-Channel, 8-Bit Multiplying DAC
REV. 0
AD8600CHIPS AD-AD8600CHIPS Datasheet
236Kb / 16P
   16-Channel, 8-Bit Multiplying DAC
REV. 0
More results

Description similaire - AD8600_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8600 AD-AD8600 Datasheet
236Kb / 16P
   16-Channel, 8-Bit Multiplying DAC
REV. 0
logo
Sipex Corporation
SP9316 SIPEX-SP9316 Datasheet
132Kb / 8P
   16-Bit CMOS Multiplying DAC
logo
Analog Devices
AD7524 AD-AD7524_15 Datasheet
165Kb / 8P
   8-Bit Buffered Multiplying DAC
REV. B
AD7524JNZ AD-AD7524JNZ Datasheet
165Kb / 8P
   8-Bit Buffered Multiplying DAC
REV. B
AD7524 AD-AD7524_17 Datasheet
196Kb / 9P
   CMOS 8-Bit Buffered Multiplying DAC
AD7524JRZ AD-AD7524JRZ Datasheet
165Kb / 8P
   CMOS 8-Bit Buffered Multiplying DAC
REV. B
AD7524 AD-AD7524 Datasheet
162Kb / 8P
   CMOS 8-Bit Buffered Multiplying DAC
REV. B
AD7524JPZ AD-AD7524JPZ Datasheet
129Kb / 8P
   CMOS 8-Bit Buffered Multiplying DAC
REV. B
AD7528 AD-AD7528 Datasheet
188Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7528JP-REEL AD-AD7528JP-REEL Datasheet
191Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com