Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8582 Fiches technique(PDF) 4 Page - Analog Devices

No de pièce AD8582
Description  5 Volt, Parallel Input Complete Dual 12-Bit DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8582 Fiches technique(HTML) 4 Page - Analog Devices

  AD8582_15 Datasheet HTML 1Page - Analog Devices AD8582_15 Datasheet HTML 2Page - Analog Devices AD8582_15 Datasheet HTML 3Page - Analog Devices AD8582_15 Datasheet HTML 4Page - Analog Devices AD8582_15 Datasheet HTML 5Page - Analog Devices AD8582_15 Datasheet HTML 6Page - Analog Devices AD8582_15 Datasheet HTML 7Page - Analog Devices AD8582_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
REV. 0
–4–
AD8582
Table I. Control Logic Truth Table
CS
A
/B
LDA
LDB
RST
MSB
Input Register
DAC Register
L
L
HHHX
Write to A
Latched
L
HHHHX
Write to B
Latched
LLL
H
H
X
Write to A
A Transparent
L
H
H
L
H
X
Write to B
B Transparent
H
X
L
L
H
X
Latched
A & B Transparent
H
X
^
^
H
X
Latched
Latched
XXXXL
L
Reset to Zero Scale
Reset to Zero Scale
XXXXL
H
Reset to Midscale
Reset to Midscale
H
XXX^
X
Latch Reset Value
Latch Reset Value
^Denotes positive edge triggered.
OPERATION
The AD8582 is a complete, ready-to-use dual 12-bit digital-to-
analog converter. Only one +5 V power supply is necessary for
operation. It contains two voltage-switched, 12-bit, laser-
trimmed digital-to-analog converters, a curvature-corrected
bandgap reference, rail-to-rail output op amps, input registers,
and DAC registers. The parallel data interface consists of twelve
data bits, DB0–DB11, an address select pin A/B, two load
strobe pins (LDA, LDB) and an active low CS strobe. In addi-
tion an asynchronous RST pin will set all DAC register bits to
zero causing the VOUT to become zero volts, or to midscale for
trimming applications when the MSB pin is programmed to
Logic 1. This function is useful for power on reset or system
failure recovery to a known state.
D/A CONVERTER SECTION
The internal DAC is a 12-bit voltage-mode device with an
output that swings from AGND potential to the 2.5 volt in-
ternal bandgap voltage. It uses a laser trimmed R-2R
ladder which is switched by N channel MOSFETs. The out-
put voltage of the DAC has a constant resistance independent
of digital input code. The DAC output (not available to the
user) is internally connected to the rail-to-rail output op amp.
AMPLIFIER SECTION
The internal DAC’s output is buffered by a low power con-
sumption precision amplifier. This low power amplifier contains
a differential PNP pair input stage which provides low offset
voltage and low noise, as well as the ability to amplify the zero-
scale DAC output voltages. The rail-to-rail amplifier is config-
ured in a gain of 1.6384 (= 4.095 V/2.5 V) in order to set the
4.095 volt full-scale output (1 mV/LSB). See Figure 3 for an
equivalent circuit schematic of the analog section.
The op amp has a 16
µs typical settling time to 0.01%. There
are slight differences in settling time for negative slewing signals
versus positive. See the oscilloscope photos in the Typical Per-
formances section of this data sheet.
Figure 3. Equivalent Schematic of Analog Portion
R1
R2
VOUT
RAIL-TO-RAIL
OUTPUT
AMPLIFIER
R
BANDGAP
REFERENCE
VREF
2.5V
2R
R
2R
2R
SPDT
N CH FET
SWITCHES
2R
AV = 4.095/2.5
= 1.638V/V
VOLTAGE SWITCHED 12-BIT
R-2R D/A CONVERTER
BUFFER
2R
OUTPUT SECTION
The rail-to-rail output stage of this amplifier has been designed
to provide precision performance while operating near either
power supply. Figure 4 shows an equivalent output schematic of
the rail-to-rail amplifier with its N channel pull-down FETs that
will pull an output load directly to GND. The output sourcing
current is provided by a P channel pull-up device that can sup-
ply GND terminated loads, especially important at the –5%
supply tolerance value of 4.75 volts.
Figure 4. Equivalent Analog Output Circuit
VDD
VOUT
AGND
N-CH
P-CH


Numéro de pièce similaire - AD8582_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8582AN AD-AD8582AN Datasheet
309Kb / 8P
   5 Volt, Parallel Input Complete Dual 12-Bit DAC
REV. 0
AD8582AN AD-AD8582AN Datasheet
312Kb / 8P
   5 Volt, Parallel Input Complete Dual 12-Bit DAC
REV. 0
AD8582AN AD-AD8582AN Datasheet
192Kb / 8P
   5 Volt, Parallel Input Complete Dual 12-Bit DAC
REV. 0
AD8582ANZ AD-AD8582ANZ Datasheet
192Kb / 8P
   5 Volt, Parallel Input Complete Dual 12-Bit DAC
REV. 0
AD8582AR AD-AD8582AR Datasheet
309Kb / 8P
   5 Volt, Parallel Input Complete Dual 12-Bit DAC
REV. 0
More results

Description similaire - AD8582_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8582ANZ AD-AD8582ANZ Datasheet
192Kb / 8P
   5 Volt, Parallel Input Complete Dual 12-Bit DAC
REV. 0
AD8582 AD-AD8582 Datasheet
309Kb / 8P
   5 Volt, Parallel Input Complete Dual 12-Bit DAC
REV. 0
AD8582ARZ AD-AD8582ARZ Datasheet
312Kb / 8P
   5 Volt, Parallel Input Complete Dual 12-Bit DAC
REV. 0
DAC8562 AD-DAC8562 Datasheet
636Kb / 16P
   5 Volt, Parallel Input Complete 12-Bit DAC
REV. A
DAC8562FSZ AD-DAC8562FSZ Datasheet
639Kb / 16P
   5 Volt, Parallel Input Complete 12-Bit DAC
REV. A
DAC8562 AD-DAC8562_15 Datasheet
639Kb / 16P
   5 Volt, Parallel Input Complete 12-Bit DAC
AD8522ARZ AD-AD8522ARZ Datasheet
244Kb / 8P
   5 Volt, Serial Input, Dual 12-Bit DAC
REV. A
AD8522 AD-AD8522 Datasheet
240Kb / 8P
   5 Volt, Serial Input, Dual 12-Bit DAC
REV. A
AD8300 AD-AD8300 Datasheet
245Kb / 8P
   3 Volt, Serial Input Complete 12-Bit DAC
REV. A
AD8300 AD-AD8300_15 Datasheet
244Kb / 8P
   3 Volt, Serial Input Complete 12-Bit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com