Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8567 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD8567
Description  16 V Rail-to-Rail Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8567 Fiches technique(HTML) 5 Page - Analog Devices

  AD8567_15 Datasheet HTML 1Page - Analog Devices AD8567_15 Datasheet HTML 2Page - Analog Devices AD8567_15 Datasheet HTML 3Page - Analog Devices AD8567_15 Datasheet HTML 4Page - Analog Devices AD8567_15 Datasheet HTML 5Page - Analog Devices AD8567_15 Datasheet HTML 6Page - Analog Devices AD8567_15 Datasheet HTML 7Page - Analog Devices AD8567_15 Datasheet HTML 8Page - Analog Devices AD8567_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD8565/AD8566/AD8567
Rev. G | Page 5 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (°C)
0
–0.25
–1.50
–40
–0.50
–0.75
–1.00
–1.25
VCM = VS/2
VS = 16V
25
85
VS = 4.5V
Figure 5. Input Offset Voltage vs. Temperature
FREQUENCY (Hz)
10
1
0.1
10
100
1k
10k
4.5V
≤ VS ≤ 16V
TA = 25°C
Figure 6. Current Noise
FREQUENCY (1µs/DIV)
VS = 16V
RL = 10kΩ
CL = 100pF
AV = +1
TA = 25°C
Figure 7. Small Signal Transient Response
1000
100
1
10
FREQUENCY (Hz)
10
100
1k
10k
4.5V
≤ VS ≤ 16V
TA = 25°C
Figure 8. Voltage Noise Density vs. Frequency
SUPPLY VOLTAGE (V)
1.0
0.8
0
0.6
0.4
0.2
18
16
14
12
10
8
6
4
2
0
VO = VS/2
AV = +1
TA = 25°C
Figure 9. Supply Current/Amplifier vs. Supply Voltage
TEMPERATURE (°C)
0.80
0.75
0.50
0.70
0.65
0.60
0.55
VCM = VS/2
VS = 16V
VS = 4.5V
–40
25
85
Figure 10. Supply Current/Amplifier vs. Temperature


Numéro de pièce similaire - AD8567_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8567ACP AD-AD8567ACP Datasheet
152Kb / 12P
   16 V Rail-to-Rail Operational Amplifiers
REV. A
AD8567ACP-R2 AD-AD8567ACP-R2 Datasheet
346Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
REV. D
AD8567ACP-REEL AD-AD8567ACP-REEL Datasheet
346Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
REV. D
AD8567ACP-REEL7 AD-AD8567ACP-REEL7 Datasheet
346Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
REV. D
AD8567ACPZ-R2 AD-AD8567ACPZ-R2 Datasheet
346Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
REV. D
More results

Description similaire - AD8567_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8566 AD-AD8566_15 Datasheet
293Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8565 AD-AD8565_06 Datasheet
346Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
REV. D
AD8565 AD-AD8565_15 Datasheet
293Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8565 AD-AD8565 Datasheet
152Kb / 12P
   16 V Rail-to-Rail Operational Amplifiers
REV. A
AD8565 AD-AD8565_17 Datasheet
334Kb / 13P
   16 V Rail-to-Rail Operational Amplifiers
logo
STMicroelectronics
TSX9291 STMICROELECTRONICS-TSX9291 Datasheet
981Kb / 31P
   16 MHz rail-to-rail CMOS 16 V operational amplifiers
TSX920 STMICROELECTRONICS-TSX920 Datasheet
2Mb / 32P
   10 MHz rail-to-rail CMOS 16 V operational amplifiers
January 2016 Rev 4
logo
Analog Devices
AD8638 AD-AD8638_16 Datasheet
629Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
AD8639WARZ AD-AD8639WARZ Datasheet
629Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
Rev. F
AD8638 AD-AD8638_07 Datasheet
646Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com