Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8519 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD8519
Description  Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8519 Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD8519_15 Datasheet HTML 2Page - Analog Devices AD8519_15 Datasheet HTML 3Page - Analog Devices AD8519_15 Datasheet HTML 4Page - Analog Devices AD8519_15 Datasheet HTML 5Page - Analog Devices AD8519_15 Datasheet HTML 6Page - Analog Devices AD8519_15 Datasheet HTML 7Page - Analog Devices AD8519_15 Datasheet HTML 8Page - Analog Devices AD8519_15 Datasheet HTML 9Page - Analog Devices AD8519_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8519/AD8529
Rev. D | Page 6 of 16
VS = 5.0 V, V− = −5 V, VCM = 0 V, TA = 25°C, unless otherwise noted.
Table 4.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
AD8519AKS, AD8519ART
600
1100
μV
−40°C ≤ TA ≤ +125°C
800
1300
μV
AD8519AR (R-8), AD8529
600
1000
μV
−40°C ≤ TA ≤ +125°C
1100
μV
Input Bias Current
IB
VCM = 0 V
300
nA
VCM = 0 V, −40°C ≤ TA ≤ +125°C
400
nA
Input Offset Current
IOS
VCM = 0 V
±50
nA
VCM = 0 V, −40°C ≤ TA ≤ +125°C
±100
nA
Input Voltage Range
VCM
−5
+4
V
Common-Mode Rejection Ratio
CMRR
−4.9 V ≤ VCM ≤ +4.0 V,
−40°C ≤ TA ≤ +125°C
70
100
dB
Large Signal Voltage Gain
AVO
RL = 2 kΩ
30
V/mV
RL = 10 kΩ
50
200
V/mV
−40°C ≤ TA ≤ +125°C
25
V/mV
Offset Voltage Drift
∆VOS/∆T
2
μV/°C
Bias Current Drift
∆IB/∆T
500
pA/°C
OUTPUT CHARACTERISTICS
Output Voltage Swing High
VOH
IL = 250 μA
−40°C ≤ TA ≤ +125°C
4.90
V
IL = 5 mA
4.80
V
Output Voltage Swing Low
VOL
IL = 250 μA
−40°C ≤ TA ≤ +125°C
−4.90
V
IL = 5 mA
−4.80
V
Short-Circuit Current
ISC
Short to ground, instantaneous
±70
mA
Maximum Output Current
IOUT
±25
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = ±1.5 V to ±6 V, −40°C ≤ TA ≤ +125°C
60
100
dB
Supply Current/Amplifier
ISY
VOUT = 0 V
600
1200
μA
−40°C ≤ TA ≤ +125°C
1400
μA
DYNAMIC PERFORMANCE
Slew Rate
SR
−4 V < VOUT < +4 V, RL = 10 kΩ
2.9
V/μs
Settling Time
tS
To 0.01%
1000
ns
Gain Bandwidth Product
GBP
8
MHz
Phase Margin
Φm
60
Degrees
NOISE PERFORMANCE
Voltage Noise Density
en
f = 1 kHz
10
nV/√Hz
Current Noise Density
in
f = 1 kHz
0.4
pA/√Hz


Numéro de pièce similaire - AD8519_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8519AKS AD-AD8519AKS Datasheet
193Kb / 12P
   8 MHz Rail-to-Rail Operational Amplifiers
REV. C
AD8519AKS-REEL7 AD-AD8519AKS-REEL7 Datasheet
399Kb / 16P
   8 MHz Rail-to-Rail Operational Amplifiers
REV. D
AD8519AKSZ-REEL7 AD-AD8519AKSZ-REEL7 Datasheet
399Kb / 16P
   8 MHz Rail-to-Rail Operational Amplifiers
REV. D
AD8519AR AD-AD8519AR Datasheet
193Kb / 12P
   8 MHz Rail-to-Rail Operational Amplifiers
REV. C
AD8519AR AD-AD8519AR Datasheet
399Kb / 16P
   8 MHz Rail-to-Rail Operational Amplifiers
REV. D
More results

Description similaire - AD8519_15

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
logo
Texas Instruments
LM118-N TI1-LM118-N_15 Datasheet
1Mb / 25P
[Old version datasheet]   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com