Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8517 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD8517
Description  Low Voltage Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8517 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD8517_15 Datasheet HTML 4Page - Analog Devices AD8517_15 Datasheet HTML 5Page - Analog Devices AD8517_15 Datasheet HTML 6Page - Analog Devices AD8517_15 Datasheet HTML 7Page - Analog Devices AD8517_15 Datasheet HTML 8Page - Analog Devices AD8517_15 Datasheet HTML 9Page - Analog Devices AD8517_15 Datasheet HTML 10Page - Analog Devices AD8517_15 Datasheet HTML 11Page - Analog Devices AD8517_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD8517/AD8527
–10–
REV. B
DRIVING CAPACITIVE LOAD
Gain vs. Capacitive Load
Most amplifiers have difficulty driving capacitance due to degradation
of phase caused by additional phase lag from the capacitive load.
Higher capacitance at the output can increase the amount of over-
shoot and ringing in the amplifier’s step response and could even
affect the stability of the device. The value of capacitance load an
amplifier can drive before oscillation varies with gain, supply volt-
age, input signal, temperature, and frequency, among others. Unity
gain is the most challenging configuration for driving capacitance
load. However, the AD8517 offers good capacitance driving ability.
Table II shows the AD8517’s ability to capacitance load at differ-
ent gains before instability occurs. This table is good for all VSY.
Table II. Gain and Capacitance Load
Gain
Max Capacitance
1
400 pF
2
1.5 nF
2.5
8 nF
3
Unconditionally Stable
In-the-Loop Compensation Technique for Driving
Capacitive Loads
When driving capacitive loads in unity configuration, the in-the-
loop compensation technique is recommended to avoid oscillation
as is illustrated in Figure 22.
VIN
RX
CL
CF
RF
RG
VOUT
AD8517
RF + RG
CF =1 +
ACL
1
RF
CLRO
RX =
RO RG
RF
WHERE RO = OPEN-LOOP OUTPUT RESISTANCE
Figure 22. In-the-Loop Compensation Technique for
Driving Capacitive Loads
Snubber Network Compensation for Driving Capacitive Loads
As load capacitance increases, the overshoot and settling time
will increase and the unity gain bandwidth of the device will
decrease. Figure 23 shows an example of the AD8517 config-
ured for unity gain and driving a 10 k
Ω resistor and a 680 pF
capacitor placed in parallel, with a square wave input set to a
frequency of 250 kHz and unity gain.
TIME – 1 s/Div
F = 250kHz
AV = +1
C = 680pF
Figure 23. Photo of a Ringing Square Wave
By connecting a series R–C from the output of the device to
ground, known as the “snubber” network, this ringing and over-
shoot can be significantly reduced. Figure 24 shows the network
setup, and Figure 25 shows the improvement of the output
response with the “snubber” network added.
5V
CX
VIN
RX
CL
VOUT
AD8517
Figure 24. Snubber Network Compensation for Capacitive
Loads
TIME – 1 s/Div
F = 250kHz
AV = +1
C = 680pF
Figure 25. Photo of a Square Wave with the Snubber
Network Compensation
The network operates in parallel with the load capacitor, CL,
and provides compensation for the added phase lag. The actual
values of the network resistor and capacitor have to be empiri-
cally determined. Table III shows some values of snubber network
for large capacitance load.


Numéro de pièce similaire - AD8517_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8517ART-REEL AD-AD8517ART-REEL Datasheet
160Kb / 12P
   7 MHz Rail-to-Rail Low Voltage Operational Amplifiers
REV. B
More results

Description similaire - AD8517_15

FabricantNo de pièceFiches techniqueDescription
logo
Holtek Semiconductor In...
HT9251 HOLTEK-HT9251 Datasheet
1Mb / 15P
   Low Voltage Operational Amplifiers
logo
Analog Devices
AD8527 AD-AD8527_15 Datasheet
161Kb / 12P
   Low Voltage Operational Amplifiers
REV. B
logo
Texas Instruments
TLV2322 TI-TLV2322 Datasheet
502Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
MC33272 UTC-MC33272 Datasheet
165Kb / 6P
   VOLTAGE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2361 TI1-TLV2361_16 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
LM2902LV TI1-LM2902LV Datasheet
1Mb / 34P
[Old version datasheet]   Industry Standard, Low Voltage Operational Amplifiers
LM2902LV TI1-LM2902LV_19 Datasheet
2Mb / 40P
[Old version datasheet]   Industry Standard, Low Voltage Operational Amplifiers
logo
Rohm
BA8522RF ROHM-BA8522RF Datasheet
171Kb / 5P
   LOW OFFSET VOLTAGE DUAL OPERATIONAL AMPLIFIERS
BU7261G ROHM-BU7261G Datasheet
721Kb / 33P
   Low Voltage Operation CMOS Operational Amplifiers
logo
Texas Instruments
TLV2361 TI-TLV2361 Datasheet
274Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com