Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8517 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD8517
Description  Low Voltage Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8517 Fiches technique(HTML) 5 Page - Analog Devices

  AD8517_15 Datasheet HTML 1Page - Analog Devices AD8517_15 Datasheet HTML 2Page - Analog Devices AD8517_15 Datasheet HTML 3Page - Analog Devices AD8517_15 Datasheet HTML 4Page - Analog Devices AD8517_15 Datasheet HTML 5Page - Analog Devices AD8517_15 Datasheet HTML 6Page - Analog Devices AD8517_15 Datasheet HTML 7Page - Analog Devices AD8517_15 Datasheet HTML 8Page - Analog Devices AD8517_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD8517/AD8527
–5–
REV. B
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 V
Input Voltage
2 . . . . . . . . . . . . . . . . . . . . . . . . . . . GND to V
S
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . .
±0.6 V
Internal Power Dissipation
SOT-23 (RT) . . . . . . . . . . . . See Thermal Resistance Chart
SOIC (R) . . . . . . . . . . . . . . . See Thermal Resistance Chart
µSOIC (RM) . . . . . . . . . . . . See Thermal Resistance Chart
Output Short-Circuit Duration
. . . . . . . . . . . . . . . . . . . . . . . . Indefinite for TA < +40
°C
Storage Temperature Range
R, RM and RT Packages . . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range
AD8517, AD8527 . . . . . . . . . . . . . . . . . . –40
°C to +125°C
Junction Temperature Range
R, RM and RT Packages . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering, 60 sec) . . . . . . . 300
°C
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD8517/AD8527 features proprietary ESD protection circuitry, permanent dam-
age may occur on devices subjected to high-energy electrostatic discharges. Therefore, proper
ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
INPUT OFFSET VOLTAGE – mV
120
90
0
4
4
3
2
1
01
2
3
60
30
VS = 5V
VCM = 2.5V
TA = 25 C
COUNT = 935 OP AMPS
Figure 1. Input Offset Voltage Distribution
SUPPLY VOLTAGE – V
950
900
600
16
2
34
5
800
750
700
650
850
Figure 2. Supply Current per Amplifier vs. Supply Voltage
ORDERING GUIDE
Temperature
Package
Package
Branding
Model
Range
Description
Option
Information
AD8517ART-REEL
–40
°C to +125°C
5-Lead SOT-23
RT-5
ADA
AD8527AR
–40
°C to +125°C
8-Lead SOIC
SO-8
AD8527ARM-REEL
–40
°C to +125°C
8-Lead
µSOIC
RM-8
AFA
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2For supply voltages less than 6 V the input voltage is limited to less than or equal
to the supply voltage.
Package Type
JA
1
JC
Unit
5-Lead SOT-23 (RT)
230
146
°C/W
8-Lead SOIC (R)
158
43
°C/W
8-Lead
µSOIC (RM)
210
45
°C/W
NOTE
1
θ
JA is specified for worst-case conditions, i.e.,
θ
JA is specified for device soldered
in circuit board for SOT-23 and SOIC packages.


Numéro de pièce similaire - AD8517_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8517ART-REEL AD-AD8517ART-REEL Datasheet
160Kb / 12P
   7 MHz Rail-to-Rail Low Voltage Operational Amplifiers
REV. B
More results

Description similaire - AD8517_15

FabricantNo de pièceFiches techniqueDescription
logo
Holtek Semiconductor In...
HT9251 HOLTEK-HT9251 Datasheet
1Mb / 15P
   Low Voltage Operational Amplifiers
logo
Analog Devices
AD8527 AD-AD8527_15 Datasheet
161Kb / 12P
   Low Voltage Operational Amplifiers
REV. B
logo
Texas Instruments
TLV2322 TI-TLV2322 Datasheet
502Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
MC33272 UTC-MC33272 Datasheet
165Kb / 6P
   VOLTAGE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2361 TI1-TLV2361_16 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
LM2902LV TI1-LM2902LV Datasheet
1Mb / 34P
[Old version datasheet]   Industry Standard, Low Voltage Operational Amplifiers
LM2902LV TI1-LM2902LV_19 Datasheet
2Mb / 40P
[Old version datasheet]   Industry Standard, Low Voltage Operational Amplifiers
logo
Rohm
BA8522RF ROHM-BA8522RF Datasheet
171Kb / 5P
   LOW OFFSET VOLTAGE DUAL OPERATIONAL AMPLIFIERS
BU7261G ROHM-BU7261G Datasheet
721Kb / 33P
   Low Voltage Operation CMOS Operational Amplifiers
logo
Texas Instruments
TLV2361 TI-TLV2361 Datasheet
274Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com