Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD1745 Fiches technique(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

No de pièce 2SD1745
Description  NPN Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Site Internet  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD1745 Fiches technique(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD1745_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD1745_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SD1745_15 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
NPN Transistors
2SD1745
Features
Satisfactory linearity of foward current transfer ratio hFE
Low collector to emitter saturation voltage VCE(sat)
Large collector current IC
Complementary to 2SB1175
2.3
0.60+ 0.1
- 0.1
6.50+0.15
-0.15
0.80+0.1
-0.1
4 .60 +0.15
-0.15
5.30+0.2
-0.2
2.30 +0.1
-0.1
0.50 +0.8
-0.7
0.127
max
TO-252
Unit: mm
1 Base
2 Collector
3 Emitter
Absolute Maximum Rating s Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
130
Collector - Emitter Voltage
VCEO
80
Emitter - Base Voltage
VEBO
7
Collector Current - Continuous
IC
4
Collector Current - Pulse
ICP
8
Collector Power Dissipation
Tc=25°C
15
Ta=25°C
1.3
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 to 150
V
A
PC
W
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100 uA, IE= 0
130
Collector- emitter breakdown voltage
VCEO
Ic= 10 mA,IB= 0
80
Emitter - base breakdown voltage
VEBO
IE= 100 uA, IC= 0
7
Collector-base cut-off current
ICBO
VCB= 100 V , IE= 0
10
uA
Emitter cut-off current
IEBO
VEB= 6V , IC=0
50
Collector-emitter saturation voltage
VCE(sat) IC=3 A, IB=150 mA
0.5
Base - emitter saturation voltage
VBE(sat) IC=3 A, IB=150 mA
1.5
VCE= 2V, IC= 100 mA
45
VCE= 2V, IC= 1 A
90
260
Turn-ON Time
ton
0.5
Storage Time
tstg
2.5
Fall Time
tf
0.15
Transition frequency
fT
VCE= 10V, IC= 500mA,f=10MHz
30
MHz
IC = 1A, IB1 = 0.1A, IB2 = – 0.1A,
VCC = 50V
us
V
DC current gain
hFE
V
Classification of hfe(2)
Type
2SD1745-Q
2SD1745-P
Range
90-180
130-260


Numéro de pièce similaire - 2SD1745_15

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
2SD1745 PANASONIC-2SD1745 Datasheet
58Kb / 3P
   Silicon NPN epitaxial planar type(For power switching)
More results

Description similaire - 2SD1745_15

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com