Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8381 Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD8381
Description  Fast, High Voltage Drive, 6-Channel Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8381 Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD8381_15 Datasheet HTML 3Page - Analog Devices AD8381_15 Datasheet HTML 4Page - Analog Devices AD8381_15 Datasheet HTML 5Page - Analog Devices AD8381_15 Datasheet HTML 6Page - Analog Devices AD8381_15 Datasheet HTML 7Page - Analog Devices AD8381_15 Datasheet HTML 8Page - Analog Devices AD8381_15 Datasheet HTML 9Page - Analog Devices AD8381_15 Datasheet HTML 10Page - Analog Devices AD8381_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV. B
AD8381
–7–
–0.25%
10ns/DIV
VIDx
CL
150pF
VMID = 7V
VFS = 5V
0.25%
0.00%
–0.50%
–0.75%
–1.00%
7V
t = 0
TPC 7. Output Settling Time (Rising Edge) at CL,
5 V Step, INV = Low
–0.25%
10ns/DIV
VIDx
CL
150pF
VMID = 7V
VFS = 5V
0.00%
–0.50%
–0.75%
–1.00%
12V
t = 0
TPC 8. Output Settling Time (Rising Edge) at CL,
5 V Step, INV = High
20ns/DIV
5V
+30mV
+20mV
+10mV
VMID = 7V
–10mV
–20mV
VID5
VID0 – VID4
TPC 9. All-Hostile Crosstalk at CL
0.75%
10ns/DIV
VIDx
CL
150pF
VMID = 7V
VFS = 5V
1.00%
0.50%
0.25%
0.00%
2V
–0.25%
–0.50%
–0.75%
–1.00%
t = 0
TPC 10. Output Settling Time (Falling Edge) at CL,
5 V Step, INV = Low
0.75%
10ns/DIV
VIDx
CL
150pF
VMID = 7V
VFS = 5V
1.00%
0.50%
0.25%
0.00%
7V
t = 0
–0.25%
–0.50%
–0.75%
TPC 11. Output Settling Time (Falling Edge) at CL,
5 V Step, INV = High
20ns/DIV
+10mV
VMID = 7V
–10mV
DB (0:9)
TPC 12. Data Switching Transient (Feedthrough) at CL


Numéro de pièce similaire - AD8381_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8381-EB AD-AD8381-EB Datasheet
290Kb / 16P
   Fast, High Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
REV. B
AD8381AST AD-AD8381AST Datasheet
528Kb / 16P
   Fast, High Voltage Drive, 6-Channel Output DecDriverTM Decimating LCD Panel Driver
REV. 0
AD8381AST-REEL AD-AD8381AST-REEL Datasheet
528Kb / 16P
   Fast, High Voltage Drive, 6-Channel Output DecDriverTM Decimating LCD Panel Driver
REV. 0
AD8381JST AD-AD8381JST Datasheet
290Kb / 16P
   Fast, High Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
REV. B
AD8381JSTZ AD-AD8381JSTZ Datasheet
290Kb / 16P
   Fast, High Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
REV. B
More results

Description similaire - AD8381_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8380 AD-AD8380_15 Datasheet
211Kb / 16P
   Fast, High-Voltage Drive, 6-Channel Output
REV. B
AD8380 AD-AD8380 Datasheet
219Kb / 16P
   Fast, High-Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
REV. B
AD8381 AD-AD8381 Datasheet
528Kb / 16P
   Fast, High Voltage Drive, 6-Channel Output DecDriverTM Decimating LCD Panel Driver
REV. 0
AD8381JSTZ AD-AD8381JSTZ Datasheet
290Kb / 16P
   Fast, High Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
REV. B
logo
Fairchild Semiconductor
FAN8008 FAIRCHILD-FAN8008 Datasheet
360Kb / 24P
   6-Channel Motor Drive IC
FAN8033 FAIRCHILD-FAN8033 Datasheet
358Kb / 24P
   6-Channel Motor Drive IC
KA3030D FAIRCHILD-KA3030D Datasheet
299Kb / 17P
   6-Channel Motor Drive IC
KA3031 FAIRCHILD-KA3031 Datasheet
359Kb / 24P
   6-Channel Motor Drive IC
logo
Shenzhen Putianhe Techn...
TM1831 PTH-TM1831 Datasheet
196Kb / 7P
   6 channel LED drive IC
logo
Analog Devices
AD8382 AD-AD8382_15 Datasheet
927Kb / 24P
   High Performance 12-Bit, 6-Channel Output
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com