Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8368 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD8368
Description  800 MHz, Linear-in-dB VGA with AGC Detector
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8368 Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD8368_15 Datasheet HTML 2Page - Analog Devices AD8368_15 Datasheet HTML 3Page - Analog Devices AD8368_15 Datasheet HTML 4Page - Analog Devices AD8368_15 Datasheet HTML 5Page - Analog Devices AD8368_15 Datasheet HTML 6Page - Analog Devices AD8368_15 Datasheet HTML 7Page - Analog Devices AD8368_15 Datasheet HTML 8Page - Analog Devices AD8368_15 Datasheet HTML 9Page - Analog Devices AD8368_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD8368
Rev. B | Page 6 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
18
ICOM
1
GAIN
24
23
22
21
20
19
78
9
10
11
12
17
ICOM
2
DETO
16
ICOM
3
HPFL
15
DECL
4
DECL
14
DECL
5
DETI
13
VPSI
6
OCOM
NOTES
1. EXPOSED PAD. CONNECT EPAD TO LOW
IMPEDANCE GROUND.
AD8368
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
GAIN
Gain Control.
2
DETO
Detector Output. Provides an output error current for the AGC function.
3
HPFL
High-Pass Filter Connection. A capacitor to ground sets the corner frequency of the internal output offset
control loop that controls the minimum usable input frequency.
4, 14, 15
DECL
Decoupling Pin. Nominally ~VS/2. Decoupling capacitance may need to be adjusted for AGC operation
(see the Applications Information section).
5
DETI
Detector Input. DC level referenced to DECL pin.
6, 7
OCOM
Connect OCOM to low impedance ground.
8
OUTP
Signal Output. Must be ac-coupled.
9, 10
VPSO
Positive Supply Voltage, 4.5 V to 5.5 V. VPSO and VPSI must be connected together externally and
properly bypassed.
11, 12, 13, 22, 23
VPSI
Positive Supply Voltage, 4.5 V to 5.5 V. VPSO and VPSI must be connected together externally and
properly bypassed.
16, 17, 18, 20
ICOM
Connect ICOM to low impedance ground.
19
INPT
Signal Input. Must be ac-coupled.
21
MODE
Gain Direction Control. High for positive slope. Low for negative slope.
24
ENBL
Apply a Positive Voltage (2.5 V
≤ V
ENBL
≤ VPSI) to Activate Device.
EPAD
Exposed Pad. Connect the exposed pad to low impedance ground.


Numéro de pièce similaire - AD8368_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8368-EVALZ AD-AD8368-EVALZ Datasheet
471Kb / 20P
   800 MHz, Linear-in-dB VGA with AGC Detector
REV. 0
AD8368-EVALZ AD-AD8368-EVALZ Datasheet
511Kb / 20P
   800 MHz, Linear-in-dB VGA with AGC Detector
REV. A
AD8368-EVALZ AD-AD8368-EVALZ Datasheet
742Kb / 20P
   Linear-in-dB VGA with AGC Detector
AD8368ACPZ-REEL7 AD-AD8368ACPZ-REEL7 Datasheet
471Kb / 20P
   800 MHz, Linear-in-dB VGA with AGC Detector
REV. 0
AD8368ACPZ-REEL7 AD-AD8368ACPZ-REEL7 Datasheet
511Kb / 20P
   800 MHz, Linear-in-dB VGA with AGC Detector
REV. A
More results

Description similaire - AD8368_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8368 AD-AD8368 Datasheet
471Kb / 20P
   800 MHz, Linear-in-dB VGA with AGC Detector
REV. 0
AD8368 AD-AD8368_07 Datasheet
511Kb / 20P
   800 MHz, Linear-in-dB VGA with AGC Detector
REV. A
AD8367 AD-AD8367_05 Datasheet
492Kb / 24P
   500 MHz, Linear-in-dB VGA with AGC Detector
REV. A
AD8367 AD-AD8367 Datasheet
607Kb / 16P
   500 MHz, Linear-in-dB VGA with AGC Detector
REV. 0
AD8367 AD-AD8367_15 Datasheet
492Kb / 24P
   500 MHz, Linear-in-dB VGA with AGC Detector
REV. A
AD8386 AD-AD8386_17 Datasheet
742Kb / 20P
   Linear-in-dB VGA with AGC Detector
logo
Motorola, Inc
CA2810C MOTOROLA-CA2810C Datasheet
112Kb / 4P
   34 dB 10-450 MHz 800 mWATT WIDEBAND LINEAR AMPLIFIER
CA2830C MOTOROLA-CA2830C Datasheet
77Kb / 4P
   34.5 dB 5-200 MHz 800 mWATT WIDEBAND LINEAR AMPLIFIERS
logo
Analog Devices
ADL5502 AD-ADL5502 Datasheet
448Kb / 14P
   800 MHz to 3800 MHz Crest Factor Detector
Rev. PrD (04/20/2008)
logo
Linear Technology
LTC5596 LINER-LTC5596 Datasheet
2Mb / 22P
   100MHz to 40GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com