Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SC3444-E Fiches technique(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

No de pièce 2SC3444-E
Description  NPN Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Site Internet  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC3444-E Fiches technique(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC3444-E Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC3444-E Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SC3444-E Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
NPN Transistors
2SC3444
Features
High Voltage
High collector current
Low collector to emitter saturation voltage
High collector dissipation Pc=500mW
Small package for mounting
Complementary to 2SA1364
1.Base
2.Collector
3.Emitter
1.70 0.1
0.42 0.1
0.46 0.1
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
60
Collector - Emitter Voltage
VCEO
60
Emitter - Base Voltage
VEBO
6
Collector Current - Continuous
IC
1
Peak Collector Current
ICM
2
Collector Power Dissipation
PC
500
mW
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 to 150
V
A
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100uA, IE= 0
60
Collector- emitter breakdown voltage
VCEO
Ic= 2mA, RBE= ∞
60
Emitter - base breakdown voltage
VEBO
IE= 100uA, IC= 0
6
Collector-base cut-off current
ICBO
VCB= 50V , IE= 0
0.2
Emitter cut-off current
IEBO
VEB= 4V , IC=0
0.2
Collector-emitter saturation voltage
VCE(sat) IC=500mA, IB=25mA
0.11
0.3
Base - emitter saturation voltage
VBE(sat) IC=500mA, IB=25mA
1.2
DC current gain
hFE
VCE= 4V, IC= 100mA
55
300
Collector output capacitance
Cob
VCB= 10V, IE= 0,f=1MHz
14
pF
Transition frequency
fT
VCE= 2V, IC= 10mA
80
MHz
V
uA
V
Classification of hfe
Type
2SC3444-C
2SC3444-D
2SC3444-E
Range
55-110
90-180
150-300
Marking
DC
DD
DE


Numéro de pièce similaire - 2SC3444-E

FabricantNo de pièceFiches techniqueDescription
logo
Isahaya Electronics Cor...
2SC3444 ISAHAYA-2SC3444 Datasheet
145Kb / 4P
   FOR LOW FREQUENCY POWER AMPLFY APPLICATION SILICON NPN EPITAXIAL TYPE
logo
Guangdong Kexin Industr...
2SC3444 KEXIN-2SC3444 Datasheet
52Kb / 1P
   Small Signal Transistor
More results

Description similaire - 2SC3444-E

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com