Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8310 Fiches technique(PDF) 3 Page - Analog Devices

No de pièce AD8310
Description  Fast, Voltage-Out, DC to 440 MHz, 95 dB Logarithmic Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8310 Fiches technique(HTML) 3 Page - Analog Devices

  AD8310_15 Datasheet HTML 1Page - Analog Devices AD8310_15 Datasheet HTML 2Page - Analog Devices AD8310_15 Datasheet HTML 3Page - Analog Devices AD8310_15 Datasheet HTML 4Page - Analog Devices AD8310_15 Datasheet HTML 5Page - Analog Devices AD8310_15 Datasheet HTML 6Page - Analog Devices AD8310_15 Datasheet HTML 7Page - Analog Devices AD8310_15 Datasheet HTML 8Page - Analog Devices AD8310_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD8310
Rev. F | Page 3 of 24
SPECIFICATIONS
TA = 25°C, VS = 5 V, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT STAGE
Inputs INHI, INLO
Maximum Input1
Single-ended, p-p
±2.0
±2.2
V
4
dBV
Equivalent Power in 50 Ω
Termination resistor of 52.3 Ω
17
dBm
Differential drive, p-p
20
dBm
Noise Floor
Terminated 50 Ω source
1.28
nV/√Hz
Equivalent Power in 50 Ω
440 MHz bandwidth
−78
dBm
Input Resistance
From INHI to INLO
800
1000
1200
Ω
Input Capacitance
From INHI to INLO
1.4
pF
DC Bias Voltage
Either input
3.2
V
LOGARITHMIC AMPLIFIER
Output VOUT
±3 dB Error Dynamic Range
From noise floor to maximum input
95
dB
Transfer Slope
10 MHz ≤ f ≤ 200 MHz
22
24
26
mV/dB
Overtemperature, −40°C < TA < +85°C
20
26
mV/dB
Intercept (Log Offset)2
10 MHz ≤ f ≤ 200 MHz
−115
−108
−99
dBV
Equivalent dBm (re 50 Ω)
−102
−95
−86
dBm
Overtemperature, −40°C ≤ TA ≤ +85°C
−120
−96
dBV
Equivalent dBm (re 50 Ω)
−107
−83
dBm
Temperature sensitivity
−0.04
dB/°C
Linearity Error (Ripple)
Input from −88 dBV (−75 dBm) to +2 dBV (+15 dBm)
±0.4
dB
Output Voltage
Input = −91 dBV (−78 dBm)
0.4
V
Input = 9 dBV (22 dBm)
2.6
V
Minimum Load Resistance, RL
100
Ω
Maximum Sink Current
0.5
mA
Output Resistance
0.05
Ω
Video Bandwidth
25
MHz
Rise Time (10% to 90%)
Input level = −43 dBV (−30 dBm), RL ≥ 402 Ω, CL ≤ 68 pF
15
ns
Input level = −3 dBV (+10 dBm), RL ≥ 402 Ω, CL ≤ 68 pF
20
ns
Fall Time (90% to 10%)
Input level = −43 dBV (−30 dBm), RL ≥ 402 Ω, CL ≤ 68 pF
30
ns
Input level = −3 dBV (+10 dBm), RL ≥ 402 Ω, CL ≤ 68 pF
40
ns
Output Settling Time to 1%
Input level = −13 dBV (0 dBm), RL ≥ 402 Ω, CL ≤ 68 pF
40
ns
POWER INTERFACES
Supply Voltage, VPOS
2.7
5.5
V
Quiescent Current
Zero signal
6.5
8.0
9.5
mA
Overtemperature
−40°C < TA < +85°C
5.5
8.5
10
mA
Disable Current
0.05
μA
Logic Level to Enable Power
High condition, −40°C < TA < +85°C
2.3
V
Input Current When High
3 V at ENBL
35
μA
Logic Level to Disable Power
Low condition, −40°C < TA < +85°C
0.8
V
1 The input level is specified in dBV, because logarithmic amplifiers respond strictly to voltage, not power. 0 dBV corresponds to a sinusoidal single-frequency input of
1 V rms. A power level of 0 dBm (1 mW) in a 50 Ω termination corresponds to an input of 0.2236 V rms. Therefore, the relationship between dBV and dBm is a fixed
offset of 13 dBm in the special case of a 50 Ω termination.
2 Guaranteed but not tested; limits are specified at six sigma levels.


Numéro de pièce similaire - AD8310_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8310-EVAL AD-AD8310-EVAL Datasheet
606Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
REV. D
AD8310-EVAL AD-AD8310-EVAL Datasheet
530Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
Rev. E
AD8310ARM AD-AD8310ARM Datasheet
606Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
REV. D
AD8310ARM AD-AD8310ARM Datasheet
530Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
Rev. E
AD8310ARM-REEL7 AD-AD8310ARM-REEL7 Datasheet
606Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
REV. D
More results

Description similaire - AD8310_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8310 AD-AD8310_05 Datasheet
530Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
Rev. E
AD8310 AD-AD8310 Datasheet
606Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
REV. D
AD8307 AD-AD8307_15 Datasheet
401Kb / 24P
   Low Cost, DC to 500 MHz, 92 dB Logarithmic Amplifier
Rev. D
AD8307 AD-AD8307 Datasheet
394Kb / 20P
   Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV. A
AD8307 AD-AD8307_06 Datasheet
508Kb / 24P
   Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV. C
AD8309ARUZ AD-AD8309ARUZ Datasheet
315Kb / 20P
   5 MHz??00 MHz 100 dB Demodulating Logarithmic Amplifier
REV. B
AD640 AD-AD640_15 Datasheet
240Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640 AD-AD640 Datasheet
278Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640JPZ AD-AD640JPZ Datasheet
240Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640 AD-AD640_16 Datasheet
417Kb / 19P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com