Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8305 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD8305
Description  100 dB Range Logarithmic Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8305 Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD8305_15 Datasheet HTML 2Page - Analog Devices AD8305_15 Datasheet HTML 3Page - Analog Devices AD8305_15 Datasheet HTML 4Page - Analog Devices AD8305_15 Datasheet HTML 5Page - Analog Devices AD8305_15 Datasheet HTML 6Page - Analog Devices AD8305_15 Datasheet HTML 7Page - Analog Devices AD8305_15 Datasheet HTML 8Page - Analog Devices AD8305_15 Datasheet HTML 9Page - Analog Devices AD8305_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD8305
Rev. B | Page 6 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
VP = 5 V, VN = 0 V, RREF = 200 kΩ, TA = 25°C, unless otherwise noted.
IPD (A)
1.4
0
1n
1.2
1.0
0.8
0.6
0.4
0.2
10n
10µ
100µ1m
10m
1.6
TA = –40°C, 0°C, +25°C, +70°C, +85°C
VN = 0V
–40°C
+25°C
+85°C
0°C
+70°C
100n
Figure 3. VLOG vs. IPD for Multiple Temperatures
1.4
0
1.2
1.0
0.8
0.6
0.4
0.2
1.6
–40°C
1.8
TA = –40°C, 0°C, +25°C, +70°C, +85°C
VN = 0V
+25°C
+85°C
0°C
+70°C
IREF (A)
1n
10n
10µ
100µ
1m
10m
100n
Figure 4. VLOG vs. IREF for Multiple Temperatures
1.4
0
1.2
1.0
0.8
0.6
0.4
0.2
1.6
1.8
10nA
100nA
1µA
10µA
100µA
1mA
IPD (A)
1n
10n
10µ
100µ
1m
10m
100n
Figure 5. VLOG vs. IPD for Multiple Values of IREF (Decade Steps from 10 nA to 1 mA)
IPD (A)
1.5
–2.0
1.0
0.5
0
–0.5
–1.0
–1.5
–40°C
2.0
0°C
+70°C
+25°C
TA = –40°C, 0°C, +25°C, +70°C, +85°C
VN = 0V
1n
10n
10µ
100µ1m
10m
100n
+85°C
Figure 6. Law Conformance Error vs. IPD (at IREF = 10 μA) for Multiple
Temperatures, Normalized to 25°C
1.5
–2.0
1.0
0.5
0
–0.5
–1.0
–1.5
–40°C
2.0
0°C
+70°C
+85°C
+25°C
TA = –40°C, 0°C, +25°C, +70°C, +85°C
VN = 0V
IPD (A)
1n
10n
10µ
100µ1m
10m
100n
Figure 7. Law Conformance Error vs. IREF (at IPD = 10 μA) for Multiple
Temperatures, Normalized to 25°C
0.4
–0.3
0.3
0.2
0.1
0
–0.1
–0.2
0.5
–0.4
–0.5
1µA
10µA
100µA
1mA
10nA
100nA
IPD (A)
1n
10n
10µ
100µ
1m
10m
100n
Figure 8. Law Conformance Error vs. IPD for Multiple Values of IREF (Decade Steps
from 10 nA to 1 mA)


Numéro de pièce similaire - AD8305_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8305 AD-AD8305_17 Datasheet
560Kb / 24P
   Range Logarithmic Converter
More results

Description similaire - AD8305_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8304 AD-AD8304_15 Datasheet
579Kb / 20P
   160 dB Range Logarithmic Converter
REV. A
AD8304ARUZ AD-AD8304ARUZ Datasheet
579Kb / 20P
   160 dB Range (100 pA -10 mA) Logarithmic Converter
REV. A
AD8304 AD-AD8304 Datasheet
4Mb / 20P
   160 dB Range (100 pA -10 mA) Logarithmic Converter
REV. A
AD8305 AD-AD8305 Datasheet
1Mb / 20P
   100 dB Range (10 nA to 1 mA) Logarithmic Converter
REV. A
ADL5304 AD-ADL5304_16 Datasheet
908Kb / 32P
   High Speed, 200 dB Range, Logarithmic Converter
ADL5306 AD-ADL5306 Datasheet
811Kb / 16P
   60 dB Range (100 nA to 100 UA) Low Cost Logarithmic Converter
REV. 0
AD8305 AD-AD8305_17 Datasheet
560Kb / 24P
   Range Logarithmic Converter
ADL5303 AD-ADL5303 Datasheet
468Kb / 24P
   160 dB Range 100 pA to 10 mA Low Cost Logarithmic Converter
REV. 0
ADL5310ACPZ-REEL7 AD-ADL5310ACPZ-REEL7 Datasheet
595Kb / 20P
   120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
REV. A
ADL5310ACPZ-REEL7 AD-ADL5310ACPZ-REEL7 Datasheet
595Kb / 20P
   120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com