Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8210 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD8210
Description  High Voltage, Bidirectional Current Shunt Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8210 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD8210_15 Datasheet HTML 7Page - Analog Devices AD8210_15 Datasheet HTML 8Page - Analog Devices AD8210_15 Datasheet HTML 9Page - Analog Devices AD8210_15 Datasheet HTML 10Page - Analog Devices AD8210_15 Datasheet HTML 11Page - Analog Devices AD8210_15 Datasheet HTML 12Page - Analog Devices AD8210_15 Datasheet HTML 13Page - Analog Devices AD8210_15 Datasheet HTML 14Page - Analog Devices AD8210_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
AD8210
Rev. D | Page 11 of 16
MODES OF OPERATION
The AD8210 can be adjusted for unidirectional or bidirectional
operation.
UNIDIRECTIONAL OPERATION
Unidirectional operation allows the AD8210 to measure
currents through a resistive shunt in one direction. The basic
modes for unidirectional operation are ground referenced
output mode and V+ referenced output mode.
In unidirectional operation, the output can be set at the negative
rail (near ground) or at the positive rail (near V+) when the
differential input is 0 V. The output moves to the opposite rail
when a correct polarity differential input voltage is applied. In
this case, full scale is approximately 250 mV. The required
polarity of the differential input depends on the output voltage
setting. If the output is set at ground, the polarity needs to be
positive to move the output up (see Table 5). If the output is set
at the positive rail, the input polarity needs to be negative to
move the output down (see Table 6).
Ground Referenced Output
When using the AD8210 in this mode, both reference inputs
are tied to ground, which causes the output to sit at the negative
rail when the differential input voltage is zero (see Figure 27
and Table 4).
AD8210
OUTPUT
G = +20
RS
+IN
–IN
VS
VREF1
VREF2
GND
0.1µF
Figure 27. Ground Referenced Output
Table 4. V+ = 5 V
VIN (Referred to −IN)
VO
0 V
0.05 V
250 mV
4.9 V
V+ Referenced Output
This mode is set when both reference pins are tied to the
positive supply. It is typically used when the diagnostic scheme
requires detection of the amplifier and wiring before power is
applied to the load (see Figure 28 and Table 5).
AD8210
OUTPUT
G = +20
RS
+IN
–IN
VS
VREF1
VREF2
GND
0.1µF
Figure 28. V+ Referenced Output
Table 5. V+ = 5 V
VIN (Referred to −IN)
VO
0 V
4.9 V
−250 mV
0.05 V
BIDIRECTIONAL OPERATION
Bidirectional operation allows the AD8210 to measure currents
through a resistive shunt in two directions. The output offset
can be set anywhere within the output range. Typically, it is set
at half scale for equal measurement range in both directions. In
some cases, however, it is set at a voltage other than half scale
when the bidirectional current is nonsymmetrical.
Table 6. V+ = 5 V, VO = 2.5 V with VIN = 0 V
VIN (Referred to –IN)
VO
+125 mV
4.9 V
−125 mV
0.05 V
Adjusting the output can also be accomplished by applying
voltage(s) to the reference inputs.


Numéro de pièce similaire - AD8210_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8210 AD-AD8210_12 Datasheet
293Kb / 16P
   High Voltage, Bidirectional Current Shunt Monitor
REV. C
AD8210 AD-AD8210_17 Datasheet
284Kb / 15P
   High Voltage, Bidirectional Current Shunt Monitor
More results

Description similaire - AD8210_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8210 AD-AD8210_12 Datasheet
293Kb / 16P
   High Voltage, Bidirectional Current Shunt Monitor
REV. C
AD8210 AD-AD8210_07 Datasheet
406Kb / 16P
   High Voltage, Bidirectional Current Shunt Monitor
REV. A
AD8210YR-R7 AD-AD8210YR-R7 Datasheet
329Kb / 16P
   High Voltage, Bidirectional Current Shunt Monitor
REV. D
AD8210 AD-AD8210_17 Datasheet
284Kb / 15P
   High Voltage, Bidirectional Current Shunt Monitor
AD8210 AD-AD8210_06 Datasheet
354Kb / 16P
   High Voltage, Bidirectional Current Shunt Monitor
REV. 0
logo
Burr-Brown (TI)
INA170 BURR-BROWN-INA170_12 Datasheet
549Kb / 13P
   High-Side, Bidirectional CURRENT SHUNT MONITOR
logo
Texas Instruments
INA170 TI1-INA170_17 Datasheet
583Kb / 15P
[Old version datasheet]   High-Side, Bidirectional CURRENT SHUNT MONITOR
logo
Burr-Brown (TI)
INA170 BURR-BROWN-INA170 Datasheet
209Kb / 10P
   High-Side, Bidirectional CURRENT SHUNT MONITOR
logo
Analog Devices
AD8212 AD-AD8212 Datasheet
178Kb / 8P
   High Voltage Current Shunt Monitor
Rev. PrA
AD8215 AD-AD8215_16 Datasheet
258Kb / 13P
   High Voltage, Current Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com