Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC848A Fiches technique(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

No de pièce BC848A
Description  NPN Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Site Internet  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BC848A Fiches technique(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BC848A Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BC848A Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd BC848A Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
BC846
80
BC847
50
BC848
30
Collector- emitter breakdown voltage BC846
65
BC847
45
BC848
30
Emitter - base breakdown voltage
VEBO
IE= 100μA, IC= 0
6
Collector-base cut-off current
BC846
VCB= 70 V , IE= 0
BC847
VCB= 50 V , IE= 0
BC848
VCB= 30 V, IE= 0
Collector- emitter cut-off current
BC846
VCE= 60 V , IE= 0
BC847
VCE= 45 V , IE= 0
BC848
VCE= 30 V , IE= 0
Emitter cut-off current
IEBO
VEB= 5V , IC=0
100
Collector-emitter saturation voltage
VCE(sat) IC=100 mA, IB=5mA
0.4
Base - emitter saturation voltage
VBE(sat) IC=100 mA, IB=5mA
1.1
DC current gain
BC846A,847A,848A
110
220
BC846B,847B,848B
200
450
BC847C,848C
420
800
Collector output capacitance
Cob
VCB= 10V,f= 1 MHz
4.5
pF
Transition frequency
fT
VCE= 5V, IC= 10mA,f=100MHz
100
MHz
V
V
uA
VCBO
Ic= 100 μA, IE= 0
VCEO
Ic= 1 mA, IB= 0
ICBO
ICEO
100
1
hFE
VCE= 5V, IC= 2mA
Classification of hfe
NPN Transistors
BC846~BC848 (KC846~KC848)
nA
nA
Type
BC846A
BC846B
BC847A
BC847B
BC847C
BC848A
BC848B
BC848C
Range
110-220
220-450
110-220
220-450
420-800
110-220
220-450
420-800
Marking
1A
1B
1E
1F
1G
1J
1K
1L


Numéro de pièce similaire - BC848A

FabricantNo de pièceFiches techniqueDescription
logo
Transys Electronics
BC848A TRSYS-BC848A Datasheet
371Kb / 3P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
logo
Shenzhen Luguang Electr...
BC848A LUGUANG-BC848A Datasheet
2Mb / 4P
   NPN general purpose Transistor
logo
Galaxy Semi-Conductor H...
BC848A BILIN-BC848A Datasheet
202Kb / 4P
   NPN general purpose Transistor
logo
Olitech Electronics Co....
BC848A OLITECH-BC848A Datasheet
619Kb / 3P
   Plastic-Encapsulate Transistors
logo
Zowie Technology Corpor...
BC848A ZOWIE-BC848A Datasheet
79Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
More results

Description similaire - BC848A

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com