Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC857 Fiches technique(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

No de pièce BC857
Description  PNP Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Site Internet  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BC857 Fiches technique(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BC857 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BC857 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd BC857 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
BC856
-80
BC857
-50
BC858
-30
Collector- emitter breakdown voltage
BC856
-65
BC857
-45
BC858
-30
Emitter - base breakdown voltage
VEBO
IE= -100μA, IC=0
-5
Collector-base cut-off current
BC856
VCB= -70 V , IE=0
BC857
VCB= -45 V , IE=0
BC858
VCB= -25 V , IE=0
Collector- emittercut-off current
BC856
VCE= -55 V , IE=0
BC857
VCE= -40 V , IE=0
BC858
VCE= -25 V , IE=0
Emitter cut-off current
IEBO
VEB= -5V , IC=0
-100
Collector-emitter saturation voltage
VCE(sat) IC=-100 mA, IB=-5mA
-0.5
Base - emitter saturation voltage
VBE(sat) IC=-100 mA, IB=-5mA
-1.1
DC current gain
BC856A,857A,858A
125
250
BC856B,857B,858B
220
475
BC857C,858C
420
800
Collector output capacitance
Cob
VCB= -10V, f=1MHz
4.5
pF
Transition frequency
fT
VCE= -5V, IC= -10mA,f=100MHz
100
MHz
VCBO
Ic= -100 μA, IE=0
VCEO
Ic= -1mA, IB=0
V
V
uA
-100
ICEO
-1
hFE
VCE= -5V, IC= -2mA
ICBO
Classification of hfe
PNP Transistors
BC856~BC858 (KC856~KC858)
nA
nA
Type
BC856A
BC856B
BC857A
BC857B
BC857C
BC858A
BC858B
BC858C
Range
125-250
220-475
125-250
220-475
420-800
125-250
220-475
420-800
Marking
3A
3B
3E
3F
3G
3J
3K
3L


Numéro de pièce similaire - BC857

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BC857 PHILIPS-BC857 Datasheet
47Kb / 8P
   PNP general purpose transistors
1999 Apr 12
logo
KEC(Korea Electronics)
BC857 KEC-BC857 Datasheet
525Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR
logo
Central Semiconductor C...
BC857 CENTRAL-BC857 Datasheet
116Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
logo
Diotec Semiconductor
BC857 DIOTEC-BC857 Datasheet
145Kb / 2P
   SMD General Purpose PNP Transistors
logo
NXP Semiconductors
BC857 NXP-BC857 Datasheet
164Kb / 10P
   PNP general purpose transistors
2004 Jan 16
More results

Description similaire - BC857

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com