Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8176 Fiches technique(PDF) 3 Page - Analog Devices

No de pièce AD8176
Description  Video Crosspoint Switch
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8176 Fiches technique(HTML) 3 Page - Analog Devices

  AD8176_15 Datasheet HTML 1Page - Analog Devices AD8176_15 Datasheet HTML 2Page - Analog Devices AD8176_15 Datasheet HTML 3Page - Analog Devices AD8176_15 Datasheet HTML 4Page - Analog Devices AD8176_15 Datasheet HTML 5Page - Analog Devices AD8176_15 Datasheet HTML 6Page - Analog Devices AD8176_15 Datasheet HTML 7Page - Analog Devices AD8176_15 Datasheet HTML 8Page - Analog Devices AD8176_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
AD8176
Rev. 0 | Page 3 of 40
SPECIFICATIONS
VS = ± 2.5 V at TA = 25°C, G = +4, RL = 100 Ω (each output), VBLK = 0 V, output CM voltage = 0 V, differential I/O mode, unless
otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
200 mV p-p
450
MHz
2 V p-p
420
MHz
Gain Flatness
0.1 dB, 200 mV p-p
17
MHz
Propagation Delay
2 V p-p
1.3
ns
Settling Time
1% , 2 V step
4
ns
Slew Rate, Differential Output
2 V step
1650
V/μs
2 V step, 10% to 90%
1450
V/μs
Slew Rate, RGB Common Mode
1 V step , 10% to 90%
300
V/μs
Slew Rate, HV Outputs
Rail-to-rail, TTL load
400
V/μs
NOISE/DISTORTION PERFORMANCE
Crosstalk, All Hostile
f = 5 MHz
−82
dB
f = 10 MHz
−74
dB
f = 100 MHz
−56
dB
f = 500 MHz
−47
dB
Off Isolation, Input-Output
f = 10 MHz, RL = 100 Ω, one channel
−90
dB
Input Voltage Noise
0.01 MHz to 50 MHz
50
nV/√Hz
DC PERFORMANCE
Gain Error
1
%
Gain Matching
R, G, B same channel
0.5
%
Gain Temperature Coefficient
32
ppm/°C
OUTPUT CHARACTERISTICS
Output Offset Voltage
CMENC on or off
20
mV
Temperature coefficient
58
μV/°C
Output Offset Voltage,
RGB Common Mode
CMENC on or off
10
mV
Temperature coefficient
−16
μV/°C
Output Impedance
Enabled, differential
1.5
Ω
Disabled, differential
2.7
Output Disable Capacitance
Disabled
2
pF
Output Leakage Current
Disabled
1
μA
Output Voltage Range
No load, differential
4
V p-p
Output Current
Short circuit
45
mA
INPUT CHARACTERISTICS
Input Voltage Range,
Differential Mode
1
V p-p
Input Voltage Range,
Common Mode
VIN = 1 V p-p
±2.25
V p-p
CMR, RGB Input
ΔVOUT, DM/ΔVIN, CM, ΔVIN, CM = ±0.5 V, CMENC off
–62
dB
ΔVOUT, DM/ΔVIN, CM, ΔVIN, CM = ±0.5 V, CMENC on
−45
dB
CM Gain, RGB Input
ΔVOUT, CM/ΔVIN, CM, ΔVIN, CM = ±0.5 V CMENC off
−70
dB
ΔVOUT, CM/ΔVIN, CM, ΔVIN, CM = ±0.5 V, CMENC on
0
dB
Input Capacitance
Any switch configuration
2
pF
Input Resistance
Differential
3.33
Input Offset Current
1
μA


Numéro de pièce similaire - AD8176_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8176 AD-AD8176_16 Datasheet
785Kb / 37P
   Video Crosspoint Switch
More results

Description similaire - AD8176_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
AD8178 AD-AD8178_16 Datasheet
770Kb / 37P
   Video Crosspoint Switch
AD8175 AD-AD8175 Datasheet
838Kb / 40P
   Video Crosspoint Switch
Rev. 0
AD8176 AD-AD8176_16 Datasheet
785Kb / 37P
   Video Crosspoint Switch
AD8175 AD-AD8175_15 Datasheet
628Kb / 40P
   Video Crosspoint Switch
REV. B
AD8116 AD-AD8116_15 Datasheet
993Kb / 29P
   Video Crosspoint Switch
REV. B
AD8177 AD-AD8177_15 Datasheet
851Kb / 40P
   Video Crosspoint Switch
REV. 0
AD8178 AD-AD8178_15 Datasheet
826Kb / 40P
   Video Crosspoint Switch
REV. 0
logo
National Semiconductor ...
LMH6586 NSC-LMH6586 Datasheet
753Kb / 24P
   32x16 Video Crosspoint Switch
logo
Texas Instruments
LMH6586 TI1-LMH6586_14 Datasheet
740Kb / 29P
[Old version datasheet]   32x16 Video Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com