Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8177 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD8177
Description  Video Crosspoint Switch
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8177 Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD8177_15 Datasheet HTML 2Page - Analog Devices AD8177_15 Datasheet HTML 3Page - Analog Devices AD8177_15 Datasheet HTML 4Page - Analog Devices AD8177_15 Datasheet HTML 5Page - Analog Devices AD8177_15 Datasheet HTML 6Page - Analog Devices AD8177_15 Datasheet HTML 7Page - Analog Devices AD8177_15 Datasheet HTML 8Page - Analog Devices AD8177_15 Datasheet HTML 9Page - Analog Devices AD8177_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
AD8177
Rev. 0 | Page 6 of 40
TIMING CHARACTERISTICS (PARALLEL MODE)
Table 7.
Limit
Parameter
Symbol
Min
Typ
Max
Unit
Parallel Data Setup Time
t1
80
ns
WE Pulse Width
t2
110
ns
Parallel Hold Time
t3
150
ns
WE Pulse Separation
t4
90
ns
WE to UPDATE Delay
t5
10
ns
UPDATE Pulse Width
t6
90
ns
Propagation Delay, UPDATE to Switch On
80
ns
RST Time
140
200
ns
t2
t4
1
0
WE
1
0
t1
t3
1 = LATCHED
0 = TRANSPARENT
UPDATE
t6
D0 TO D4
A0 TO A2
t5
Figure 3. Timing Diagram, Parallel Mode
Table 8. Logic Levels, VDD = 3.3 V
VIH
VIL
VOH
VOL
IIH
IIL
IOH
IOL
SER/PAR, WE,
D0, D1, D2, D3,
D4, A0, A1, A2,
UPDATE
SER/PAR, WE,
D0, D1, D2, D3,
D4, A0, A1, A2,
UPDATE
SEROUT
SEROUT
SER/PAR, WE,
D0, D1, D2, D3,
D4, A0, A1, A2,
UPDATE
SER/PAR, WE,
D0, D1, D2, D3,
D4, A0, A1, A2,
UPDATE
SEROUT
SEROUT
2.0 V min
0.6 V max
Disabled
Disabled
20 μA max
−20 μA max
Disabled
Disabled
Table 9. H and V Logic Levels, VDD = 3.3 V
VOH
VOL
IOH
IOL
2.7 V min
0.5 V max
–3 mA max
3 mA max
Table 10. RST Logic Levels, VDD = 3.3 V
VIH
VIL
IIH
IIL
2.0 V min
0.6 V max
−60 μA max
−120 μA max
Table 11. CS Logic Levels, VDD = 3.3 V
VOH
VOL
IIH
IOL
2.0 V min
0.6 V max
100 μA max
40 μA max


Numéro de pièce similaire - AD8177_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8177-EVALZ AD-AD8177-EVALZ Datasheet
854Kb / 40P
   500 MHz, Triple 16 횞 5 Video Crosspoint Switch
Rev. 0
AD8177ABPZ AD-AD8177ABPZ Datasheet
854Kb / 40P
   500 MHz, Triple 16 횞 5 Video Crosspoint Switch
Rev. 0
More results

Description similaire - AD8177_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
AD8178 AD-AD8178_16 Datasheet
770Kb / 37P
   Video Crosspoint Switch
AD8176 AD-AD8176_15 Datasheet
877Kb / 40P
   Video Crosspoint Switch
REV. 0
AD8175 AD-AD8175 Datasheet
838Kb / 40P
   Video Crosspoint Switch
Rev. 0
AD8176 AD-AD8176_16 Datasheet
785Kb / 37P
   Video Crosspoint Switch
AD8175 AD-AD8175_15 Datasheet
628Kb / 40P
   Video Crosspoint Switch
REV. B
AD8116 AD-AD8116_15 Datasheet
993Kb / 29P
   Video Crosspoint Switch
REV. B
AD8178 AD-AD8178_15 Datasheet
826Kb / 40P
   Video Crosspoint Switch
REV. 0
logo
National Semiconductor ...
LMH6586 NSC-LMH6586 Datasheet
753Kb / 24P
   32x16 Video Crosspoint Switch
logo
Texas Instruments
LMH6586 TI1-LMH6586_14 Datasheet
740Kb / 29P
[Old version datasheet]   32x16 Video Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com