Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8156 Fiches technique(PDF) 4 Page - Analog Devices

No de pièce AD8156
Description  Digital Crosspoint Switch with EQ
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8156 Fiches technique(HTML) 4 Page - Analog Devices

  AD8156_15 Datasheet HTML 1Page - Analog Devices AD8156_15 Datasheet HTML 2Page - Analog Devices AD8156_15 Datasheet HTML 3Page - Analog Devices AD8156_15 Datasheet HTML 4Page - Analog Devices AD8156_15 Datasheet HTML 5Page - Analog Devices AD8156_15 Datasheet HTML 6Page - Analog Devices AD8156_15 Datasheet HTML 7Page - Analog Devices AD8156_15 Datasheet HTML 8Page - Analog Devices AD8156_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD8156
Rev. 0 | Page 4 of 20
TIMING SPECIFICATIONS
VTTI = VTTO = VCC = 3.3 V, VEE = 0 V, RL = 50 Ω, differential output swing = 800 mV, ac-coupled, data rate = 6.25 Gbps, PRBS 223 − 1,
VIN = 1 V p-p differential, TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
FIRST RANK WRITE CYCLE
CS to WE Setup Time
tCSW
0
ns
Address Setup Time
tASW
0
ns
Data Setup Time
tDSW
1
ns
WE to CS Hold Time
tCHW
0
ns
Address Hold Time
tAHW
0
ns
Data Hold Time
tDHW
0
ns
WE Pulse Width
tWP
10
ns
SECOND RANK UPDATE CYCLE
CS to UPD Setup Time
tCSU
0
ns
UPD to CS Hold Time
tCHU
0
ns
Output Enable
tUOE
20
ns
Output Switch
tUOT
10
ns
Output Disable
tUOD
20
ns
UPD Pulse Width
tUW
10
ns
TRANSPARENT WRITE AND UPDATE CYCLE
Output Enable
tWOE
35
50
ns
Output Toggle
tWOT
25
45
ns
Output Disable
tWOD
25
45
ns
SECOND RANK READBACK CYCLE
CS to RE Setup Time
tCSR
0
ns
RE to CS Hold Time
tCHR
0
ns
ADDR from RE
tRHA
5
ns
DATA from RE
tRDE
15
ns
Access Time
tAA
15
30
ns
RE to Read Disable
tRDD
50
ns
ASYNCHRONOUS RESET
Output Disable
tTOD
10
25
ns
RST Pulse Width
tTW
10
ns


Numéro de pièce similaire - AD8156_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8156-EVALZ AD-AD8156-EVALZ Datasheet
537Kb / 20P
   6.25 Gbps 4횞4 Digital Crosspoint Switch with EQ
REV. 0
AD8156ABCZ AD-AD8156ABCZ Datasheet
537Kb / 20P
   6.25 Gbps 4횞4 Digital Crosspoint Switch with EQ
REV. 0
More results

Description similaire - AD8156_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8156 AD-AD8156 Datasheet
537Kb / 20P
   6.25 Gbps 4횞4 Digital Crosspoint Switch with EQ
REV. 0
AD8151 AD-AD8151_15 Datasheet
1Mb / 40P
   Digital Crosspoint Switch
REV. B
AD8152 AD-AD8152_15 Datasheet
1Mb / 32P
   Asynchronous Digital Crosspoint Switch
REV. A
logo
ams AG
AS3588A AMSCO-AS3588A Datasheet
98Kb / 15P
   DIGITAL TIME/SPACE CROSSPOINT SWITCH
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
logo
Fairchild Semiconductor
MSX532 FAIRCHILD-MSX532 Datasheet
677Kb / 36P
   532 Port Digital Crosspoint Switch with LVTTL I/O?셲
logo
TriQuint Semiconductor
TQ8025 TRIQUINT-TQ8025 Datasheet
217Kb / 10P
   2.5 Gigabit/sec 16x16 Digital Crosspoint Switch
logo
Vitesse Semiconductor C...
VSC3004 VITESSE-VSC3004 Datasheet
456Kb / 2P
   Crosspoint Switch with Integrated Equalization
VSC3104 VITESSE-VSC3104 Datasheet
446Kb / 2P
   crosspoint switch with integrated equalization
logo
Analog Devices
AD8150 AD-AD8150_15 Datasheet
756Kb / 44P
   Crosspoint Switch
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com