Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8147 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD8147
Description  Triple Differential Driver for Wideband Video
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8147 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD8147_15 Datasheet HTML 7Page - Analog Devices AD8147_15 Datasheet HTML 8Page - Analog Devices AD8147_15 Datasheet HTML 9Page - Analog Devices AD8147_15 Datasheet HTML 10Page - Analog Devices AD8147_15 Datasheet HTML 11Page - Analog Devices AD8147_15 Datasheet HTML 12Page - Analog Devices AD8147_15 Datasheet HTML 13Page - Analog Devices AD8147_15 Datasheet HTML 14Page - Analog Devices AD8147_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
AD8146/AD8147/AD8148
Rev. B | Page 11 of 24
1.5
–1.5
0
20
TIME (ns)
1.0
0.5
0
–0.5
–1.0
2
4
6
8
10
12
14
16
18
VS = ±2.5V
VS = ±5.0V
VOUT, dm = 2V p-p
Figure 12. AD8146/AD8147 Large Signal Transient Response for Various Supplies
150
–150
0
20
TIME (ns)
100
50
0
–50
–100
2
4
6
8
10
12
14
16
18
VOUT, dm = 0.2V p-p
VS = ±2.5V
VS = ±5.0V
Figure 13. AD8146/AD8147 Small Signal Transient Response for Various Supplies
–20
–70
1
1000
FREQUENCY (MHz)
10
100
–25
–30
–35
–40
–45
–50
–55
–60
–65
ΔVOUT, cm/ΔVOUT, dm
ΔVOUT, dm = 2V p-p
AD8147
AD8148
AD8146
Figure 14. Output Balance vs. Frequency
1.5
–1.5
0
20
TIME (ns)
1.0
0.5
0
–0.5
–1.0
2
4
6
8
10
12
14
16
18
VOUT, dm = 2V p-p
VS = ±2.5V
VS = ±5.0V
Figure 15. AD8148 Large Signal Transient Response for Various Supplies
150
–150
0
20
TIME (ns)
100
50
0
–50
–100
2
4
6
8
10
12
14
16
18
VOUT, dm = 0.2V p-p
VS = ±2.5V
VS = ±5.0V
Figure 16. AD8148 Small Signal Transient Response for Various Supplies
–20
–80
1
1000
FREQUENCY (MHz)
10
100
–30
–40
–50
–60
–70
ΔVOUT, dm/ΔVIN, cm
ΔVIN, cm = 2V p-p
AD8146
AD8148
AD8147
Figure 17. CMRR vs. Frequency


Numéro de pièce similaire - AD8147_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8147ACPZ-R2 AD-AD8147ACPZ-R2 Datasheet
584Kb / 24P
   Triple Differential Driver for Wideband Video
REV. 0
AD8147ACPZ-R7 AD-AD8147ACPZ-R7 Datasheet
584Kb / 24P
   Triple Differential Driver for Wideband Video
REV. 0
AD8147ACPZ-RL AD-AD8147ACPZ-RL Datasheet
584Kb / 24P
   Triple Differential Driver for Wideband Video
REV. 0
More results

Description similaire - AD8147_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8146 AD-AD8146_15 Datasheet
543Kb / 24P
   Triple Differential Driver for Wideband Video
REV. B
AD8146 AD-AD8146 Datasheet
584Kb / 24P
   Triple Differential Driver for Wideband Video
REV. 0
AD8148 AD-AD8148_15 Datasheet
543Kb / 24P
   Triple Differential Driver for Wideband Video
REV. B
logo
California Eastern Labs
UPC1663GV CEL-UPC1663GV Datasheet
188Kb / 6P
   ULTRA-WIDEBAND DIFFERENTIAL VIDEO AMPLIFIER
logo
NEC
UPC1663G NEC-UPC1663G Datasheet
45Kb / 5P
   ULTRA-WIDEBAND DIFFERENTIAL VIDEO AMPLIFIER
logo
Unisonic Technologies
VF8418 UTC-VF8418_15 Datasheet
165Kb / 6P
   TRIPLE VIDEO DRIVER
logo
Sanyo Semicon Device
LA73062V SANYO-LA73062V Datasheet
218Kb / 12P
   Monolithic Linear IC Video Driver for Wideband
logo
Agamem Microelectronic ...
AA7623 AGAMEM-AA7623 Datasheet
40Kb / 1P
   TRIPLE CHANNEL VIDEO DRIVER
logo
New Japan Radio
NJM2504 NJRC-NJM2504 Datasheet
117Kb / 5P
   VIDEO DIFFERENTIAL OUTPUT DRIVER
logo
IC-Haus GmbH
IC-HE ICHAUS-IC-HE Datasheet
371Kb / 6P
   TRIPLE DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com