Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8112 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD8112
Description  Audio/Video, 60 MHz, 16 8, Gain of 2 Crosspoint Switch
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8112 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD8112_15 Datasheet HTML 7Page - Analog Devices AD8112_15 Datasheet HTML 8Page - Analog Devices AD8112_15 Datasheet HTML 9Page - Analog Devices AD8112_15 Datasheet HTML 10Page - Analog Devices AD8112_15 Datasheet HTML 11Page - Analog Devices AD8112_15 Datasheet HTML 12Page - Analog Devices AD8112_15 Datasheet HTML 13Page - Analog Devices AD8112_15 Datasheet HTML 14Page - Analog Devices AD8112_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD8112
Rev. 0 | Page 11 of 28
I/O SCHEMATICS
ESD
ESD
INPUT
VCC
AVEE
Figure 7. Analog Input
ESD
ESD
OUTPUT
VCC
AVEE
Figure 8. Analog Output
ESD
ESD
RESET
20kΩ
DGND
VCC
Figure 9. Reset Input
ESD
ESD
INPUT
DGND
VCC
Figure 10. Logic Input
ESD
ESD
OUTPUT
2kΩ
DGND
VCC
Figure 11. Logic Output


Numéro de pièce similaire - AD8112_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8112-EVALZ1 AD-AD8112-EVALZ1 Datasheet
527Kb / 28P
   Audio/Video, 60 MHz, 16 횞 8, Gain of 2 Crosspoint Switch
REV. 0
AD8112JSTZ AD-AD8112JSTZ Datasheet
527Kb / 28P
   Audio/Video, 60 MHz, 16 횞 8, Gain of 2 Crosspoint Switch
REV. 0
AD8112JSTZ1 AD-AD8112JSTZ1 Datasheet
527Kb / 28P
   Audio/Video, 60 MHz, 16 횞 8, Gain of 2 Crosspoint Switch
REV. 0
More results

Description similaire - AD8112_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8112 AD-AD8112 Datasheet
527Kb / 28P
   Audio/Video, 60 MHz, 16 횞 8, Gain of 2 Crosspoint Switch
REV. 0
AD8113JSTZ AD-AD8113JSTZ Datasheet
1Mb / 28P
   Audio/Video 60 MHz 16  16, G = 2 Crosspoint Switch
REV. A
AD8113JST AD-AD8113JST Datasheet
1Mb / 28P
   Audio/Video 60 MHz 16 X 16, G = 2 Crosspoint Switch
REV. A
logo
National Semiconductor ...
LMH6582 NSC-LMH6582 Datasheet
538Kb / 8P
   16x8 500 MHz Analog Crosspoint Switch, Gain of 1/Gain of 2
logo
Texas Instruments
LMH6580 TI1-LMH6580 Datasheet
594Kb / 30P
[Old version datasheet]   8x4 500 MHz Analog Crosspoint Switch, Gain of 1,Gain of 2
logo
Analog Devices
AD8116JSTZ AD-AD8116JSTZ Datasheet
955Kb / 29P
   200 MHz, 16  16 Buffered Video Crosspoint Switch
REV. B
logo
Texas Instruments
LMH6583 TI1-LMH6583_14 Datasheet
369Kb / 24P
[Old version datasheet]   LMH6583 16x8 550 MHz Analog Crosspoint Switch, Gain of 2
LMH6583 TI1-LMH6583 Datasheet
494Kb / 24P
[Old version datasheet]   LMH6583 16x8 550 MHz Analog Crosspoint Switch, Gain of 2
logo
Maxim Integrated Produc...
MAX9675 MAXIM-MAX9675 Datasheet
802Kb / 27P
   110MHz, 16 x 16 Video Crosspoint Switch with Programmable Gain
Rev 0; 7/08
logo
Analog Devices
AD8116 AD-AD8116 Datasheet
287Kb / 26P
   200 MHz, 16 x 16 Buffered Video Crosspoint Switch
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com