Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8112 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD8112
Description  Audio/Video, 60 MHz, 16 8, Gain of 2 Crosspoint Switch
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8112 Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD8112_15 Datasheet HTML 4Page - Analog Devices AD8112_15 Datasheet HTML 5Page - Analog Devices AD8112_15 Datasheet HTML 6Page - Analog Devices AD8112_15 Datasheet HTML 7Page - Analog Devices AD8112_15 Datasheet HTML 8Page - Analog Devices AD8112_15 Datasheet HTML 9Page - Analog Devices AD8112_15 Datasheet HTML 10Page - Analog Devices AD8112_15 Datasheet HTML 11Page - Analog Devices AD8112_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD8112
Rev. 0 | Page 8 of 28
Table 7. Operation Truth Table
CE
UPDATE
CLK
DATA IN
DATA OUT
RESET
SER/PAR
Operation/Comment
1
X
X
X
X
X
X
No change in logic.
0
1
Data i
Data i-80
1
0
The data on the serial DATA IN line is loaded into serial register.
The first bit clocked into the serial register appears at DATA OUT
80 clocks later.
0
1
D0 ... D4,
A0 ... A2
N/A in
Parallel
Mode
1
1
The data on the parallel data lines, D0 to D4, is loaded into the
80-bit serial shift register location addressed by A0 to A2.
0
0
X
X
X
1
X
Data in the 80-bit shift register transfers into the parallel
latches that control the switch array. Latches are transparent.
X
X
X
X
X
0
X
Asynchronous operation. All outputs are disabled. Remainder
of logic is unchanged.
D
CLK
Q
A0
A1
A2
CLK
CE
UPDATE
8
128
DATA IN
(SERIAL)
(OUTPUT
ENABLE)
SER/PAR
RESET
(OUTPUT ENABLE)
OUT00 EN
DATA OUT
PARALLEL
DATA
D
CLK
CLK
CLK
CLK
D1
D2
D3
CLK
CLK
CLK
CLK
CLK
OUT01 EN
OUT02 EN
OUT03 EN
OUT04 EN
OUT05 EN
OUT06 EN
OUT07 EN
D
LE
Q
CLR
OUT07
EN
OUTPUT ENABLE
SWITCH MATRIX
S
D1
Q
D0
D0
S
D1
Q
D0
S
D1
Q
D0
S
D1
Q
D0
S
D1
Q
D0
S
D1
Q
D0
S
D1
Q
D0
S
D1
Q
D0
CLK
S
D1
Q
D0
D4
DECODE
D
LE
Q
CLR
OUT00
EN
D
LE
OUT00
B0
Q
D
LE
Q
OUT00
B1
D
LE
Q
OUT00
B2
D
LE
Q
OUT00
B3
D
LE
OUT01
B0
Q
D
LE
Q
CLR
OUT06
EN
D
LE
OUT07
B0
Q
D
LE
OUT07
B1
Q
D
LE
OUT07
B2
Q
CLK
S
D1
Q
D0
S
D1
Q
D0
D
LE
OUT07
B3
Q
S
D1
Q
D0
QD Q
D Q
D Q
D Q
D Q
D Q
D Q
D Q
D Q
DQ
Figure 5. Logic Diagram


Numéro de pièce similaire - AD8112_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8112-EVALZ1 AD-AD8112-EVALZ1 Datasheet
527Kb / 28P
   Audio/Video, 60 MHz, 16 횞 8, Gain of 2 Crosspoint Switch
REV. 0
AD8112JSTZ AD-AD8112JSTZ Datasheet
527Kb / 28P
   Audio/Video, 60 MHz, 16 횞 8, Gain of 2 Crosspoint Switch
REV. 0
AD8112JSTZ1 AD-AD8112JSTZ1 Datasheet
527Kb / 28P
   Audio/Video, 60 MHz, 16 횞 8, Gain of 2 Crosspoint Switch
REV. 0
More results

Description similaire - AD8112_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8112 AD-AD8112 Datasheet
527Kb / 28P
   Audio/Video, 60 MHz, 16 횞 8, Gain of 2 Crosspoint Switch
REV. 0
AD8113JSTZ AD-AD8113JSTZ Datasheet
1Mb / 28P
   Audio/Video 60 MHz 16  16, G = 2 Crosspoint Switch
REV. A
AD8113JST AD-AD8113JST Datasheet
1Mb / 28P
   Audio/Video 60 MHz 16 X 16, G = 2 Crosspoint Switch
REV. A
logo
National Semiconductor ...
LMH6582 NSC-LMH6582 Datasheet
538Kb / 8P
   16x8 500 MHz Analog Crosspoint Switch, Gain of 1/Gain of 2
logo
Texas Instruments
LMH6580 TI1-LMH6580 Datasheet
594Kb / 30P
[Old version datasheet]   8x4 500 MHz Analog Crosspoint Switch, Gain of 1,Gain of 2
logo
Analog Devices
AD8116JSTZ AD-AD8116JSTZ Datasheet
955Kb / 29P
   200 MHz, 16  16 Buffered Video Crosspoint Switch
REV. B
logo
Texas Instruments
LMH6583 TI1-LMH6583_14 Datasheet
369Kb / 24P
[Old version datasheet]   LMH6583 16x8 550 MHz Analog Crosspoint Switch, Gain of 2
LMH6583 TI1-LMH6583 Datasheet
494Kb / 24P
[Old version datasheet]   LMH6583 16x8 550 MHz Analog Crosspoint Switch, Gain of 2
logo
Maxim Integrated Produc...
MAX9675 MAXIM-MAX9675 Datasheet
802Kb / 27P
   110MHz, 16 x 16 Video Crosspoint Switch with Programmable Gain
Rev 0; 7/08
logo
Analog Devices
AD8116 AD-AD8116 Datasheet
287Kb / 26P
   200 MHz, 16 x 16 Buffered Video Crosspoint Switch
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com