Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8108 Fiches technique(PDF) 9 Page - Analog Devices

No de pièce AD8108
Description  325 MHz, 8 8 Buffered Video Crosspoint Switches
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8108 Fiches technique(HTML) 9 Page - Analog Devices

Back Button AD8108_15 Datasheet HTML 5Page - Analog Devices AD8108_15 Datasheet HTML 6Page - Analog Devices AD8108_15 Datasheet HTML 7Page - Analog Devices AD8108_15 Datasheet HTML 8Page - Analog Devices AD8108_15 Datasheet HTML 9Page - Analog Devices AD8108_15 Datasheet HTML 10Page - Analog Devices AD8108_15 Datasheet HTML 11Page - Analog Devices AD8108_15 Datasheet HTML 12Page - Analog Devices AD8108_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
AD8108/AD8109
Rev. B | Page 8 of 32
ABSOLUTE MAXIMUM RATINGS
Table 7.
Parameter
Rating
Supply Voltage
12.0 V
Internal Power Dissipation1
AD8108/AD8109 80-Lead Plastic LQFP (ST)
2.6 W
Input Voltage
±VS
Output Short-Circuit Duration
Observe power
derating curves
Storage Temperature Range2
−65°C to +125°C
1 Specification is for device in free air (TA = 25°C):
80-lead plastic LQFP (ST): θJA = 48°C/W.
2 Maximum reflow temperatures are to JEDEC industry standard J-STD-020.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by the
AD8108/AD8109 is limited by the associated rise in junction
temperature. The maximum safe junction temperature for
plastic encapsulated devices is determined by the glass transition
temperature of the plastic, approximately 125°C. Temporarily
exceeding this limit may cause a shift in parametric performance
due to a change in the stresses exerted on the die by the package.
Exceeding a junction temperature of 125°C for an extended
period can result in device failure.
While the AD8108/AD8109 are internally short-circuit protected,
this may not be sufficient to guarantee that the maximum junction
temperature (125°C) is not exceeded under all conditions. To
ensure proper operation, it is necessary to observe the maximum
power derating curves shown in Figure 5.
AMBIENT TEMPERATURE (
°C)
5.0
4.0
0
–50
80
–40 –30 –20 –10
0
10
20
30 40 50
60
70
3.0
2.0
1.0
TJ = 125°C
90
Figure 5. Maximum Power Dissipation vs. Temperature
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Numéro de pièce similaire - AD8108_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8108 AD-AD8108_16 Datasheet
469Kb / 27P
   8x8 Buffered Video Crosspoint Switches
More results

Description similaire - AD8108_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8109 AD-AD8109_15 Datasheet
1,020Kb / 33P
   325 MHz, 8 8 Buffered Video Crosspoint Switches
REV. B
AD8108 AD-AD8108_05 Datasheet
994Kb / 33P
   325 MHz, 8 횞 8 Buffered Video Crosspoint Switches
REV. B
AD8108 AD-AD8108 Datasheet
434Kb / 28P
   325 MHz, 8 x 8 Buffered Video Crosspoint Switches
REV. 0
AD8111ASTZ AD-AD8111ASTZ Datasheet
606Kb / 29P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8111 AD-AD8111_15 Datasheet
645Kb / 29P
   260 MHz, 16 8 Buffered Video Crosspoint Switches
REV. A
AD8110 AD-AD8110_15 Datasheet
645Kb / 29P
   260 MHz, 16 8 Buffered Video Crosspoint Switches
REV. A
AD8111ASTZ AD-AD8111ASTZ Datasheet
645Kb / 29P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8110ASTZ AD-AD8110ASTZ Datasheet
416Kb / 28P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8110 AD-AD8110_16 Datasheet
288Kb / 21P
   16x 8 Buffered Video Crosspoint Switches
AD8110 AD-AD8110 Datasheet
441Kb / 28P
   260 MHz, 16 x 8 Buffered Video Crosspoint Switches
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com