Moteur de recherche de fiches techniques de composants électroniques |
|
CDP1882D Fiches technique(PDF) 2 Page - Intersil Corporation |
|
CDP1882D Fiches technique(HTML) 2 Page - Intersil Corporation |
2 / 8 page 4-2 Absolute Maximum Ratings Thermal Information DC Supply Voltage Range, (VDD) (All Voltages Referenced to VSS Terminal) CDP1882 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +11V CDP1881C and CDP1882C. . . . . . . . . . . . . . . . . . . -0.5V to +7V Input Voltage Range, All Inputs . . . . . . . . . . . . . -0.5V to VDD +0.5V DC Input Current, Any One Input . . . . . . . . . . . . . . . . . . . . . . . . .±10mA Thermal Resistance (Typical) θ JA ( oC/W) θ JC ( oC/W) 18 Lead PDIP . . . . . . . . . . . . . . . . . . . 85 N/A 20 Lead PDIP . . . . . . . . . . . . . . . . . . . 80 N/A SBDIP Package . . . . . . . . . . . . . . . . . . 85 22 Device Dissipation Per Output Transistor TA = Full Package Temperature Range (All Package Types) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100mW Operating Temperature Range (TA) Package Type D. . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to +125oC Package Type E . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to +85oC Storage Temperature Range (TSTG) . . . . . . . . . . . . -65 oC to +150oC Lead Temperature (During Soldering) At distance 1/16 ±1/32 In. (1.59 ± 0.79mm) from case for 10s max . . . . . . . . . . . . . . . . . . . . . . . . . . . . +265oC CAUTION: Stresses above those listed in the “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and opera- tion of the device at these or any other conditions above those indicated in the operation section of this specification is not implied. Recommended Operating Conditions At TA = Full Package Temperature Range. For maximum reliability, operating conditions should be selected so that operation is always within the following ranges: PARAMETER CDP1882 CDP1881C, CDP1882C UNITS MIN MAX MIN MAX DC Operating Voltage Range 4 10.5 4 6.5 V Input Voltage Range VSS VDD VSS VDD V Static Electrical Specifications At TA = -40 oC to +85oC, V DD ± 5%, Except as Noted: PARAMETER SYMBOL CONDITIONS CDP1882 CDP1881C, CDP1882C UNITS VO (V) VIN (V) VDD (V) MIN (NOTE 1) TYP MAX MIN (NOTE 1) TYP MAX Quiescent Device Current IDD - 0, 5 5 - 1 10 - 5 50 µA - 0, 10 10 - 10 100 - - - µA Output Low Drive (Sink) Current IOL 0.4 0, 5 5 1.6 3.2 - 1.6 3.2 - mA 0.5 0, 10 10 3.2 6.4 - - - - mA Output High Drive (Source) Current IOH 4.6 0, 5 5 -1.15 -2.3 - -1.15 -2.3 - mA 9.5 0, 10 10 -2.3 -4.6 - - - - mA Output Voltage Low-Level (Note 2) VOL - 0, 5 5 - 0 0.1 - 0 0.1 V - 0, 10 10 - 0 0.1 - - - V Output Voltage High-Level (Note 2) VOH - 0, 5 5 4.9 5 - 4.9 5 - V - 0, 10 10 9.9 10 - - - - V Input Low Voltage VIL 0.5, 4.5 - 5 - - 1.5 - - 1.5 V 1, 9 - 10 - - 3 - - - V Input High Voltage VIH 0.5, 9.5 - 5 3.5 - - 3.5 - - V 1, 9 - 10 7 - - - - - V CDP1881C, CDP1882, CDP1882C |
Numéro de pièce similaire - CDP1882D |
|
Description similaire - CDP1882D |