Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDP1871ACD Fiches technique(PDF) 5 Page - Intersil Corporation

No de pièce CDP1871ACD
Description  CMOS Keyboard Encoder
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1871ACD Fiches technique(HTML) 5 Page - Intersil Corporation

  CDP1871ACD Datasheet HTML 1Page - Intersil Corporation CDP1871ACD Datasheet HTML 2Page - Intersil Corporation CDP1871ACD Datasheet HTML 3Page - Intersil Corporation CDP1871ACD Datasheet HTML 4Page - Intersil Corporation CDP1871ACD Datasheet HTML 5Page - Intersil Corporation CDP1871ACD Datasheet HTML 6Page - Intersil Corporation CDP1871ACD Datasheet HTML 7Page - Intersil Corporation CDP1871ACD Datasheet HTML 8Page - Intersil Corporation CDP1871ACD Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
4-70
Functional Description of
CDP1871A Terminals
D1 - D11 (Outputs):
Drive lines for the 11 x 8 keyboard switch matrix. These
outputs are connected through the external switch matrix to
the sense lines (S1 - S8).
S1 - S8 (Inputs):
Sense lines for the 11 x 8 keyboard maxtrix. These inputs
have internal pull-down resistors and are driven high by
appropriate drive line when a keyboard switch is closed.
CS1, CS2, CS3, CS4 (Inputs):
Chip select inputs, which are used to enable the three-state
data bus outputs (BUS 0 - BUS 7) and to enable the reset-
ting of the status flag (DA), which occurs on the low-to-high
transition of TPB. These four inputs are normally connected
to the N-lines (N0-N2) and MRD output of the CDP1800-
series microprocessor. (Table 2)
BUS 0 - BUS 7 (Outputs):
Three-state data bus outputs which provide the ASCll and
HEX codes of the detected keys. The outputs are normally
connected to the BUS 0 - BUS 7 terminals of the CDP1800-
series microprocessor.
DA (Output):
The data available output flag which is set low when a valid
key closure is detected. It is reset high by the low-to-high
transition of TPB when data is read from the CDP1871A.
This output is normally connected to a flag input (EF1 - EF4)
of the CDP1800-series microprocessor.
TPB (Input):
The input clock used to drive the scan generator and reset
the status flag (DA). This input is normally connected to the
TPB output of the CDP1800-series microprocessor.
RPT (Output):
The repeat output flag which is used to indicate that a key is
still closed after data has been read from the CDP1871A
(DA = high). It remains low as long as the key is closed and
is used for an autorepeat function, under CPU control. This
output is normally connected to a flag input (EF1 - EF4) of
the CDP1800-series microprocessor.
DEBOUNCE (Input):
This input is connected to the junction of an external resistor
to VDD and capacitor to VSS. It provides a debounce time
delay (t
≅ RC) after the release of a key. If a debounce is not
desired, the external pull-up resistor is still required.
ALPHA, SHIFT, CONTROL (Inputs):
A high on the SHIFT or CONTROL inputs will be internally
latched (after the debounce time) and the drive and sense
line decoding will be modified as shown in Table 3. They are
normally connected to the keyboard, but produce no code by
themselves. The SHIFT and CONTROL inputs have internal
pull-down resistors to simplify use with momentary contact
switches. The ALPHA input is not latched and is designed for
a standard SPDT switch to provide an alpha-lock function.
When ALPHA = 1 the drive and sense line decoding will be
modified as shown in Table 3.
VDD, VSS:
VDD is the positive supply voltage input. VSS is the most
negative supply voltage terminal and is normal connected to
ground.
All
outputs
swing
from
VSS to VDD. The
recommended input voltage swing is from VSS to VDD.
TABLE 1. SWITCH INPUT FUNCTIONS
CONTROL
SHIFT
ALPHA
KEY FUNCTION
0
0
0
Normal
1
X
X
Control
0
1
X
Shift
0
0
1
Alpha
NOTE:
X = Don’t Care
CDP1871A, CDP1871AC


Numéro de pièce similaire - CDP1871ACD

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
CDP1872 INTERSIL-CDP1872 Datasheet
32Kb / 6P
   High-Speed 8-Bit Input and Output Ports
March 1997
CDP1872C INTERSIL-CDP1872C Datasheet
32Kb / 6P
   High-Speed 8-Bit Input and Output Ports
March 1997
CDP1872CE INTERSIL-CDP1872CE Datasheet
32Kb / 6P
   High-Speed 8-Bit Input and Output Ports
March 1997
CDP1874C INTERSIL-CDP1874C Datasheet
32Kb / 6P
   High-Speed 8-Bit Input and Output Ports
March 1997
CDP1874CE INTERSIL-CDP1874CE Datasheet
32Kb / 6P
   High-Speed 8-Bit Input and Output Ports
March 1997
More results

Description similaire - CDP1871ACD

FabricantNo de pièceFiches techniqueDescription
logo
ELAN Microelectronics C...
EM83049 EMC-EM83049 Datasheet
96Kb / 17P
   KEYBOARD ENCODER
EM83050H EMC-EM83050H Datasheet
116Kb / 20P
   KEYBOARD ENCODER
EKK8301 EMC-EKK8301 Datasheet
566Kb / 30P
   Keyboard Encoder
EM83053A EMC-EM83053A Datasheet
210Kb / 24P
   KEYBOARD ENCODER
EM83055H EMC-EM83055H Datasheet
197Kb / 22P
   KEYBOARD ENCODER
logo
List of Unclassifed Man...
SC83053 ETC-SC83053 Datasheet
483Kb / 27P
   KEYBOARD ENCODER
AY-5-3600 ETC1-AY-5-3600 Datasheet
249Kb / 6P
   Keyboard Encoder
AY53600 ETC1-AY53600 Datasheet
249Kb / 6P
   Keyboard Encoder
logo
ELAN Microelectronics C...
EM83100A EMC-EM83100A Datasheet
147Kb / 6P
   RF KEYBOARD ENCODER
logo
Holtek Semiconductor In...
HT82K28A HOLTEK-HT82K28A Datasheet
143Kb / 20P
   Win98 Keyboard Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com