Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8058 Fiches technique(PDF) 2 Page - Analog Devices

No de pièce AD8058
Description  Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8058 Fiches technique(HTML) 2 Page - Analog Devices

  AD8058_15 Datasheet HTML 1Page - Analog Devices AD8058_15 Datasheet HTML 2Page - Analog Devices AD8058_15 Datasheet HTML 3Page - Analog Devices AD8058_15 Datasheet HTML 4Page - Analog Devices AD8058_15 Datasheet HTML 5Page - Analog Devices AD8058_15 Datasheet HTML 6Page - Analog Devices AD8058_15 Datasheet HTML 7Page - Analog Devices AD8058_15 Datasheet HTML 8Page - Analog Devices AD8058_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AD8057/AD8058
Data Sheet
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Connection Diagrams...................................................................... 1
General Description......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 5
Maximum Power Dissipation ..................................................... 5
ESD Caution.................................................................................. 5
Typical Performance Characteristics ..............................................6
Test Circuits..................................................................................... 12
Applications Information .............................................................. 13
Driving Capacitive Loads.......................................................... 13
Video Filter.................................................................................. 13
Differential Analog-to-Digital Driver ..................................... 14
Layout .......................................................................................... 14
Outline Dimensions....................................................................... 15
Ordering Guide .......................................................................... 15
REVISION HISTORY
3/14—Rev. D to Rev. E
Change to Figure 48 .........................................................................14
9/13—Rev. C to Rev. D
Changes to Output Voltage Swing Parameter, Table 3 .................4
Updated Outline Dimensions........................................................15
Changes to Ordering Guide ...........................................................16
10/10—Rev. B to Rev. C
Updated Format..................................................................Universal
Change to Third-Order Intercept Parameter, Table 1 ................. 3
Changes to Input Common-Mode Voltage Range Parameter,
Table 2 ................................................................................................ 4
Changes to Figure 32...................................................................... 10
Changes to Figure 35...................................................................... 11
Changes to Figure 41 and Figure 42............................................. 12
Changes to Figure 44 and Figure 45............................................. 13
Changes to Ordering Guide .......................................................... 16
8/03—Rev. A to Rev. B
Renumbered Figures and TPCs........................................Universal
Changes to Ordering Guide.............................................................4
Change to Figure 8 ......................................................................... 12
Update Outline Dimensions ......................................................... 14
Rev. E | Page 2 of 16


Numéro de pièce similaire - AD8058_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8058ACHIPS AD-AD8058ACHIPS Datasheet
184Kb / 14P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. A
AD8058ACHIPS AD-AD8058ACHIPS Datasheet
260Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. B
AD8058ACHIPS AD-AD8058ACHIPS Datasheet
485Kb / 17P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
REV. D
AD8058AR AD-AD8058AR Datasheet
184Kb / 14P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. A
AD8058AR AD-AD8058AR Datasheet
260Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. B
More results

Description similaire - AD8058_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8058ARZ AD-AD8058ARZ Datasheet
485Kb / 17P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
REV. D
AD8057 AD-AD8057_15 Datasheet
352Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
Rev. E
AD8057 AD-AD8057 Datasheet
184Kb / 14P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. A
AD8057 AD-AD8057_03 Datasheet
260Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. B
AD8055 AD-AD8055_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8056 AD-AD8056_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055 AD-AD8055 Datasheet
207Kb / 11P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
REV. B
AD8055 AD-AD8055_06 Datasheet
302Kb / 16P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055ART AD-AD8055ART Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
logo
Texas Instruments
LM7121 TI1-LM7121 Datasheet
709Kb / 21P
[Old version datasheet]   235 MHz Tiny Low Power Voltage Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com