Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDP1802ACD Fiches technique(PDF) 8 Page - Intersil Corporation

No de pièce CDP1802ACD
Description  CMOS 8-Bit Microprocessors
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1802ACD Fiches technique(HTML) 8 Page - Intersil Corporation

Back Button CDP1802ACD Datasheet HTML 4Page - Intersil Corporation CDP1802ACD Datasheet HTML 5Page - Intersil Corporation CDP1802ACD Datasheet HTML 6Page - Intersil Corporation CDP1802ACD Datasheet HTML 7Page - Intersil Corporation CDP1802ACD Datasheet HTML 8Page - Intersil Corporation CDP1802ACD Datasheet HTML 9Page - Intersil Corporation CDP1802ACD Datasheet HTML 10Page - Intersil Corporation CDP1802ACD Datasheet HTML 11Page - Intersil Corporation CDP1802ACD Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
3-10
EF1-4 Set Up
tSU
5
5
-30
20
-30
0
ns
5
10
-20
30
-
-
ns
10
10
-10
40
-
-
ns
EF1-4 Hold
tH
(Note 2)
5
5
150
200
100
150
ns
5
10
100
150
-
-
ns
10
10
75
100
-
-
ns
Minimum Pulse Width Times
CLEAR Pulse Width
tWL
(Note 2)
5
5
150
300
100
150
ns
5
10
100
200
-
-
ns
10
10
75
150
-
-
ns
CLOCK Pulse Width
tWL
5
5
125
150
90
100
ns
5
10
100
125
-
-
ns
10
10
60
75
-
-
ns
NOTES:
1. Typical values are for TA = +25
oC and nominal V
DD.
2. Maximum limits of minimum characteristics are the values above which all devices function.
Timing Specifications as a function of T(T = 1/fCLOCK) at TA = -40 to +85oC, Except as Noted
PARAMETERS
SYMBOL
TEST CONDITIONS
CDP1802A,
CDP1802AC
CDP1802BC
UNITS
VCC (V)
VDD (V)
MIN
(NOTE 1)
TYP
MIN
(NOTE 1)
TYP
High-Order Memory-Address Byte
Set Up to TPA
Time
tSU
5
5
2T-550
2T-400
2T-325
2T-275
ns
5
10
2T-350
2T250
-
-
ns
10
10
2T-250
2T-200
-
-
ns
High-Order Memory-Address Byte
Hold After TPA Time
tH
5
5
t/2-25
T/2-15
T/2-25
T/2-15
ns
5
10
T/2-35
T/2-25
-
-
ns
10
10
T/2-10
T/2-+0
-
-
ns
Low-Order Memory-Address Byte
Hold After WR Time
tH
5
5
T-30
T+0
T-30
T+0
ns
5
10
T-20
T+0
-
-
ns
10
10
T-10
T+0
-
-
ns
CPU Data to Bus Hold After WR
Time
tH
5
5
T-200
T-150
T-175
T-125
ns
5
10
T-150
T-100
-
-
ns
10
10
T-100
T-50
-
-
ns
Dynamic Electrical Specifications TA = -40oC to +85oC, CL = 50pF, VDD ±5%, Except as Noted (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
CDP1802A,
CDP1802AC
CDP1802BC
UNITS
VCC (V) VDD (V)
(NOTE 1)
TYP
MAX
(NOTE 1)
TYP
MAX
CDP1802A, CDP1802AC, CDP1802BC


Numéro de pièce similaire - CDP1802ACD

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
CDP1802ACD INTERSIL-CDP1802ACD Datasheet
240Kb / 28P
   CMOS 8-Bit Microprocessors
CDP1802ACD3 INTERSIL-CDP1802ACD3 Datasheet
383Kb / 27P
   High-Reliability CMOS 8-Bit Microprocessor
logo
Renesas Technology Corp
CDP1802ACD3 RENESAS-CDP1802ACD3 Datasheet
683Kb / 27P
   High-Reliability CMOS 8-Bit Microprocessor
October 17, 2008
logo
Intersil Corporation
CDP1802ACDX INTERSIL-CDP1802ACDX Datasheet
240Kb / 28P
   CMOS 8-Bit Microprocessors
More results

Description similaire - CDP1802ACD

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
CDP1802A INTERSIL-CDP1802A_1 Datasheet
240Kb / 28P
   CMOS 8-Bit Microprocessors
logo
NEC
UPD70008 NEC-UPD70008 Datasheet
1Mb / 27P
   8-BIT CMOS MICROPROCESSORS
logo
Intel Corporation
8085AH INTEL-8085AH Datasheet
664Kb / 20P
   8 BIT HMOS MICROPROCESSORS
logo
3M Electronics
8085AH 3M-8085AH Datasheet
1Mb / 21P
   8-BIT HMOS MICROPROCESSORS
logo
Intel Corporation
D8085AH INTEL-D8085AH Datasheet
1Mb / 20P
   8-BIT HMOS MICROPROCESSORS
logo
Advanced Micro Devices
80C188 AMD-80C188 Datasheet
3Mb / 103P
   CMOS High-Integration 16-Bit Microprocessors
logo
Freescale Semiconductor...
MC68HC000RC10 FREESCALE-MC68HC000RC10 Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User Manual
logo
Motorola, Inc
MC68HC000EI8 MOTOROLA-MC68HC000EI8 Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User?셲 Manual
logo
Renesas Technology Corp
SH7011 RENESAS-SH7011 Datasheet
1Mb / 292P
   CMOS single-chip microprocessors
logo
Freescale Semiconductor...
MC68000UM FREESCALE-MC68000UM Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User?셲 Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com