Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD74ACT238 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce CD74ACT238
Description  3-to-8-Line Decoders/Demultiplexers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT238 Fiches technique(HTML) 5 Page - Texas Instruments

  CD74ACT238 Datasheet HTML 1Page - Texas Instruments CD74ACT238 Datasheet HTML 2Page - Texas Instruments CD74ACT238 Datasheet HTML 3Page - Texas Instruments CD74ACT238 Datasheet HTML 4Page - Texas Instruments CD74ACT238 Datasheet HTML 5Page - Texas Instruments CD74ACT238 Datasheet HTML 6Page - Texas Instruments CD74ACT238 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Switching Specifications Input tr, tf = 3ns, CL = 50pF (Worst Case)
PARAMETER
SYMBOL
VCC (V)
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
AC TYPES
Propagation Delay,
An to Output
(CD54/74AC/ACT138)
tPLH, tPHL
1.5
-
-
125
-
-
138
ns
3.3
(Note 11)
4
-
14
3.9
-
15.4
ns
5
(Note 12)
2.8
-
10
2.8
-
11
ns
Propagation Delay,
E1, E2 to Output
(CD54/74AC/ACT138)
tPLH, tPHL
1.5
-
-
114
-
-
125
ns
3.3
3.6
-
12.7
3.5
-
14
ns
5
2.6
-
9.1
2.5
-
10
ns
Propagation Delay,
E3 to Output
(CD54/74AC/ACT138)
tPLH, tPHL
1.5
-
-
125
-
-
138
ns
3.3
4
-
14
3.9
-
15.4
ns
5
2.8
-
10
2.8
-
11
ns
Propagation Delay,
An to Output
(CD74AC/ACT238)
tPLH, tPHL
1.5
-
-
170
-
-
187
ns
3.3
5.4
-
19.1
5.3
-
21
ns
5
3.9
-
13.6
3.8
-
15
ns
Propagation Delay,
E1, E2 to Output
(CD74AC/ACT238)
tPLH, tPHL
1.5
-
-
135
-
-
149
ns
3.3
4.3
-
15.2
4.2
-
16.7
ns
5
3.1
-
10.7
3
-
11.9
ns
Propagation Delay,
E3 to Output
(CD74AC/ACT238)
tPLH, tPHL
1.5
-
-
189
-
-
208
ns
3.3
6
-
21.1
5.8
-
23.2
ns
5
4.3
-
15.1
4.2
-
16.6
ns
Input Capacitance
CI
-
-
-10-
-10
pF
Power Dissipation Capacitance
CPD
(Note 13)
-
-
110
-
-
110
-
pF
ACT TYPES
Propagation Delay,
An to Output
(CD54/74AC/ACT138)
tPLH, tPHL
5
(Note 12)
3.1
-
10.9
3
-
12
ns
Propagation Delay,
E1, E2 to Output
(CD54/74AC/ACT138)
tPLH, tPHL
5
2.7
-
9.5
2.6
-
10.5
ns
Propagation Delay,
E3 to Output
(CD54/74AC/ACT138)
tPLH, tPHL
5
2.8
-
10
2.8
-
11
ns
Propagation Delay,
An to Output
(CD74AC/ACT238)
tPLH, tPHL
5
4
-
14.2
3.9
-
15.6
ns
Propagation Delay,
E1, E2 to Output
(CD74AC/ACT238)
tPLH, tPHL
5
3.7
-
12.9
3.6
-
14.2
ns
CD54/74AC138, CD54/74ACT138, CD74AC238, CD74ACT238


Numéro de pièce similaire - CD74ACT238

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD74ACT20 TI-CD74ACT20 Datasheet
30Kb / 5P
[Old version datasheet]   Dual 4-Input NAND Gate
CD74ACT20E TI-CD74ACT20E Datasheet
30Kb / 5P
[Old version datasheet]   Dual 4-Input NAND Gate
CD74ACT20E TI1-CD74ACT20E Datasheet
871Kb / 13P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATES
CD74ACT20EE4 TI1-CD74ACT20EE4 Datasheet
871Kb / 13P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATES
CD74ACT20M TI-CD74ACT20M Datasheet
30Kb / 5P
[Old version datasheet]   Dual 4-Input NAND Gate
More results

Description similaire - CD74ACT238

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
54AC11238 TI-54AC11238 Datasheet
114Kb / 9P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74AHC138 TI-SN74AHC138 Datasheet
683Kb / 2P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LS138 TI1-SN54LS138_15 Datasheet
1Mb / 22P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LVC138A TI1-SN54LVC138A_15 Datasheet
1Mb / 34P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
HD74LS138 RENESAS-HD74LS138 Datasheet
100Kb / 8P
   3-Line-to-8-Line Decoders / Demultiplexers
logo
Texas Instruments
SN54ALS138A TI-SN54ALS138A_08 Datasheet
826Kb / 20P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LVC138A TI-SN54LVC138A_10 Datasheet
821Kb / 25P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74HC238 TI1-SN74HC238 Datasheet
145Kb / 5P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SNJ54HCT138J TI1-SNJ54HCT138J Datasheet
1Mb / 21P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
74AC11238D TI-74AC11238D Datasheet
111Kb / 9P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com