Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7998 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD7998
Description  8-Channel, 10- and 12-Bit ADCs with IC Compatible Interface in 20-Lead TSSOP
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7998 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD7998_15 Datasheet HTML 7Page - Analog Devices AD7998_15 Datasheet HTML 8Page - Analog Devices AD7998_15 Datasheet HTML 9Page - Analog Devices AD7998_15 Datasheet HTML 10Page - Analog Devices AD7998_15 Datasheet HTML 11Page - Analog Devices AD7998_15 Datasheet HTML 12Page - Analog Devices AD7998_15 Datasheet HTML 13Page - Analog Devices AD7998_15 Datasheet HTML 14Page - Analog Devices AD7998_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
AD7997/AD7998
Rev. 0 | Page 11 of 32
TERMINOLOGY
Signal-to-Noise and Distortion Ratio (SINAD)
The measured ratio of signal-to-noise and distortion at the out-
put of the A/D converter. The signal is the rms amplitude of the
fundamental. Noise is the sum of all nonfundamental signals up
to half the sampling frequency (fS/2), excluding dc. The ratio is
dependent on the number of quantization levels in the digiti-
zation process; the more levels, the smaller the quantization
noise. The theoretical signal-to-noise and distortion ratio for
an ideal N-bit converter with a sine wave input is given by
Signal-to-(Noise + Distortion) = (6.02 N + 1.76) dB
Thus, the SINAD is 61.96 dB for a 10-bit converter and 74 dB
for a 12-bit converter.
Total Harmonic Distortion (THD)
The ratio of the rms sum of harmonics to the fundamental. For
the AD7997/AD7998, it is defined as
1
6
5
4
3
2
V
V
V
V
V
V
THD
2
2
2
2
2
log
20
)
dB
(
+
+
+
+
=
where V1 is the rms amplitude of the fundamental and V2, V3,
V4, V5, and V6 are the rms amplitudes of the second through
sixth harmonics.
Peak Harmonic or Spurious Noise
The ratio of the rms value of the next largest component in the
ADC output spectrum (up to fS/2 and excluding dc) to the rms
value of the fundamental. Typically, the value of this specification
is determined by the largest harmonic in the spectrum, but for
ADCs where the harmonics are buried in the noise floor, it is a
noise peak.
Intermodulation Distortion
With inputs consisting of sine waves at two frequencies, fa
and fb, any active device with nonlinearities creates distortion
products at sum and difference frequencies of mfa ± nfb, where
m, n = 0, 1, 2, 3, and so on. Intermodulation distortion terms
are those for which neither m nor n equal zero. For example,
second-order terms include (fa + fb) and (fa − fb), while
third-order terms include (2fa + fb), (2fa − fb),(fa + 2fb) and
(fa − 2fb).
The AD7997/AD7998 is tested using the CCIF standard where
two input frequencies near the top end of the input bandwidth
are used. In this case, the second-order terms are usually dis-
tanced in frequency from the original sine waves while the
third-order terms are usually at a frequency close to the input
frequencies. As a result, the second and third-order terms are
specified separately. The calculation of intermodulation distor-
tion is, like the THD specification, the ratio of the rms sum of
the individual distortion products to the rms amplitude of the
sum of the fundamentals, expressed in dB.
Channel-to-Channel Isolation
A measure of the level of crosstalk between channels, taken
by applying a full-scale sine wave signal to the unselected input
channels, and determining how much the 108 Hz signal is
attenuated in the selected channel. The sine wave signal applied
to the unselected channels is then varied from 1 kHz up to
2 MHz, each time determining how much the 108 Hz signal in
the selected channel is attenuated. This figure represents the
worst-case level across all channels.
Aperture Delay
The measured interval between the sampling clock’s leading
edge and the point at which the ADC takes the sample.
Aperture Jitter
This is the sample-to-sample variation in the effective point in
time at which the sample is taken.
Full-Power Bandwidth
The input frequency at which the amplitude of the reconstructed
fundamental is reduced by 0.1 dB or 3 dB for a full-scale input.
Power Supply Rejection Ratio (PSRR)
The ratio of the power in the ADC output at the full-scale
frequency, f, to the power of a 200 mV p-p sine wave applied
to the ADC VDD supply of frequency fS:
PSRR (dB) = 10 log (Pf/PfS)
where Pf is the power at frequency f in the ADC output; PfS is
the power at frequency fS coupled onto the ADC VDD supply.
Integral Nonlinearity
The maximum deviation from a straight line passing through
the endpoints of the ADC transfer function. The endpoints are
zero scale, a point 1 LSB below the first code transition, and full
scale, a point 1 LSB above the last code transition.
Differential Nonlinearity
The difference between the measured and the ideal 1 LSB
change between any two adjacent codes in the ADC.
Offset Error
The deviation of the first code transition (00…000) to
(00…001) from the ideal—that is, AGND + 1 LSB.
Offset Error Match
The difference in offset error between any two channels.
Gain Error
The deviation of the last code transition (111…110) to
(111…111) from the ideal (that is, REFIN − 1 LSB) after the
offset error has been adjusted out.
Gain Error Match
The difference in gain error between any two channels.


Numéro de pièce similaire - AD7998_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7998BRU-0 AD-AD7998BRU-0 Datasheet
1Mb / 32P
   8-Channel, 10- and 12-Bit ADCs with I2CCompatible
REV. 0
AD7998BRU-0REEL AD-AD7998BRU-0REEL Datasheet
1Mb / 32P
   8-Channel, 10- and 12-Bit ADCs with I2CCompatible
REV. 0
AD7998BRU-1 AD-AD7998BRU-1 Datasheet
1Mb / 32P
   8-Channel, 10- and 12-Bit ADCs with I2CCompatible
REV. 0
AD7998BRU-1REEL AD-AD7998BRU-1REEL Datasheet
1Mb / 32P
   8-Channel, 10- and 12-Bit ADCs with I2CCompatible
REV. 0
AD7998BRUZ-03 AD-AD7998BRUZ-03 Datasheet
1Mb / 32P
   8-Channel, 10- and 12-Bit ADCs with I2CCompatible
REV. 0
More results

Description similaire - AD7998_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7997 AD-AD7997_15 Datasheet
1Mb / 32P
   8-Channel, 10- and 12-Bit ADCs with IC Compatible Interface in 20-Lead TSSOP
REV. 0
AD7993 AD-AD7993_15 Datasheet
1Mb / 32P
   4-Channel, 10- and 12-Bit ADCs with IC Compatible Interface in 16-Lead TSSOP
REV. 0
AD7994 AD-AD7994_15 Datasheet
1Mb / 32P
   4-Channel, 10- and 12-Bit ADCs with IC Compatible Interface in 16-Lead TSSOP
REV. 0
AD7993 AD-AD7993 Datasheet
693Kb / 32P
   4-Channel, 10- and 12-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP
REV. 0
AD7994 AD-AD7994 Datasheet
277Kb / 27P
   4-Channel, 12-/10-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP
REV. PrF 09/03
AD7918 AD-AD7918_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
AD7928BRUZ AD-AD7928BRUZ Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. D
AD7908 AD-AD7908 Datasheet
607Kb / 24P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. A
AD7908 AD-AD7908_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
AD7928 AD-AD7928_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com