Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74FCT521CTQG Fiches technique(PDF) 1 Page - Integrated Device Technology

No de pièce 74FCT521CTQG
Description  FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT521CTQG Fiches technique(HTML) 1 Page - Integrated Device Technology

  74FCT521CTQG Datasheet HTML 1Page - Integrated Device Technology 74FCT521CTQG Datasheet HTML 2Page - Integrated Device Technology 74FCT521CTQG Datasheet HTML 3Page - Integrated Device Technology 74FCT521CTQG Datasheet HTML 4Page - Integrated Device Technology 74FCT521CTQG Datasheet HTML 5Page - Integrated Device Technology 74FCT521CTQG Datasheet HTML 6Page - Integrated Device Technology 74FCT521CTQG Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MILITARYANDINDUSTRIALTEMPERATURERANGES
IDT54/74FCT273T/AT/CT
FASTCMOSOCTALDFLIP-FLOPWITHMASTERRESET
1
JUNE 2002
MILITARY AND INDUSTRIAL TEMPERATURE RANGES
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
© 2002 Integrated Device Technology, Inc.
DSC-2568/2
FEATURES:
• Std., A, and C grades
• Low input and output leakage
≤≤≤≤≤1µA (max.)
• CMOS power levels
• True TTL input and output compatibility:
–VOH = 3.3V (typ.)
–VOL = 0.3V (typ.)
• High Drive outputs (-15mA IOH, 48mA IOL)
• Meets or exceeds JEDEC standard 18 specifications
• Military product compliant to MIL-STD-883, Class B and DESC
listed (dual marked)
• Power off disable outputs permit "live insertion"
• Available in the following packages:
– Industrial: SOIC, SSOP, QSOP
– Military: CERDIP, LCC
FUNCTIONAL BLOCK DIAGRAM
IDT54/74FCT273T/AT/CT
FAST CMOS
OCTAL D FLIP-FLOP
WITH MASTER RESET
DESCRIPTION:
The FCT273T is an octal D flip-flop built using an advanced dual metal
CMOS technology. The FCT273T has eight edge-triggered D-type flip-
flops with individual D inputs and O outputs. The common buffered Clock
(CP) and Master Reset (MR) inputs load and reset (clear) all flip-flops
simultaneously.
The register is fully edge-triggered. The state of each D input, one set-
up time before the low-to-high clock transition, is transferred to the corre-
sponding flip-flop’s O output.
All outputs will be forced low independently of Clock or Data inputs by
a low voltage level on the MR input. The device is useful for applications
where the true output only is required and the Clock and Master Reset are
common to all storage elements.
D
CP
Q
RD
D0
O 0
D
CP
Q
RD
D1
O 1
D
CP
Q
RD
D2
O 2
D
CP
Q
RD
D3
O 3
D
CP
Q
RD
D4
O 4
D
CP
Q
RD
D5
O 5
D
CP
Q
RD
D6
O 6
D
CP
Q
RD
D7
O 7
CP
MR


Numéro de pièce similaire - 74FCT521CTQG

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
74FCT521CTQG IDT-74FCT521CTQG Datasheet
84Kb / 6P
   FAST CMOS 8-BIT IDENTITY COMPARATOR
logo
Renesas Technology Corp
74FCT521CTQG RENESAS-74FCT521CTQG Datasheet
163Kb / 7P
   FAST CMOS 8-BIT IDENTITY COMPARATOR
Feb.11.20
logo
Integrated Device Techn...
74FCT521CTQG8 IDT-74FCT521CTQG8 Datasheet
84Kb / 6P
   FAST CMOS 8-BIT IDENTITY COMPARATOR
logo
Renesas Technology Corp
74FCT521CTQG8 RENESAS-74FCT521CTQG8 Datasheet
163Kb / 7P
   FAST CMOS 8-BIT IDENTITY COMPARATOR
Feb.11.20
More results

Description similaire - 74FCT521CTQG

FabricantNo de pièceFiches techniqueDescription
logo
Pericom Semiconductor C...
P174FCT2273T PERICOM-P174FCT2273T Datasheet
49Kb / 4P
   Fast CMOS Octal D Flip-Flop with Master Reset
logo
Integrated Device Techn...
7028L20PFI IDT-7028L20PFI Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
logo
Pericom Semiconductor C...
PI74FCT273T PERICOM-PI74FCT273T Datasheet
148Kb / 6P
   Fast CMOS Octal D Flip-Flop with Master Reset
logo
Integrated Device Techn...
IDT74FCT273T IDT-IDT74FCT273T Datasheet
109Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
74ALVCH245PG IDT-74ALVCH245PG Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
74FCT244P IDT-74FCT244P Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
IDT74FCT273 IDT-IDT74FCT273 Datasheet
60Kb / 7P
   FAST CMOS OCTAL FLIP-FLOP WITH MASTER RESET
logo
AVG Semiconductors(HITE...
DV74ACT174 AVG-DV74ACT174 Datasheet
310Kb / 4P
   Hex D Flip-flop with Master Reset
DV74ACT175 AVG-DV74ACT175 Datasheet
319Kb / 4P
   Quad D Flip-flop with Master Reset
logo
National Semiconductor ...
54F174DM NSC-54F174DM Datasheet
166Kb / 8P
   Hex D Flip-Flop with Master Reset
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com