Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD4502BMS Fiches technique(PDF) 1 Page - Intersil Corporation

No de pièce CD4502BMS
Description  CMOS Strobed Hex Inverter/Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4502BMS Fiches technique(HTML) 1 Page - Intersil Corporation

  CD4502BMS Datasheet HTML 1Page - Intersil Corporation CD4502BMS Datasheet HTML 2Page - Intersil Corporation CD4502BMS Datasheet HTML 3Page - Intersil Corporation CD4502BMS Datasheet HTML 4Page - Intersil Corporation CD4502BMS Datasheet HTML 5Page - Intersil Corporation CD4502BMS Datasheet HTML 6Page - Intersil Corporation CD4502BMS Datasheet HTML 7Page - Intersil Corporation CD4502BMS Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
7-473
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
CD4502BMS
CMOS Strobed Hex Inverter/Buffer
Features
• High Voltage Type (20V Rating)
• 2 TTL Load Output Drive Capability
• 3 State Outputs
• Common Output Disable Control
• Inhibit Control
• 100% Tested for Quiescent Current at 20V
• 5V, 10V and 15V Parametric Ratings
• Maximum Input Current of 1
µA at 18V Over Full Pack-
age Temperature Range; 100nA at 18V and +25oC
• Noise Margin (Over Full Package/Temperature Range)
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications for Description of
‘B’ Series CMOS Devices”
Applications
• 3 State Hex Inverter for Interfacing ICs with Data
Buses
• COS/MOS to TTL Hex Buffer
Description
CD4502BMS consists of six inverter/buffers with 3 state
outputs. A logic “1” on the OUTPUT DISABLE input
produces a high impedance state in all six outputs. This
feature permits common busing of the outputs, thus
simplifying system design. A Logic “1” on the INHIBIT input
switches all six outputs to logic “0” if the OUTPUT DISABLE
input is a logic “0”. This device is capable of driving two
standard TTL loads, which is equivalent to six times the
JEDEC “B” series IOL standard.
The CD4502BMS is supplied in these 16-lead outline packages:
Braze Seal DIP
H4T
Frit Seal DIP
H1F
Ceramic Flatpack
H6W
December 1992
File Number
3334
Pinout
CD4502BMS
TOP VIEW
Functional Diagram
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
D3
Q3
D1
3 STATE
Q1
D2
VSS
Q2
VDD
Q6
D5
INHIBIT
Q5
D4
Q4
D6
OUTPUT DISABLE
Q2
Q1
7
5
4
3 STATE
VDD = 16
VSS = 8
OUTPUT DISABLE
D2
D1
6
3
INHIBIT
12
Q3
2
D3
1
Q4
9
D4
10
Q5
11
D5
13
Q6
14
D6
15


Numéro de pièce similaire - CD4502BMS

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD4502BM TI-CD4502BM Datasheet
506Kb / 10P
[Old version datasheet]   CMOS Strobed Hex Inverter/Buffer
CD4502BM TI1-CD4502BM Datasheet
1Mb / 15P
[Old version datasheet]   CMOS Strobed Hex Inverter/Buffer
CD4502BM96 TI-CD4502BM96 Datasheet
506Kb / 10P
[Old version datasheet]   CMOS Strobed Hex Inverter/Buffer
CD4502BM96 TI1-CD4502BM96 Datasheet
1Mb / 15P
[Old version datasheet]   CMOS Strobed Hex Inverter/Buffer
CD4502BME4 TI-CD4502BME4 Datasheet
506Kb / 10P
[Old version datasheet]   CMOS Strobed Hex Inverter/Buffer
More results

Description similaire - CD4502BMS

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD4502B TI-CD4502B Datasheet
506Kb / 10P
[Old version datasheet]   CMOS Strobed Hex Inverter/Buffer
CD4502B TI1-CD4502B_15 Datasheet
1Mb / 15P
[Old version datasheet]   CMOS Strobed Hex Inverter/Buffer
logo
Motorola, Inc
MC14502B MOTOROLA-MC14502B Datasheet
233Kb / 6P
   Strobed Hex Inverter/Buffer
logo
System Logic Semiconduc...
SL4502B SLS-SL4502B Datasheet
42Kb / 5P
   Strobed Hex Inverter/Buffer
logo
NXP Semiconductors
HEF4502B PHILIPS-HEF4502B Datasheet
41Kb / 4P
   Strobed hex inverter/buffer
January 1995
logo
STMicroelectronics
HCF4502B STMICROELECTRONICS-HCF4502B_02 Datasheet
156Kb / 9P
   STROBED HEX INVERTER/BUFFER
HCC4502B STMICROELECTRONICS-HCC4502B Datasheet
265Kb / 11P
   STROBED HEX INVERTER/BUFFER
logo
Hitachi Semiconductor
HD14502B HITACHI-HD14502B Datasheet
74Kb / 5P
   Strobed Hex Inverter/Buffer
logo
Integral Corp.
IW4502B INTEGRAL-IW4502B Datasheet
188Kb / 5P
   Strobed Hex Inverter/Buffer High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4502B IKSEMICON-IW4502B Datasheet
211Kb / 6P
   Strobed Hex Inverter/Buffer High-Voltage Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com