Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD4089 Fiches technique(PDF) 5 Page - Intersil Corporation

No de pièce CD4089
Description  CMOS Binary Rate Multiplier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4089 Fiches technique(HTML) 5 Page - Intersil Corporation

  CD4089 Datasheet HTML 1Page - Intersil Corporation CD4089 Datasheet HTML 2Page - Intersil Corporation CD4089 Datasheet HTML 3Page - Intersil Corporation CD4089 Datasheet HTML 4Page - Intersil Corporation CD4089 Datasheet HTML 5Page - Intersil Corporation CD4089 Datasheet HTML 6Page - Intersil Corporation CD4089 Datasheet HTML 7Page - Intersil Corporation CD4089 Datasheet HTML 8Page - Intersil Corporation CD4089 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
7-1068
Specifications CD4089BMS
Minimum Set Removal
Time
TREM
VDD = 5V
1, 2, 3
+25oC
-
150
ns
VDD = 10V
1, 2, 3
+25oC
-
80
ns
VDD = 15V
1, 2, 3
+25oC
-
50
ns
Minimum Clear Removal
Time
TREM
VDD = 5V
1, 2, 3
+25oC
-
60
ns
VDD = 10V
1, 2, 3
+25oC
-
40
ns
VDD = 15V
1, 2, 3
+25oC
-
30
ns
Minimum Set or Clear
Pulse Width
TW
VDD = 5V
1, 2, 3
+25oC
-
160
ns
VDD = 10V
1, 2, 3
+25oC
-
90
ns
VDD = 15V
1, 2, 3
+25oC
-
60
ns
Input Capacitance
CIN
Any Input
1, 2
+25oC
-
7.5
pF
NOTES:
1. All voltages referenced to device GND.
2. The parameters listed on Table 3 are controlled via design or process and are not directly tested. These parameters are characterized
on initial design release and upon design changes which would affect these characteristics.
3. CL = 50pF, RL = 200K, Input TR, TF < 20ns.
4. If more than one unit is cascaded, TRCL should be made less than or equal to the sumof the transition time and the fixed propagation
delay of the output of the driving stage for the estimated capacitive load.
TABLE 4. POST IRRADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Supply Current
IDD
VDD = 20V, VIN = VDD or GND
1, 4
+25oC-
25
µA
N Threshold Voltage
VNTH
VDD = 10V, ISS = -10
µA
1, 4
+25oC
-2.8
-0.2
V
N Threshold Voltage
Delta
∆VTN
VDD = 10V, ISS = -10
µA
1, 4
+25oC-
±1V
P Threshold Voltage
VTP
VSS = 0V, IDD = 10
µA
1, 4
+25oC
0.2
2.8
V
P Threshold Voltage
Delta
∆VTP
VSS = 0V, IDD = 10
µA
1, 4
+25oC-
±1V
Functional
F
VDD = 18V, VIN = VDD or GND
1
+25oC
VOH >
VDD/2
VOL <
VDD/2
V
VDD = 3V, VIN = VDD or GND
Propagation Delay Time
TPHL
TPLH
VDD = 5V
1, 2, 3, 4
+25oC
-
1.35 x
+25oC
Limit
ns
NOTES: 1. All voltages referenced to device GND.
2. CL = 50pF, RL = 200K, Input TR, TF < 20ns.
3. See Table 2 for +25oC limit.
4. Read and Record
TABLE 5. BURN-IN AND LIFE TEST DELTA PARAMETERS +25oC
PARAMETER
SYMBOL
DELTA LIMIT
Supply Current - MSI-2
IDD
± 1.0µA
Output Current (Sink)
IOL5
± 20% x Pre-Test Reading
Output Current (Source)
IOH5A
± 20% x Pre-Test Reading
TABLE 6. APPLICABLE SUBGROUPS
CONFORMANCE GROUP
MIL-STD-883
METHOD
GROUP A SUBGROUPS
READ AND RECORD
Initial Test (Pre Burn-In)
100% 5004
1, 7, 9
IDD, IOL5, IOH5A
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
(Continued)
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX


Numéro de pièce similaire - CD4089

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD4089 TI-CD4089 Datasheet
259Kb / 6P
[Old version datasheet]   CMOS BINARY RATE MULTIPLIER
CD4089B TI-CD4089B Datasheet
259Kb / 6P
[Old version datasheet]   CMOS BINARY RATE MULTIPLIER
CD4089B TI-CD4089B Datasheet
1Mb / 19P
[Old version datasheet]   CMOS Binary Rate Multiplier High-Voltage Types
July 2003
CD4089B-MIL TI-CD4089B-MIL Datasheet
1Mb / 19P
[Old version datasheet]   CMOS Binary Rate Multiplier High-Voltage Types
July 2003
CD4089BE TI1-CD4089BE Datasheet
870Kb / 14P
[Old version datasheet]   CMOS Binary Rate Multiplier
More results

Description similaire - CD4089

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD4089B TI-CD4089B Datasheet
259Kb / 6P
[Old version datasheet]   CMOS BINARY RATE MULTIPLIER
CD4089BE TI1-CD4089BE Datasheet
870Kb / 14P
[Old version datasheet]   CMOS Binary Rate Multiplier
CD4089B TI-CD4089B_15 Datasheet
866Kb / 15P
[Old version datasheet]   CMOS BINARY RATE MULTIPLIER
logo
STMicroelectronics
HCC4089B STMICROELECTRONICS-HCC4089B Datasheet
234Kb / 13P
   BINARY RATE MULTIPLIER
HCF4089B STMICROELECTRONICS-HCF4089B_02 Datasheet
573Kb / 11P
   BINARY RATE MULTIPLIER
logo
Texas Instruments
CD4089B TI-CD4089B_V01 Datasheet
1Mb / 19P
[Old version datasheet]   CMOS Binary Rate Multiplier High-Voltage Types
July 2003
CD4527B TI-CD4527B Datasheet
265Kb / 6P
[Old version datasheet]   CMOS BCD RATE MULTIPLIER
NTE4527B TI-NTE4527B Datasheet
1,021Kb / 14P
[Old version datasheet]   CMOS BCD Rate Multiplier
logo
Intersil Corporation
CD4527BMS INTERSIL-CD4527BMS Datasheet
101Kb / 11P
   CMOS BCD Rate Multiplier
December 1992
logo
Texas Instruments
CD4527B TI1-CD4527B_V01 Datasheet
856Kb / 19P
[Old version datasheet]   CMOS BCD Rate Multiplier
Revised July 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com