Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD4051BMS Fiches technique(PDF) 10 Page - Intersil Corporation

No de pièce CD4051BMS
Description  CMOS Analog Multiplexers/Demultiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4051BMS Fiches technique(HTML) 10 Page - Intersil Corporation

Back Button CD4051BMS Datasheet HTML 4Page - Intersil Corporation CD4051BMS Datasheet HTML 5Page - Intersil Corporation CD4051BMS Datasheet HTML 6Page - Intersil Corporation CD4051BMS Datasheet HTML 7Page - Intersil Corporation CD4051BMS Datasheet HTML 8Page - Intersil Corporation CD4051BMS Datasheet HTML 9Page - Intersil Corporation CD4051BMS Datasheet HTML 10Page - Intersil Corporation CD4051BMS Datasheet HTML 11Page - Intersil Corporation CD4051BMS Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
7-946
CD4051BMS, CD4052BMS, CD4053BMS
TRUTH TABLE
INPUT STATES
“ON” CHANNEL(S)
CD4051BMS
INHIBIT
C
B
A
0
000
0
0
001
1
0
010
2
0
011
3
0
100
4
0
101
5
0
110
6
0
111
7
1
X
X
X
NONE
CD4052BMS
INHIBIT
B
A
0
0
0
0x, 0y
0
0
1
1x, 1y
0
1
0
2x, 2y
0
1
1
3x, 3y
1
x
x
NONE
CD4053BMS
INHIBIT
A OR B OR C
0
0
ax or bx or cx
0
1
ay or by or cy
1
X
NONE
X = Don’t Care
FIGURE 10. WAVEFORM, CHANNEL BEING TURNED ON, OFF
(RL = 1k
Ω)
FIGURE 11. WAVEFORM, CHANNEL BEING TURNED OFF, ON
(RL = 1k
Ω)
TURN-ON
TIME
10%
50%
90%
10%
10%
50%
90%
90%
50%
10%
TURN-OFF TIME
tr = 20ns
tf = 20ns
tPZL
tPLZ
10%
90%
50%
tf = 20ns
tr = 20ns
90%
50%
10%
90%
10%
TURN-ON
TIME
TURN-OFF TIME
tPHZ
tPZH
FIGURE 12. PROPAGATION DELAY - ADDRESS INPUT TO SIGNAL OUTPUT
CD4051
CD4052
CD4053
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
RL
CL
OUTPUT
VEE
VDD
VSS
VEE
VDD
VSS
VDD
CLOCK
IN
VSS
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
RL
CL
OUTPUT
VEE
VDD
VSS
VEE
VDD
VSS
VDD
CLOCK
IN
VSS
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
RL
CL
OUTPUT
VEE
VDD
VSS
VEE
VSS
VDD
CLOCK
IN
VSS


Numéro de pièce similaire - CD4051BMS

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
CD4051BMS RENESAS-CD4051BMS Datasheet
452Kb / 12P
   CMOS Analog Multiplexers/Demultiplexers*
December 1992
More results

Description similaire - CD4051BMS

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD4067B TI1-CD4067B_16 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers
CD4067B TI-CD4067B Datasheet
528Kb / 15P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers
CD4051B-Q1 TI1-CD4051B-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   CMOS ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
CD4051BMS RENESAS-CD4051BMS Datasheet
452Kb / 12P
   CMOS Analog Multiplexers/Demultiplexers*
December 1992
logo
Intersil Corporation
CD4067BMS INTERSIL-CD4067BMS Datasheet
105Kb / 10P
   CMOS Analog Multiplexers/Demultiplexers
December 1992
logo
ON Semiconductor
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
   Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
   Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC74HC4051A ONSEMI-MC74HC4051A Datasheet
400Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 1
MC74HCT4051A ONSEMI-MC74HCT4051A_11 Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com