Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD4051BMS Fiches technique(PDF) 7 Page - Intersil Corporation

No de pièce CD4051BMS
Description  CMOS Analog Multiplexers/Demultiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4051BMS Fiches technique(HTML) 7 Page - Intersil Corporation

Back Button CD4051BMS Datasheet HTML 3Page - Intersil Corporation CD4051BMS Datasheet HTML 4Page - Intersil Corporation CD4051BMS Datasheet HTML 5Page - Intersil Corporation CD4051BMS Datasheet HTML 6Page - Intersil Corporation CD4051BMS Datasheet HTML 7Page - Intersil Corporation CD4051BMS Datasheet HTML 8Page - Intersil Corporation CD4051BMS Datasheet HTML 9Page - Intersil Corporation CD4051BMS Datasheet HTML 10Page - Intersil Corporation CD4051BMS Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7-943
Specifications CD4051BMS, CD4052BMS, CD4053BMS
Static Burn-In 1
Note 1
3
1, 2, 4 - 6, 7, 8,
9 - 15
16
Static Burn-In 2
Note 1
3
7, 8
1, 2, 4 - 6, 9 - 16
Dynamic Burn-
In Note 1
-
4 - 6, 7, 8, 9, 12, 14
1, 2, 13, 15, 16
3
11
10
Irradiation
Note 2
3
7, 8
1, 2, 4 - 6, 9 - 16
PART NUMBER CD4052BMS
Static Burn-In 1
Note 1
3, 13
1, 2, 4 - 6, 7, 8,
9 - 12, 14, 15
16
Static Burn-In 2
Note 1
3, 13
7, 8
1, 2, 4 - 6, 9 - 12,
14 - 16
Dynamic Burn-
In Note 1
-
4 - 6, 7, 8, 12, 15
1, 2, 11, 14, 16
3, 13
10
9
Irradiation
Note 2
3, 13
7, 8
1, 2, 4 - 6, 9 - 12,
14 - 16
PART NUMBER CD4053BMS
Static Burn-In 1
Note 1
4, 14, 15
1 - 3, 5 - 8, 9 - 13
16
Static Burn-In 2
Note 1
4, 14, 15
7, 8
1 - 3, 5, 6, 9 - 13,
16
Dynamic Burn-
In Note 1
-
1, 5 - 8, 12
2, 3, 13, 16
4, 14, 15
9 - 11
Irradiation
Note 2
4, 14, 15
7, 8
1 - 3, 5, 6, 9 - 13,
16
NOTE:
1. Each pin except pin 7 VDD and GND will have a series resistor of 10K
± 5%, VDD = 18V ± 0.5V
2. Each pin except pin 7 VDD and GND will have a series resistor of 47K
± 5%; Group E, Subgroup 2, sample size is 4 dice/wafer, 0 failures,
VDD = 10V
± 0.5V
Typical Performance Characteristics
FIGURE 1. TYPICAL CHANNEL ON RESISTANCE vs INPUT
SIGNAL VOLTAGE (ALL TYPES)
FIGURE 2. TYPICAL CHANNEL ON RESISTANCE vs INPUT
SIGNAL VOLTAGE (ALL TYPES)
TABLE 8. BURN-IN AND IRRADIATION TEST CONNECTIONS
FUNCTION
OPEN
GROUND
VDD
9V
± -0.5V
OSCILLATOR
50kHz
25kHz
SUPPLY VOLTAGE (VDD - VEE) = 5V
AMBIENT TEMPERATURE
(TA) = +125
oC
-55oC
+25oC
600
500
400
300
200
100
0
-4
-3
-2
-1
01234
INPUT SIGNAL VOLTAGE (VIS) (V)
SUPPLY VOLTAGE (VDD - VEE) = 10V
AMBIENT TEMPERATURE
(TA) = +125
oC
-55oC
+25oC
300
250
200
150
100
50
0
-10.0 -7.5
-5.0
-2.5
0
2.5
5.0
7.5
10.0
INPUT SIGNAL VOLTAGE (VIS) (V)


Numéro de pièce similaire - CD4051BMS

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
CD4051BMS RENESAS-CD4051BMS Datasheet
452Kb / 12P
   CMOS Analog Multiplexers/Demultiplexers*
December 1992
More results

Description similaire - CD4051BMS

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD4067B TI1-CD4067B_16 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers
CD4067B TI-CD4067B Datasheet
528Kb / 15P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers
CD4051B-Q1 TI1-CD4051B-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   CMOS ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
CD4051BMS RENESAS-CD4051BMS Datasheet
452Kb / 12P
   CMOS Analog Multiplexers/Demultiplexers*
December 1992
logo
Intersil Corporation
CD4067BMS INTERSIL-CD4067BMS Datasheet
105Kb / 10P
   CMOS Analog Multiplexers/Demultiplexers
December 1992
logo
ON Semiconductor
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
   Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
   Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC74HC4051A ONSEMI-MC74HC4051A Datasheet
400Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 1
MC74HCT4051A ONSEMI-MC74HCT4051A_11 Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com