Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7891YS-1REEL Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD7891YS-1REEL
Description  LC MOS 8-Channel, 12-Bit High Speed Data Acquisition System
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7891YS-1REEL Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD7891YS-1REEL Datasheet HTML 3Page - Analog Devices AD7891YS-1REEL Datasheet HTML 4Page - Analog Devices AD7891YS-1REEL Datasheet HTML 5Page - Analog Devices AD7891YS-1REEL Datasheet HTML 6Page - Analog Devices AD7891YS-1REEL Datasheet HTML 7Page - Analog Devices AD7891YS-1REEL Datasheet HTML 8Page - Analog Devices AD7891YS-1REEL Datasheet HTML 9Page - Analog Devices AD7891YS-1REEL Datasheet HTML 10Page - Analog Devices AD7891YS-1REEL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD7891
–7–
REV. D
PARALLEL INTERFACE MODE FUNCTIONS
PLCC Pin No.
MQFP Pin No. Mnemonic
Description
8, 31
2, 25
NC
No Connect. The two NC pins on the device can be left unconnected. If they
are to be connected to a voltage, it should be to ground potential. To ensure
correct operation of the AD7891, neither of the NC pins should be connected
to a logic high potential.
29
23
CS
Chip Select Input. Active low logic input that is used in conjunction with to
enable the data outputs and with
WR to allow input data to be written to the part.
28
22
RD
Read Input. Active low logic input that is used in conjunction with
CS low to
enable the data outputs.
27
21
WR
Write Input. Active low logic input used in conjunction with
CS to latch the mul-
tiplexer address and software control information. The rising edge of this input
also initiates an internal pulse. When using the software start facility, this pulse
delays the point at which the track/hold goes into hold and conversion is initiated.
This allows the multiplexer to settle and the acquisition time of the track/hold to
elapse when a channel address is changed. If the SWCON bit of the control regis-
ter is set to 1, when this pulse times out, the track/hold then goes into hold and
conversion is initiated. If the SWCON bit of the control register is set to 0, the
track/hold and conversion sequence are unaffected by
WR operation.
Data I/O Lines
There are 12 data input/output lines on the AD7891. When the part is configured for parallel mode (MODE = 1), the output data
from the part is provided at these 12 pins during a read operation. For a write operation in parallel mode, these lines provide access
to the part’s control register.
Parallel Read Operation
During a parallel read operation, the 12 lines become the 12 data bits containing the conversion result from the AD7891. These
data bits are labelled Data Bit 0 (LSB) to Data Bit 11 (MSB). They are three-state, TTL compatible outputs. Output data coding
is twos complement when the data FORMAT bit of the control register is 1, and straight binary when the data FORMAT bit of
the control register is 0.
PLCC Pin No.
MQFP Pin No. Mnemonic
Description
13 to 18,
7 to 12,
DB0 to DB11 Data Bit 0 (LSB) to Data Bit 11 (MSB). Three-state TTL compatible
21 to 26
15 to 20
outputs that are controlled by the
CS and RD inputs.
Parallel Write Operation
During a parallel write operation, the following functions can be written to the control register via the 12 data input/output pins.
PLCC Pin No.
MQFP Pin No. Mnemonic
Description
23
17
A0
Address Input. The status of this input during a parallel write operation is
latched to the A0 bit of the control register (see Control Register section).
22
16
A1
Address Input. The status of this input during a parallel write operation is
latched to the A1 bit of the control register (see Control Register section).
21
15
A2
Address Input. The status of this input during a parallel write operation is
latched to the A2 bit of the control register (see Control Register section).
24
18
SWCON
Software Conversion Start. The status of this input during a parallel write
operation is latched to the SWCONV bit of the control register (see Control
Register section).
25
19
SWSTBY
Software Standby Control. The status of this input during a parallel write
operation is latched to the SWSTBY bit of the control register (see Control
Register section).
26
20
FORMAT
Data Format Selection. The status of this input during a parallel write operation is
latched to the FORMAT bit of the control register (see Control Register section).


Numéro de pièce similaire - AD7891YS-1REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7891YS-1REEL AD-AD7891YS-1REEL Datasheet
1Mb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7891YS-1REEL AD-AD7891YS-1REEL Datasheet
1Mb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7891YS-1REEL AD-AD7891YS-1REEL Datasheet
316Kb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7891YS-1REEL AD-AD7891YS-1REEL Datasheet
394Kb / 21P
   8-Channel, 12-Bit High Speed Data Acquisition System
More results

Description similaire - AD7891YS-1REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7890 AD-AD7890_15 Datasheet
480Kb / 28P
   LC MOS 8-Channel, 12-Bit Serial Data Acquisition System
REV. C
AD7891 AD-AD7891_17 Datasheet
394Kb / 21P
   8-Channel, 12-Bit High Speed Data Acquisition System
AD7891AP AD-AD7891AP Datasheet
316Kb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7891 AD-AD7891_04 Datasheet
1Mb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7891 AD-AD7891 Datasheet
173Kb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. A
AD7891YSZ-2 AD-AD7891YSZ-2 Datasheet
1Mb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7874 AD-AD7874_15 Datasheet
418Kb / 16P
   LC MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
AD7890 AD-AD7890_17 Datasheet
392Kb / 29P
   8-Channel, 12-Bit Serial Data Acquisition System
AD7890 AD-AD7890 Datasheet
302Kb / 20P
   LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System
REV. A
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com