Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7866 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD7866
Description  Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7866 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD7866_15 Datasheet HTML 6Page - Analog Devices AD7866_15 Datasheet HTML 7Page - Analog Devices AD7866_15 Datasheet HTML 8Page - Analog Devices AD7866_15 Datasheet HTML 9Page - Analog Devices AD7866_15 Datasheet HTML 10Page - Analog Devices AD7866_15 Datasheet HTML 11Page - Analog Devices AD7866_15 Datasheet HTML 12Page - Analog Devices AD7866_15 Datasheet HTML 13Page - Analog Devices AD7866_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
REV. A
–10–
AD7866
AVDD RIPPLE FREQUENCY – Hz
0
–100
1k
10k
–90
–80
–70
–60
–50
–40
–30
–20
–10
100k
1M
100mV p-p SINE WAVE ON AVDD
2.5V EXT REFERENCE ON VREF
TA = 25 C
VDD = 2.7V
VDD = 3.6V
TPC 4a. PSRR vs. Supply Ripple Frequency,
with Supply Decoupling
AVDD RIPPLE FREQUENCY – Hz
0
–100
1k
10k
–90
–80
–70
–60
–50
–40
–30
–20
–10
100k
1M
100mV p-p SINE WAVE ON AVDD
2.5V EXT REFERENCE ON DCAPA, DCAPB
TA = 25 C
VDD = 2.7V
VDD = 4.75V
VDD = 3.6V
TPC 4b. PSRR vs. Supply Ripple Frequency,
with Supply Decoupling
ADC – Code
1.0
0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
500
1000
1500
2000
2500
3000
3500
4000
TPC 5. DC DNL Plot
ADC – Code
1.0
0
0.0
0.8
0.6
0.4
0.2
–0.2
–0.4
–0.6
–0.8
–1.0
500
1000
1500
2000
2500
3000
3500
4000
TPC 6. DC INL Plot
INPUT FREQUENCY – Hz
–60
10k
–65
–70
–75
–80
–85
–90
100k
1000k
TA = 25 C
VDD = 4.75V
RIN = 100
RIN = 50
RIN = 10
TPC 7. THD vs. Analog Input Frequency
for Various Source Impedances
INPUT FREQUENCY – Hz
–70
10k
–72
–74
–76
–78
–80
–82
100k
1000k
TA = 25 C
–84
–86
–88
–90
VDD = VDRIVE = 2.7V
VDD = VDRIVE = 3.6V
VDD = VDRIVE = 4.75V
VDD = VDRIVE = 5.25V
TPC 8. THD vs. Analog Input Frequency
for Various Supply Voltages


Numéro de pièce similaire - AD7866_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7866 AD-AD7866_17 Datasheet
430Kb / 25P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
More results

Description similaire - AD7866_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7866ARUZ AD-AD7866ARUZ Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866 AD-AD7866 Datasheet
304Kb / 20P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. 0
AD7866 AD-AD7866_17 Datasheet
430Kb / 25P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC
logo
AMIC Technology
AD7485 AMICC-AD7485 Datasheet
769Kb / 16P
   1 MSPS, Serial 14-Bit SAR ADC
logo
Analog Devices
AD7485 AD-AD7485_15 Datasheet
986Kb / 15P
   1 MSPS, Serial 14-Bit SAR ADC
REV. A
AD7485 AD-AD7485 Datasheet
812Kb / 15P
   1 MSPS, Serial 14-Bit SAR ADC
AD4630-16 AD-AD4630-16 Datasheet
1Mb / 49P
   16-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
AD4630-24 AD-AD4630-24 Datasheet
2Mb / 49P
   24-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
AD7265 AD-AD7265 Datasheet
706Kb / 16P
   Differential Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com