Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7849BRZ-REEL Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD7849BRZ-REEL
Description  Serial Input, 14-Bit/16-Bit DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7849BRZ-REEL Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD7849BRZ-REEL Datasheet HTML 2Page - Analog Devices AD7849BRZ-REEL Datasheet HTML 3Page - Analog Devices AD7849BRZ-REEL Datasheet HTML 4Page - Analog Devices AD7849BRZ-REEL Datasheet HTML 5Page - Analog Devices AD7849BRZ-REEL Datasheet HTML 6Page - Analog Devices AD7849BRZ-REEL Datasheet HTML 7Page - Analog Devices AD7849BRZ-REEL Datasheet HTML 8Page - Analog Devices AD7849BRZ-REEL Datasheet HTML 9Page - Analog Devices AD7849BRZ-REEL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD7849
Rev. C | Page 6 of 20
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 5.
Parameter
Rating
VDD to DGND
−0.4 V to +17 V
VCC to DGND1
−0.4 V, VDD + 0.4 V or
+7 V (whichever is
lower)
VSS to DGND
−0.4 V to −17 V
VREF+ to DGND
VDD + 0.4 V, VSS − 0.4 V
VREF− to DGND
VDD + 0.4 V, VSS − 0.4 V
VOUT to DGND2
VDD + 0.4 V, VSS − 0.4 V
or ±10 V (whichever is
lower)
ROFS to DGND
VDD + 0.4 V, VSS − 0.4 V
Digital Input Voltage to DGND
−0.4 V to VCC + 0.4 V
Input Current to any Pin Except Supplies3
±10 mA
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
20-Lead PDIP
Power Dissipation
875 mW
θJA Thermal Impedance
102°C/W
Lead Temperature (Soldering, 10 sec)
260°C
20-Lead SOIC
Power Dissipation
875 mW
θJA Thermal Impedance
74°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
1 VCC must not exceed VDD by more than 0.4 V. If it is possible for this to
happen during power-up or power-down (for example, if VCC is greater than
0.4 V while VDD is still 0 V), the following diode protection scheme ensures
protection.
SD103C
1N5711
1N5712
1N4148
VDD
VCC
VDD
VCC
AD7849
2 VOUT can be shorted to DGND, + 10 V, − 10 V, provided that the power
dissipation of the package is not exceeded.
3 Transient currents of up to 100 mA do not cause SCR latch-up.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Numéro de pièce similaire - AD7849BRZ-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7849BRZ-REEL AD-AD7849BRZ-REEL Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
More results

Description similaire - AD7849BRZ-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7849BR AD-AD7849BR Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849BN AD-AD7849BN Datasheet
180Kb / 15P
   Serial Input, 14-Bit/16-Bit DAC
REV. B
AD7849AN AD-AD7849AN Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849AR AD-AD7849AR Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849 AD-AD7849 Datasheet
212Kb / 15P
   Serial Input, 14-Bit/16-Bit DAC
REV. B
AD5543 AD-AD5543 Datasheet
259Kb / 12P
   Current Output/ Serial Input, 16-/14-Bit DAC
REV. A
AD5360 AD-AD5360 Datasheet
284Kb / 25P
   16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com