Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7858L Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD7858L
Description  3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7858L Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD7858L_15 Datasheet HTML 7Page - Analog Devices AD7858L_15 Datasheet HTML 8Page - Analog Devices AD7858L_15 Datasheet HTML 9Page - Analog Devices AD7858L_15 Datasheet HTML 10Page - Analog Devices AD7858L_15 Datasheet HTML 11Page - Analog Devices AD7858L_15 Datasheet HTML 12Page - Analog Devices AD7858L_15 Datasheet HTML 13Page - Analog Devices AD7858L_15 Datasheet HTML 14Page - Analog Devices AD7858L_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
AD7858/AD7858L
REV. B
–11–
Table III. Channel Selection
SGL/
DIFF
CH2
CH1
CH0
AIN(+)*
AIN(–)*
0
0
0
0
AIN1
AIN2
0
0
0
1
AIN3
AIN4
0
0
1
0
AIN5
AIN6
0
0
1
1
AIN7
AIN8
0
1
0
0
AIN2
AIN1
0
1
0
1
AIN4
AIN3
0
1
1
0
AIN6
AIN5
0
1
1
1
AIN8
AIN7
1
0
0
0
AIN1
AGND
1
0
0
1
AIN3
AGND
1
0
1
0
AIN5
AGND
1
0
1
1
AIN7
AGND
1
1
0
0
AIN2
AGND
1
1
0
1
AIN4
AGND
1
1
1
0
AIN6
AGND
1
1
1
1
AIN8
AGND
*AIN(+) refers to the positive input seen by the AD7858/AD7858L sample and hold circuit,
*AIN(–) refers to the negative input seen by the AD7858/AD7858L sample and hold circuit.
Table IV. Calibration Selection
CALMD
CALSLT1
CALSLT0
Calibration Type
0
00A Full Internal Calibration is initiated where the Internal DAC is calibrated
followed by the Internal Gain Error, and finally the Internal Offset Error is
calibrated out. This is the default setting.
0
0
1
Here the Internal Gain Error is calibrated out followed by the Internal Offset
Error calibrated out.
0
1
0
This calibrates out the Internal Offset Error only.
0
1
1
This calibrates out the Internal Gain Error only.
1
00A Full System Calibration is initiated here where first the Internal DAC is
calibrated followed by the System Gain Error, and finally the System Offset
Error is calibrated out.
1
0
1
Here the System Gain Error is calibrated out followed by the System Offset
Error.
1
1
0
This calibrates out the System Offset Error only.
1
1
1
This calibrates out the System Gain Error only.


Numéro de pièce similaire - AD7858L_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7858LAN AD-AD7858LAN Datasheet
315Kb / 32P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
REV. B
AD7858LAN3 AD-AD7858LAN3 Datasheet
306Kb / 32P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
REV. B
AD7858LAN3 AD-AD7858LAN3 Datasheet
306Kb / 32P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
REV. B
AD7858LAN3 AD-AD7858LAN3 Datasheet
306Kb / 32P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
REV. B
AD7858LAR AD-AD7858LAR Datasheet
315Kb / 32P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
REV. B
More results

Description similaire - AD7858L_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7858ARZ AD-AD7858ARZ Datasheet
306Kb / 32P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
REV. B
AD7858BRZ AD-AD7858BRZ Datasheet
306Kb / 32P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
REV. B
AD7858LARZ AD-AD7858LARZ Datasheet
306Kb / 32P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
REV. B
AD7858 AD-AD7858 Datasheet
315Kb / 32P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
REV. B
AD7858 AD-AD7858_15 Datasheet
306Kb / 32P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
REV. B
AD7859 AD-AD7859 Datasheet
535Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
REV. A
AD7859ASZ AD-AD7859ASZ Datasheet
405Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
REV. A
AD7859APZ AD-AD7859APZ Datasheet
405Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
REV. A
AD7859 AD-AD7859_17 Datasheet
450Kb / 29P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
AD7859 AD-AD7859_15 Datasheet
405Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com