Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7856 Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD7856
Description  5 V Single Supply, 8-Channel 14-Bit 285 kSPS Sampling ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7856 Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD7856_15 Datasheet HTML 3Page - Analog Devices AD7856_15 Datasheet HTML 4Page - Analog Devices AD7856_15 Datasheet HTML 5Page - Analog Devices AD7856_15 Datasheet HTML 6Page - Analog Devices AD7856_15 Datasheet HTML 7Page - Analog Devices AD7856_15 Datasheet HTML 8Page - Analog Devices AD7856_15 Datasheet HTML 9Page - Analog Devices AD7856_15 Datasheet HTML 10Page - Analog Devices AD7856_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
AD7856
–7–
REV. A
PIN FUNCTION DESCRIPTIONS
Pin
Mnemonic
Description
1
CONVST
Convert Start. Logic Input. A low to high transition on this input puts the track/hold into its hold mode
and starts conversion. When this input is not used, it should be tied to DVDD.
2
BUSY
Busy Output. The busy output is triggered high by the falling edge of
CONVST or rising edge of CAL,
and remains high until conversion is completed. BUSY is also used to indicate when the AD7856 has
completed its on-chip calibration sequence.
3
SLEEP
Sleep Input/Low Power Mode. A Logic 0 initiates a sleep, and all circuitry is powered down, including
the internal voltage reference, provided there is no conversion or calibration being performed. Calibration
data is retained. A Logic 1 results in normal operation. See Power-Down section for more details.
4
REFIN/REFOUT
Reference Input/Output. This pin is connected to the internal reference through a series resistor and is
the reference source for the analog-to-digital converter. The nominal reference voltage is 4.096 V and
this appears at the pin. This pin can be overdriven by an external reference or can be taken as high as
AVDD. When this pin is tied to AVDD, or when an externally applied reference approaches AVDD, the
CREF1 pin should also be tied to AVDD.
5AVDD
Analog Positive Supply Voltage, +5.0 V
± 5%.
6
AGND
Analog Ground. Ground reference for track/hold, reference and DAC.
7CREF1
Reference Capacitor (0.1
µF Multilayer Ceramic in parallel with a 470 nF NPO type). This external
capacitor is used as a charge source for the internal DAC. The capacitor should be tied between the pin
and AGND.
8CREF2
Reference Capacitor (0.01
µF Multilayer Ceramic). This external capacitor is used in conjunction with
the on-chip reference. The capacitor should be tied between the pin and AGND.
9–16
AIN1–AIN8
Analog Inputs. Eight analog inputs that can be used as eight single-ended inputs (referenced to AGND)
or four pseudo-differential inputs. Channel configuration is selected by writing to the control register.
Both the positive and negative inputs cannot go below AGND or above AVDD at any time. Also the posi-
tive input cannot go below the negative input. See Table III for channel selection.
17
CAL
Calibration Input. This pin has an internal pull-up current source of 0.15
µA. A falling edge on this pin
resets all calibration control logic and initiates a calibration on its rising edge. There is the option of
connecting a 10 nF capacitor from this pin to DGND to allow for an automatic self-calibration on
power-up. This input overrides all other internal operations. If the autocalibration is not required, this
pin should be tied to a logic high.
18
DVDD
Digital Supply Voltage, +5.0 V
± 5%.
19
DGND
Digital Ground. Ground reference point for digital circuitry.
20
DOUT
Serial Data Output. The data output is supplied to this pin as a 16-bit serial word.
21
DIN
Serial Data Input. The data to be written is applied to this pin in serial form (16-bit word). This pin can
act as an input pin or as a I/O pin depending on the serial interface mode the part is in (see Table X).
22
CLKIN
Master clock signal for the device (A Grade: 6 MHz; K Grade: 4 MHz). Sets the conversion and calibra-
tion times.
23
SCLK
Serial Port Clock. Logic Input. The user must provide a serial clock on this input.
24
SYNC
Frame Sync. Logic Input. This pin is level triggered active low and frames the serial clock for the read
and write operations (see Table IX).


Numéro de pièce similaire - AD7856_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7856 AD-AD7856_17 Datasheet
328Kb / 33P
   5 V Single Supply, 8-Channel 14-Bit 285 kSPS Sampling ADC
More results

Description similaire - AD7856_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7856 AD-AD7856_17 Datasheet
328Kb / 33P
   5 V Single Supply, 8-Channel 14-Bit 285 kSPS Sampling ADC
AD7856 AD-AD7856 Datasheet
294Kb / 32P
   5 V Single Supply, 8-Channel 14-Bit 285 kSPS Sampling ADC
REV. A
AD7899BRZ-1 AD-AD7899BRZ-1 Datasheet
242Kb / 16P
   5 V Single Supply 14-Bit 400 kSPS ADC
REV. A
AD7899 AD-AD7899_15 Datasheet
242Kb / 16P
   5 V Single Supply 14-Bit 400 kSPS ADC
REV. A
AD7899 AD-AD7899 Datasheet
242Kb / 16P
   5 V Single Supply 14-Bit 400 kSPS ADC
REV. A
AD7899 AD-AD7899_17 Datasheet
274Kb / 17P
   5 V Single Supply 14-Bit 400 kSPS ADC
AD7858ARZ AD-AD7858ARZ Datasheet
306Kb / 32P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
REV. B
AD7858BRZ AD-AD7858BRZ Datasheet
306Kb / 32P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
REV. B
AD7858LARZ AD-AD7858LARZ Datasheet
306Kb / 32P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
REV. B
AD7858 AD-AD7858 Datasheet
315Kb / 32P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com