Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SA1256 Fiches technique(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd

No de pièce 2SA1256
Description  PNP Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Site Internet  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1256 Fiches technique(HTML) 4 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1256_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1256_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SA1256_15 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd 2SA1256_15 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMD Type
www.kexin.com.cn
4
Transistors
.
Typical Characterisitics
PNP Transistors
2SA1256
Forward Transfer Admittance,
yfe -- IC
--1.0
7
--10
7
2
3
5
3
5
100
10
2
3
5
2
3
7
2
3
5
7
10
2
3
5
2
3
5
7
7
2
3
100
g fe
--b fe
f=100MHz
VCE=--6V
Reverse Transfer Admittance,
yre -- IC
--1.0
7
--10
7
2
3
5
3
5
1.0
0.1
2
3
5
2
3
7
3
5
7
0.1
3
5
2
3
5
7
7
2
3
1.0
--gre
--cre
f=100MHz
VCE=--6V
Collector Current, IC
I
,t
n
e
r
r
u
C
r
o
t
c
e
ll
o
C
A
m
C – mA
PG, NF -- ID
--1.0
5
7
--10
7
2
3
5
3
20
24
28
32
0
2
4
6
PG
NF
See specified Test Circuit.
f=100MHz
VCE=--6V
Input Admittance,
yie -- VCE
--1.0
7
--10
7
2
2
3
5
1.0
2
3
5
3
5
7
2
10
2
3
5
10
1.0
2
3
7
5
Output Admittance,
yoe -- VCE
--1.0
7
--10
7
2
2
3
5
0.1
2
3
5
3
5
7
2
1.0
7
10
0.1
2
3
7
5
3
5
2
1.0
7
10
coe
goe
f=100MHz
IC=--1.0mA
f=100MHz
IC=--1.0mA
cie
gie
Forward Transfer Admittance,
yfe -- VCE
--1.0
7
--10
7
2
2
3
5
1.0
2
3
5
3
5
7
2
10
2
3
5
10
1.0
2
3
7
5
Reverse Transfer Admittance,
yre -- VCE
--1.0
7
--10
7
2
2
3
5
0.1
2
3
5
3
5
7
5
7
2
1.0
0.1
2
3
7
5
7
5
3
5
2
1.0
--cre
--gre
f=100MHz
IC=--1.0mA
f=100MHz
IC=--1.0mA
--bfe
gfe
Collector-to-Emitter Voltage, VCE
V
,
e
g
a
tl
o
V
r
e
tt
i
m
E
-
o
t-
r
o
t
c
e
ll
o
C
V
CE – V
Collector-to-Emitter Voltage, VCE
V
,
e
g
a
tl
o
V
r
e
tt
i
m
E
-
o
t-
r
o
t
c
e
ll
o
C
V
CE – V
Collector Current, IC – mA


Numéro de pièce similaire - 2SA1256_15

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
2SA1256 SANYO-2SA1256 Datasheet
122Kb / 4P
   High-Frequency Amp Applications
logo
Guangdong Kexin Industr...
2SA1256 KEXIN-2SA1256 Datasheet
36Kb / 1P
   PNP Epitaxial Planar Silicon Transistors
More results

Description similaire - 2SA1256_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com