Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD4009UBMS Fiches technique(PDF) 6 Page - Intersil Corporation

No de pièce CD4009UBMS
Description  CMOS Hex Buffers/Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4009UBMS Fiches technique(HTML) 6 Page - Intersil Corporation

  CD4009UBMS Datasheet HTML 1Page - Intersil Corporation CD4009UBMS Datasheet HTML 2Page - Intersil Corporation CD4009UBMS Datasheet HTML 3Page - Intersil Corporation CD4009UBMS Datasheet HTML 4Page - Intersil Corporation CD4009UBMS Datasheet HTML 5Page - Intersil Corporation CD4009UBMS Datasheet HTML 6Page - Intersil Corporation CD4009UBMS Datasheet HTML 7Page - Intersil Corporation CD4009UBMS Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Typical Performance Characteristics
FIGURE 1. MINIMUM AND MAXIMUM VOLTAGE TRANSFER
CHARACTERISTICS
FIGURE 2. TYPICAL VOLTAGE TRANSFER CHARACTERIS-
TICS AS FUNCTION OF TEMPERATURE
FIGURE 3. TYPICAL OUTPUT LOW (SINK) CURRENT
CHARACTERISITICS
FIGURE 4. MINIMUM OUTPUT LOW (SINK) CURRENT
CHARACTERISTICS
FIGURE 5. TYPICAL OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
FIGURE 6. MINIMUM OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
AMBIENT TEMPERATURE (TA) = +25
oC
SUPPLY VOLTS (VDD) = 15V
15V
5V
INPUT VOLTS (VI)
02
4
6
8
10
12
14
1
2
3
4
5
10V
5V
MAX
MIN
VI
VO
TEST CONDITION: VCC = 5V
SUPPLY VOLTS (VDD) = 15V
15V
15V
10V
5V
0
2
4
6
10
12
1
2
3
4
5
INPUT VOLTS (VI)
8
5V
TA = +125
oC
TA = -55
oC
10V
AMBIENT TEMPERATURE (TA) = +25
oC
TYPICAL TEMPERATURE COEFFICIENT
FOR ID = -0.3%/oC
GATE-TO-SOURCE
VOLTAGE (VGS) = 15V
10V
5V
100
80
60
40
20
DRAIN-TO-SOURCE VOLTS (VDS)
0
246
810
12
14
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE
VOLTAGE (VGS) = 15V
10V
5V
60
50
40
30
20
10
0
5
10
15
20
DRAIN-TO-SOURCE VOLTS (VDS)
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
-1
-2
-3
-4
-5
-6
-7
-8
-9
-10
-11
-12
0
-1
-2
-3
-4
-5
-6
-7
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE
VOLTAGE (VGS) = -5V
-10V
-15V
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
-2
-4
-6
-8
-10
-12
0
-1
-2
-3
-4
-5
-6
-7
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE
VOLTAGE (VGS) = -5V
-10V
-15V
CD4009UBMS


Numéro de pièce similaire - CD4009UBMS

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD4009UBM TI-CD4009UBM Datasheet
304Kb / 12P
[Old version datasheet]   CMOS HEX BUFFERS/CONVERTERS
CD4009UBM TI-CD4009UBM Datasheet
1Mb / 18P
[Old version datasheet]   CMOs Hex Buffers/Converters
CD4009UBM TI1-CD4009UBM Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Hex Buffers/Converters
CD4009UBM96 TI-CD4009UBM96 Datasheet
304Kb / 12P
[Old version datasheet]   CMOS HEX BUFFERS/CONVERTERS
CD4009UBME4 TI-CD4009UBME4 Datasheet
1Mb / 18P
[Old version datasheet]   CMOs Hex Buffers/Converters
More results

Description similaire - CD4009UBMS

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD4009UBPWRE4 TI-CD4009UBPWRE4 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS HEX BUFFERS/CONVERTERS
CD4009UB TI-CD4009UB Datasheet
304Kb / 12P
[Old version datasheet]   CMOS HEX BUFFERS/CONVERTERS
CD4049UB TI-CD4049UB Datasheet
77Kb / 18P
[Old version datasheet]   CMOS HEX BUFFERS/CONVERTERS
CD4010BM96G4 TI-CD4010BM96G4 Datasheet
1Mb / 18P
[Old version datasheet]   CMOs Hex Buffers/Converters
CD4009UB TI1-CD4009UB_15 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Hex Buffers/Converters
logo
List of Unclassifed Man...
54HC4050 ETC-54HC4050 Datasheet
121Kb / 8P
   CMOS Logic Hex Non-Inverting Buffers
GD74HCT34 ETC1-GD74HCT34 Datasheet
169Kb / 4P
   HEX BUFFERS
logo
ON Semiconductor
MC14049UB ONSEMI-MC14049UB_14 Datasheet
107Kb / 7P
   Hex Buffers
May, 2014 ??Rev. 9
MC14049UB ONSEMI-MC14049UB_V01 Datasheet
201Kb / 7P
   Hex Buffers
March, 2022 ??Rev. 11
logo
National Semiconductor ...
CD4009M NSC-CD4009M Datasheet
87Kb / 3P
   Hex Buffers
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com