Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KTA1661-Y Fiches technique(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

No de pièce KTA1661-Y
Description  PNP Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Site Internet  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KTA1661-Y Fiches technique(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KTA1661-Y Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KTA1661-Y Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
PNP Transistors
KTA1661
Features
High Voltage
High Transition Frequency
Small Flat Package
Complementary to KTC4373
1.Base
2.Collector
3.Emitter
1.70 0.1
0.42 0.1
0.46 0.1
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
-120
Collector - Emitter Voltage
VCEO
-120
Emitter - Base Voltage
VEBO
-5
Collector Current - Continuous
IC
-800
Base Current
IB
-160
500
mW
1
W
Junction Temperature
TJ
150
Storage Temperature range
Tstg
-55 to 150
V
mA
Collector Power Dissipation
PC
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= -1mA, IE=0
-120
Collector- emitter breakdown voltage
VCEO
Ic= -10 mA, IB=0
-120
Emitter - base breakdown voltage
VEBO
IE= -1mA, IC=0
-5
Collector-base cut-off current
ICBO
VCB= -120 V , IE=0
-100
Emitter cut-off current
IEBO
VEB= -5V , IC=0
-100
Collector-emitter saturation voltage
VCE(sat) IC=-500 mA, IB=-50mA
-1
Base - emitter saturation voltage
VBE(sat) IC= -500 mA, IB=- 50mA
-1.2
Base - emitter voltage
VBE
VCE= -5V, IC= -500mA
-1
DC current gain
hFE
VCE= -5V, IC= -100mA
80
240
Collector output capacitance
Cob
VCB= -10V, IE= 0,f=1MHz
30
pF
Transition frequency
fT
VCE= -5V, IC= -100mA
120
MHz
V
nA
V
Classification of hfe
Type
KTA1661-O
KTA1661-Y
Range
80-160
120-240
Marking
DO
DY


Numéro de pièce similaire - KTA1661-Y

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KTA1661 KEC-KTA1661 Datasheet
337Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
logo
Guangdong Kexin Industr...
KTA1661 KEXIN-KTA1661 Datasheet
50Kb / 1P
   Epitaxial Planar PNP Transistor
logo
KEC(Korea Electronics)
KTA1661 KEC-KTA1661 Datasheet
47Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR
logo
Nanjing International G...
KTA1661 DGNJDZ-KTA1661 Datasheet
978Kb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
More results

Description similaire - KTA1661-Y

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com