Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CA3440M Fiches technique(PDF) 5 Page - Harris Corporation

No de pièce CA3440M
Description  63kHz, Nanopower, BiMOS Operational Amplifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HARRIS [Harris Corporation]
Site Internet  http://www.harris.com
Logo HARRIS - Harris Corporation

CA3440M Fiches technique(HTML) 5 Page - Harris Corporation

  CA3440M Datasheet HTML 1Page - Harris Corporation CA3440M Datasheet HTML 2Page - Harris Corporation CA3440M Datasheet HTML 3Page - Harris Corporation CA3440M Datasheet HTML 4Page - Harris Corporation CA3440M Datasheet HTML 5Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
3-150
FIGURE 7. TOTAL HARMONIC DISTORTION vs LOAD
RESISTANCE
FIGURE 8. OUTPUT VOLTAGE vs SOURCING LOAD CURRENT
FIGURE 9. OUTPUT VOLTAGE vs SINKING LOAD CURRENT
FIGURE 10. INPUT NOISE VOLTAGE vs FREQUENCY
FIGURE 11. BANDWIDTH vs SET CURRENT
FIGURE 12. SLEW RATE vs SET CURRENT
Typical Performance Curves (Continued)
14
LOAD RESISTANCE (k
Ω)
6
012
10
8
4
2
0
2
4
6
8
10
12
-5V
3
1
4
5
8
+
CA3440
-
2
7
6
0.1
µF
-5V
1kHz
1k
10M
+5V
0.1
µF
100
k
VS = ±5V
TA = 25
oC
ISET = 1µA
16
18
V- = 0V
TA = 25
oC
RSET = 1GΩ
100
10
0.1
0.01
LOAD SOURCING CURRENT (mA)
1
V+ = 12V
-10
-8
-6
-4
-2
0
V+ = 10V
V+ = 5V
V- = -10V
V- = -12V
V+ = 0V
TA = 25
oC
RSET = 1GΩ
10
0.1
0.01
LOAD SINKING CURRENT (mA)
2
4
1
6
8
10
12
0
V- = -5V
FREQUENCY (Hz)
104
103
102
101
101
102
103
104
RSET = 10MΩ
TA = 25
oC
VS = ±2.5V
VS = ±5V
VS = ±10V
SET CURRENT (nA)
105
104
103
1
101
102
104
105
102
101
106
103
SET CURRENT (nA)
105
104
103
1
102
104
105
102
101
106
103
CA3440


Numéro de pièce similaire - CA3440M

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
CA34 MACOM-CA34 Datasheet
377Kb / 2P
   Cascadable Amplifier 100 to 2000 MHz
logo
M/A-COM Technology Solu...
CA34 MA-COM-CA34 Datasheet
1Mb / 2P
   Cascadable Amplifier 100 to 2000 MHz
CA34 MA-COM-CA34 Datasheet
638Kb / 3P
   Cascadable Amplifier 100 to 2000 MHz
logo
General Electric Compan...
CA3401 GEC-CA3401 Datasheet
342Kb / 4P
   Quad Single-Supply Operational Amplifier
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
   Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
More results

Description similaire - CA3440M

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LPV801 TI1-LPV801 Datasheet
771Kb / 24P
[Old version datasheet]   Nanopower Operational Amplifiers
LPV811 TI1-LPV811 Datasheet
251Kb / 12P
[Old version datasheet]   Nanopower Operational Amplifiers
logo
Harris Corporation
CA3493 HARRIS-CA3493 Datasheet
511Kb / 11P
   BiMOS Precision Operational Amplifiers
logo
List of Unclassifed Man...
CA3493A ETC1-CA3493A Datasheet
556Kb / 11P
   BiMOS Precision Operational Amplifiers
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
   Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
logo
Renesas Technology Corp
CA5420A RENESAS-CA5420A Datasheet
558Kb / 9P
   0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifiers
logo
Texas Instruments
TLV2302 TI1-TLV2302_14 Datasheet
897Kb / 21P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
logo
Intersil Corporation
CA5420A INTERSIL-CA5420A Datasheet
192Kb / 8P
   0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifiers
CA5260 INTERSIL-CA5260 Datasheet
471Kb / 7P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA5260 RENESAS-CA5260 Datasheet
615Kb / 7P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com