Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7706BRUZ1 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD7706BRUZ1
Description  3 V/5 V, 1 mW, 2-/3-Channel
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7706BRUZ1 Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD7706BRUZ1 Datasheet HTML 4Page - Analog Devices AD7706BRUZ1 Datasheet HTML 5Page - Analog Devices AD7706BRUZ1 Datasheet HTML 6Page - Analog Devices AD7706BRUZ1 Datasheet HTML 7Page - Analog Devices AD7706BRUZ1 Datasheet HTML 8Page - Analog Devices AD7706BRUZ1 Datasheet HTML 9Page - Analog Devices AD7706BRUZ1 Datasheet HTML 10Page - Analog Devices AD7706BRUZ1 Datasheet HTML 11Page - Analog Devices AD7706BRUZ1 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
AD7705/AD7706
Rev. C | Page 8 of 44
TIMING CHARACTERISTICS
VDD = 2.7 V to 5.25 V; GND = 0 V; fCLKIN = 2.4576 MHz; Input Logic 0 = 0 V, Logic 1 = VDD, unless otherwise noted.
Table 2. Timing Characteristics1, 2
Parameter
Limit at TMIN, TMAX
(B Version)
Unit
Conditions/Comments
fCLKIN3, 4
400
kHz min
Master clock frequency (crystal oscillator or externally supplied)
2.5
MHz max
For specified performance
tCLKIN LO
0.4 × tCLKIN
ns min
Master clock input low time, tCLKIN = 1/fCLKIN
tCLKIN HI
0.4 × tCLKIN
ns min
Master clock input high time
t1
500 × tCLKIN
ns nom
DRDY high time
t2
100
ns min
RESET pulse width
Read Operation
t3
0
ns min
DRDY to CS setup time
t4
120
ns min
CS falling edge to SCLK rising edge setup time
t55
0
ns min
SCLK falling edge to data valid delay
80
ns max
VDD = 5 V
100
ns max
VDD = 3.0 V
t6
100
ns min
SCLK high pulse width
t7
100
ns min
SCLK low pulse width
t8
0
ns min
CS rising edge to SCLK rising edge hold time
t96
10
ns min
Bus relinquish time after SCLK rising edge
60
ns max
VDD = 5 V
100
ns max
VDD = 3.0 V
t10
100
ns max
SCLK falling edge to DRDY high7
Write Operation
t11
120
ns min
CS falling edge to SCLK rising edge setup time
t12
30
ns min
Data valid to SCLK rising edge setup time
t13
20
ns min
Data valid to SCLK rising edge hold time
t14
100
ns min
SCLK high pulse width
t15
100
ns min
SCLK low pulse width
t16
0
ns min
CS rising edge to SCLK rising edge hold time
1 Sample tested at 25°C to ensure compliance. All input signals are specified with tR = tF = 5 ns (10% to 90% of VDD) and timed from a voltage level of 1.6 V.
2 See Figure 19 and Figure 20.
3 The fCLKIN duty cycle range is 45% to 55%. fCLKIN must be supplied whenever the AD7705/AD7706 are not in standby mode. If no clock is present, the devices can draw
higher current than specified, and possibly become uncalibrated.
4 The AD7705/AD7706 are production tested with fCLKIN at 2.4576 MHz (1 MHz for some IDD tests). They are guaranteed by characterization to operate at 400 kHz.
5 These numbers are measured with the load circuit of Figure 2 and defined as the time required for the output to cross the VOL or VOH limits.
6 These numbers are derived from the measured time taken by the data output to change 0.5 V when loaded with the circuit of Figure 2. The measured number is then
extrapolated back to remove effects of charging or discharging the 50 pF capacitor. This means that the times quoted in the timing characteristics are the true bus
relinquish times of the part and as such are independent of external bus loading capacitances.
7
DRDY returns high upon completion of the first read from the device after an output update. The same data can be reread while DRDY is high, but care should be
taken that subsequent reads do not occur close to the next output update.
TO OUTPUT
PIN
50pF
ISINK (800μA AT VDD = 5V
100
μA AT V
DD = 3V)
1.6V
ISOURCE (200μA AT VDD = 5V
100mA AT VDD = 3V)
Figure 2. Load Circuit for Access Time and Bus Relinquish Time


Numéro de pièce similaire - AD7706BRUZ1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7706BRUZ1 AD-AD7706BRUZ1 Datasheet
401Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel, 16-Bit, Sigma-Delta ADCs
REV. C
More results

Description similaire - AD7706BRUZ1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7706 AD-AD7706_15 Datasheet
395Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel
REV. C
AD7705 AD-AD7705_06 Datasheet
401Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel, 16-Bit, Sigma-Delta ADCs
REV. C
AD7705 AD-AD7705 Datasheet
264Kb / 32P
   3 V/5 V, 1 mW 2-/3-Channel 16-Bit, Sigma-Delta ADCs
REV. A
AD7707 AD-AD7707 Datasheet
316Kb / 40P
   3 V/5 V, -10 V Input Range, 1 mW 3-Channel 16-Bit, Sigma-Delta ADC
REV. A
ADG774BRZ AD-ADG774BRZ Datasheet
140Kb / 12P
   CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux
REV. C
ADG774BRQZ AD-ADG774BRQZ Datasheet
140Kb / 12P
   CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux
REV. C
ADG774 AD-ADG774 Datasheet
119Kb / 8P
   CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux
REV. 0
AD7822 AD-AD7822_06 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822 AD-AD7822_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822 AD-AD7822 Datasheet
240Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 1-, 4-, 8-Channel Sampling ADCs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com