Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7716 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD7716
Description  22-Bit Data Acquisition System
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7716 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD7716_15 Datasheet HTML 7Page - Analog Devices AD7716_15 Datasheet HTML 8Page - Analog Devices AD7716_15 Datasheet HTML 9Page - Analog Devices AD7716_15 Datasheet HTML 10Page - Analog Devices AD7716_15 Datasheet HTML 11Page - Analog Devices AD7716_15 Datasheet HTML 12Page - Analog Devices AD7716_15 Datasheet HTML 13Page - Analog Devices AD7716_15 Datasheet HTML 14Page - Analog Devices AD7716_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REV. A
–11–
AD7716
Source Resistance
If passive attenuators are used in front of the AD7716, care
must be taken to ensure that the source impedance is suffi-
ciently low. The dc input resistance for the AD7716 is greater
than 1 G
Ω. In parallel with this there is a small sampling ca-
pacitor. The dynamic load presented by this varies with the
clock frequency. The modulator sampling rate determines the
amount of time available for the sampling capacitor to be
charged. Any extra external impedances result in a longer over-
all charge time resulting in extra gain errors on the analog input.
The AD7716 has a quite large gain error (1% FSR) due to the
fact that there is no on-chip calibration. Thus, even an extra
10 k
Ω source resistance and 50 pF source capacitance will have
no significant effect on this.
Active signal conditioning circuits such as op amps generally do
not suffer from problems of high source impedance. Their
open-loop output resistance is normally only tens of ohms and,
in any case, most modern general purpose op amps have
sufficiently fast closed-loop settling time for this not to be a
problem.
Accuracy
Sigma-delta ADCs, like VFCs and other integrating ADCs, do
not contain any source of nonmonotonicity and inherently offer
no missing codes performance.
The AD7716 achieves excellent linearity by the use of high
quality, on-chip silicon dioxide capacitors, which have a very
low capacitance/voltage coefficient.
Drift Considerations
The AD7716 uses autozeroing techniques to minimize input
offset drift. Charge injection in the analog switches and leakage
currents at the sampling node are the primary sources of offset
voltage drift in the converter. Figure 7 indicates the typical off-
set due to temperature changes. Drift is relatively flat up to
85
°C. Above this temperature, leakage current becomes the
main source of offset drift. Since leakage current doubles ap-
proximately every 10
°C, the offset drifts accordingly. The value
of the voltage on the sample capacitor is updated at a rate deter-
mined by the master clock, therefore the amount of offset drift
which occurs will be proportional to the elapsed time between
samples.
Gain drift within the converter depends mainly upon the tem-
perature tracking of the internal capacitors. It is not affected by
leakage currents.
Figure 7. Typical Offset Drift
Voltage Reference
The voltage applied to the VREF pin defines the analog input
range. The specified reference voltage is 2.5 V
± 10%.
The reference input presents exactly the same dynamic load as
the analog input, but in the case of the reference input, source
resistance and long settling time introduce gain errors rather
than offset errors. Most precision references however have suffi-
ciently low output impedance and wide enough bandwidth to
settle to the required accuracy in the time allowed by the
AD7716.
The reference should be chosen to have minimal noise in the
programmed passband. Recommended references are the
AD780 or the REF43 from Analog Devices. These low noise
references have typical noise spectral densities of 100 nV/
√Hz at
600 Hz. This corresponds to an rms noise of 2.5
µV in this
band and is more than adequate for the AD7716.
Clock Generation
The device operates from a master clock which must be pro-
vided either from a crystal source or an external clock source. If
a crystal is used, it must be connected across the CLKIN and
CLKOUT pins. Typical loading capacitors of 15 pF are re-
quired on CLKIN, CLKOUT. The crystal manufacturers data
should be consulted for more information. An external clock
can also be used to drive the CLKIN input directly with a
CMOS compatible clock. In this case, CLKOUT is left uncon-
nected. The nominal clock frequency for the device is 8 MHz.
–0.125
–0.625
20
90
–0.25
–0.500
30
–0.375
70
80
60
50
40
TEMPERATURE –
°C


Numéro de pièce similaire - AD7716_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7716 AD-AD7716_17 Datasheet
467Kb / 17P
   22-Bit Data Acquisition System
More results

Description similaire - AD7716_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7716 AD-AD7716_17 Datasheet
467Kb / 17P
   22-Bit Data Acquisition System
AD7716 AD-AD7716 Datasheet
430Kb / 16P
   LC2MOS 22-Bit Data Acquisition System
REV. A
AD7716BSZ AD-AD7716BSZ Datasheet
321Kb / 16P
   LC2MOS 22-Bit Data Acquisition System
REV. A
EVAL-AD7716EB AD-EVAL-AD7716EB Datasheet
633Kb / 12P
   Evaluation Board For 22-Bit Data Acquisition System
REV. B
logo
Linear Technology
DC718C LINER-DC718C_15 Datasheet
1Mb / 3P
   18 BIT DATA ACQUISITION SYSTEM
logo
Sipex Corporation
SP8121 SIPEX-SP8121 Datasheet
168Kb / 13P
   Monolithic, 12-Bit Data Acquisition System
logo
Maxim Integrated Produc...
MAXREFDES74 MAXIM-MAXREFDES74 Datasheet
838Kb / 13P
   18-BIT PRECISION DATA ACQUISITION SYSTEM
logo
Texas Instruments
LM12454 TI1-LM12454 Datasheet
1Mb / 43P
[Old version datasheet]   12-Bit Sign Data Acquisition System
logo
Sipex Corporation
SP8481 SIPEX-SP8481 Datasheet
208Kb / 12P
   Monolithic, 12-Bit Data Acquisition System
logo
Analog Devices
AD79024 AD-AD79024 Datasheet
294Kb / 7P
   LC2MOS 20-Bit Data Acquisition System
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com