Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CA3252 Fiches technique(PDF) 2 Page - Intersil Corporation

No de pièce CA3252
Description  Quad Gated Non-Inverting Power Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3252 Fiches technique(HTML) 2 Page - Intersil Corporation

  CA3252 Datasheet HTML 1Page - Intersil Corporation CA3252 Datasheet HTML 2Page - Intersil Corporation CA3252 Datasheet HTML 3Page - Intersil Corporation CA3252 Datasheet HTML 4Page - Intersil Corporation CA3252 Datasheet HTML 5Page - Intersil Corporation CA3252 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Functional Block Diagram
V+
VCC
IN D
IN C
IN B
IN A
ENABLE
OUT D
OUT C
CLAMP
OUT B
OUT A
CLAMP
GND
GND
GND
GND
FIGURE 1. CA3252 QUAD NON-INVERTING POWER DRIVER SHOWN WITH TYPICAL APPLICATION LOADS
TRUTH TABLE (Each Output)
ENABLE
IN
OUT
HL
L
HH
H
LX
H
H = High, L = Low, X = Don’t Care
SOLENOID
LAMP
VBATT
VBATT
HIGH CURRENT
MOTOR
HIGH SIDE DR
RELAY
VBATT
V+
VCC
IN D
IN C
IN B
IN A
ENABLE
OUT D
OUT C
CLAMP
OUT B
OUT A
CLAMP
GND
GND
CA3252


Numéro de pièce similaire - CA3252

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
CA3250 ETC-CA3250 Datasheet
113Kb / 3P
   GENERAL PURPOSE HIGH CURRENT NPN TRANSISTOR ARRAYS
CA3251 ETC-CA3251 Datasheet
113Kb / 3P
   GENERAL PURPOSE HIGH CURRENT NPN TRANSISTOR ARRAYS
logo
Harris Corporation
CA3256 HARRIS-CA3256 Datasheet
389Kb / 11P
   25MHz, BiMOS Analog Video Switch and Amplifier
CA3256E HARRIS-CA3256E Datasheet
389Kb / 11P
   25MHz, BiMOS Analog Video Switch and Amplifier
CA3256M HARRIS-CA3256M Datasheet
389Kb / 11P
   25MHz, BiMOS Analog Video Switch and Amplifier
More results

Description similaire - CA3252

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
CA3262A INTERSIL-CA3262A Datasheet
72Kb / 9P
   Quad-Gated, Inverting Power Drivers
August 1997
logo
Elantec Semiconductor
EL7457C ELANTEC-EL7457C Datasheet
205Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
logo
Renesas Technology Corp
EL7457 RENESAS-EL7457 Datasheet
597Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
logo
Intersil Corporation
EL7457 INTERSIL-EL7457 Datasheet
638Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
EL7457CUZ INTERSIL-EL7457CUZ Datasheet
380Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
January 26, 2012
logo
Texas Instruments
UC1708 TI-UC1708_08 Datasheet
578Kb / 16P
[Old version datasheet]   DUAL NON-INVERTING POWER DRIVER
UC1708 TI-UC1708 Datasheet
221Kb / 5P
[Old version datasheet]   Dual Non-Inverting Power Driver
UC1708 TI1-UC1708_15 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL NON-INVERTING POWER DRIVER
UC1708J883B TI-UC1708J883B Datasheet
486Kb / 13P
[Old version datasheet]   Dual Non-Inverting Power Driver
logo
Intersil Corporation
CA3242 INTERSIL-CA3242 Datasheet
12Kb / 1P
   Quad-Gated Inverting Power Driver For Interfacing Low-Level Logic to High Current Load
August 1998
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com