Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7690 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD7690
Description  18-Bit, 1.5 LSB INL, 400 kSPS PulSAR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7690 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD7690_15 Datasheet HTML 6Page - Analog Devices AD7690_15 Datasheet HTML 7Page - Analog Devices AD7690_15 Datasheet HTML 8Page - Analog Devices AD7690_15 Datasheet HTML 9Page - Analog Devices AD7690_15 Datasheet HTML 10Page - Analog Devices AD7690_15 Datasheet HTML 11Page - Analog Devices AD7690_15 Datasheet HTML 12Page - Analog Devices AD7690_15 Datasheet HTML 13Page - Analog Devices AD7690_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD7690
Data Sheet
Figure 13. SNR, SINAD, and ENOB vs. Reference Voltage
Figure 14. SNR vs. Temperature
Figure 15. SINAD vs. Frequency
Figure 16. THD, SFDR vs. Reference Voltage
Figure 17. THD vs. Temperature
Figure 18. THD vs. Frequency
104
92
2.3
5.5
REFERENCE VOLTAGE (V)
102
100
98
96
94
20
14
19
18
17
16
15
2.7
3.1
3.5
3.9
4.3
4.7
5.1
ENOB
SINAD
SNR
103
95
–55
125
TEMPERATURE (°C)
102
101
100
99
98
97
96
–35
–15
5
25
45
65
85
105
VREF = 5V
105
65
0
200
FREQUENCY (kHz)
50
100
150
VREF = 5V, –10dB
100
95
90
85
80
75
70
VREF = 5V, –1dB
–100
–125
2.3
5.5
REFERENCE VOLTAGE (V)
135
110
2.7
3.1
3.5
3.9
4.3
4.7
5.1
–105
–110
–115
–120
130
125
120
115
THD
SFDR
–90
–130
–55
125
TEMPERATURE (°C)
–35
–15
5
25
45
65
85
105
VREF = 5V
–100
–110
–120
–60
–130
0
200
FREQUENCY (kHz)
–70
–80
–90
–100
–110
–120
50
100
150
VREF = 5V, –1dB
VREF = 5V, –10dB
Rev. C | Page 10 of 24


Numéro de pièce similaire - AD7690_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD76901 AD-AD76901 Datasheet
644Kb / 24P
   14-Bit, 500 kSPS PulSAR ADC in MSOP
REV. A
AD76901 AD-AD76901 Datasheet
472Kb / 28P
   18-Bit, 2 MSPS PulSAR 15 mW ADC in LFCSP (QFN)
REV. B
AD7690BCPZRL AD-AD7690BCPZRL Datasheet
674Kb / 25P
   400 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7690BCPZRL7 AD-AD7690BCPZRL7 Datasheet
674Kb / 25P
   400 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7690BRMZ AD-AD7690BRMZ Datasheet
620Kb / 24P
   18-Bit, 1.5 LSB INL, 400 kSPS PulSAR짰 Differential ADC in MSOP/QFN
REV. B
More results

Description similaire - AD7690_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7691 AD-AD7691_15 Datasheet
693Kb / 28P
   18-Bit, 1.5 LSB INL, 250 kSPS PulSAR
REV. D
AD7688 AD-AD7688_15 Datasheet
535Kb / 28P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR
REV. B
AD7687 AD-AD7687_15 Datasheet
568Kb / 28P
   16-Bit, 1.5 LSB INL, 250 kSPS PulSAR
REV. C
AD7691 AD-AD7691 Datasheet
898Kb / 28P
   18-Bit, 1.5 LSB INL, 250 kSPS PulSAR Differential ADC in MSOP/QFN
REV. 0
AD7622 AD-AD7622_15 Datasheet
810Kb / 28P
   16-Bit, 1.5 LSB INL, 2 MSPS PulSAR
REV. 0
AD7690BRMZ AD-AD7690BRMZ Datasheet
620Kb / 24P
   18-Bit, 1.5 LSB INL, 400 kSPS PulSAR짰 Differential ADC in MSOP/QFN
REV. B
AD7687 AD-AD7687 Datasheet
616Kb / 27P
   16-Bit, 1.5 LSB INL, 250 kSPS PulSAR Differential ADC in MSOP
AD7687BRMZ AD-AD7687BRMZ Datasheet
469Kb / 28P
   16-Bit, 1.5 LSB INL, 250 kSPS PulSAR??Differential ADC in MSOP/QFN
REV. B
AD7688BRMRL7 AD-AD7688BRMRL7 Datasheet
437Kb / 28P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
Rev. A
AD7688 AD-AD7688 Datasheet
562Kb / 29P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/LFCSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com