Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7679 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD7679
Description  18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7679 Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD7679_15 Datasheet HTML 4Page - Analog Devices AD7679_15 Datasheet HTML 5Page - Analog Devices AD7679_15 Datasheet HTML 6Page - Analog Devices AD7679_15 Datasheet HTML 7Page - Analog Devices AD7679_15 Datasheet HTML 8Page - Analog Devices AD7679_15 Datasheet HTML 9Page - Analog Devices AD7679_15 Datasheet HTML 10Page - Analog Devices AD7679_15 Datasheet HTML 11Page - Analog Devices AD7679_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD7679
Rev. A | Page 8 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
36
35
34
33
32
31
30
29
28
27
26
25
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
48 47 46 45 44
39 38 37
43 42 41 40
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
AGND
CNVST
PD
RESET
CS
RD
DGND
AGND
AVDD
MODE0
MODE1
D0/OB/2C
NC
NC
D1/A0
D2/A1
D3
D4/DIVSCLK[0]
BUSY
D17
D16
D15
AD7679
D5/DIVSCLK[1]
D14
NOTES
1. NC = NO CONNECT.
2. THE EXPOSED PAD IS INTERNALLY CONNECTED TO AGND. THIS CONNECTION
IS NOT REQUIRED TO MEET THE ELECTRICAL PERFORMANCES HOWEVER,
FOR INCREASED RELIABILITY OF THE SOLDER JOINTS, IT IS RECOMMENDED
THAT THE PAD BE SOLDERED TO THE ANALOG GROUND OF THE SYSTEM.
Figure 4.
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1, 44
AGND
P
Analog Power Ground Pin.
2, 47
AVDD
P
Input Analog Power Pins. Nominally 5 V.
3
MODE0
DI
Data Output Interface Mode Selection.
4
MODE1
DI
Data Output Interface Mode Selection:
Interface MODE
MODE1
MODE0
Description
0
0
0
18-Bit Interface
1
0
1
16-Bit Interface
2
1
0
Byte Interface
3
1
1
Serial Interface
5
D0/OB/2C
DI/O
When MODE = 0 (18-bit interface mode), this pin is Bit 0 of the parallel port data output bus and the
data coding is straight binary. In all other modes, this pin allows choice of straight binary/binary twos
complement. When OB/2C is HIGH, the digital output is straight binary; when LOW, the MSB is
inverted, resulting in a twos complement output from its internal shift register.
6, 7, 40–
42, 45
NC
No Connect.
8
D1/A0
DI/O
When MODE = 0 (18-bit interface mode), this pin is Bit 1 of the parallel port data output bus. In all
other modes, this input pin controls the form in which data is output, as shown in Table 7.
9
D2/A1
DI/O
When MODE = 0 or 1 (18-bit or 16-bit interface mode), this pin is Bit 2 of the parallel port data output
bus. In all other modes, this input pin controls the form in which data is output, as shown in Table 7.
10
D3
DO
In all modes except MODE = 3, this output is used as Bit 3 of the parallel port data output bus. This pin
is always an output, regardless of the interface mode.
11, 12
D[4:5]or
DIVSCLK[0:1]
DI/O
In all modes except MODE = 3, these pins are Bit 4 and Bit 5 of the parallel port data output bus.
When MODE = 3 (serial mode), EXT/INT is LOW, and RDC/SDIN is LOW (serial master read after
convert), these inputs, part of the serial port, are used to slow down, if desired, the internal serial clock
that clocks the data output. In other serial modes, these pins are not used.


Numéro de pièce similaire - AD7679_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7679 AD-AD7679_17 Datasheet
506Kb / 29P
   18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
More results

Description similaire - AD7679_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7679ASTZ AD-AD7679ASTZ Datasheet
620Kb / 28P
   18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
REV. A
AD7679 AD-AD7679 Datasheet
556Kb / 28P
   18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
REV. 0
AD7679 AD-AD7679_17 Datasheet
506Kb / 29P
   18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
AD7674 AD-AD7674_15 Datasheet
1,012Kb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
REV. A
AD7674ACP AD-AD7674ACP Datasheet
983Kb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
Rev. A
AD7674 AD-AD7674_17 Datasheet
587Kb / 29P
   18-Bit, 2.5 LSB INL, 800 kSPS, SAR ADC
AD7674 AD-AD7674 Datasheet
1Mb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
REV. 0
AD7678 AD-AD7678_15 Datasheet
362Kb / 28P
   18-Bit, 2.5 LSB INL, 100 kSPS SAR ADC
REV. A
AD7678 AD-AD7678 Datasheet
437Kb / 29P
   18-Bit, 2.5 LSB INL, 100 kSPS SAR ADC
AD7674AST AD-AD7674AST Datasheet
983Kb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com