Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CA3130T Fiches technique(PDF) 7 Page - Intersil Corporation

No de pièce CA3130T
Description  15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3130T Fiches technique(HTML) 7 Page - Intersil Corporation

Back Button CA3130T Datasheet HTML 3Page - Intersil Corporation CA3130T Datasheet HTML 4Page - Intersil Corporation CA3130T Datasheet HTML 5Page - Intersil Corporation CA3130T Datasheet HTML 6Page - Intersil Corporation CA3130T Datasheet HTML 7Page - Intersil Corporation CA3130T Datasheet HTML 8Page - Intersil Corporation CA3130T Datasheet HTML 9Page - Intersil Corporation CA3130T Datasheet HTML 10Page - Intersil Corporation CA3130T Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
o
Power-Supply Considerations
Because the CA3130 is very useful in single-supply
applications, it is pertinent to review some considerations
relating to power-supply current consumption under both
single-and dual-supply service. Figures 6A and 6B show the
CA3130 connected for both dual-and single-supply
operation.
Dual-supply Operation: When the output voltage at Terminal
6 is 0V, the currents supplied by the two power supplies are
equal. When the gate terminals of Q8 and Q12 are driven
increasingly positive with respect to ground, current flow
through Q12 (from the negative supply) to the load is
increased and current flow through Q8 (from the positive
supply) decreases correspondingly. When the gate terminals
of Q8 and Q12 are driven increasingly negative with respect
to ground, current flow through Q8 is increased and current
flow through Q12 is decreased accordingly.
Single-supply Operation: Initially, let it be assumed that the
value of RL is very high (or disconnected), and that the input-
terminal bias (Terminals 2 and 3) is such that the output
terminal (No. 6) voltage is at V+/2, i.e., the voltage drops
across Q8 and Q12 are of equal magnitude. Figure 20 shows
typical quiescent supply-current vs supply-voltage for the
CA3130 operated under these conditions. Since the output
stage is operating as a Class A amplifier, the supply-current
will remain constant under dynamic operating conditions as
long as the transistors are operated in the linear portion of
their voltage-transfer characteristics (see Figure 2). If either
Q8 or Q12 are swung out of their linear regions toward cut-off
(a non-linear region), there will be a corresponding reduction
in supply-current. In the extreme case, e.g., with Terminal 8
swung down to ground potential (or tied to ground), NMOS
transistor Q12 is completely cut off and the supply-current to
series-connected transistors Q8,Q12 goes essentially to zero.
The two preceding stages in the CA3130, however, continue
to draw modest supply-current (see the lower curve in Figure
20) even though the output stage is strobed off. Figure 6A
shows a dual-supply arrangement for the output stage that
can also be strobed off, assuming RL = ∞ by pulling the
potential of Terminal 8 down to that of Terminal 4.
Let it now be assumed that a load-resistance of nominal
value (e.g., 2k
Ω) is connected between Terminal 6 and
ground in the circuit of Figure 6B. Let it be assumed again
that the input-terminal bias (Terminals 2 and 3) is such that
the output terminal (No. 6) voltage is at V+/2. Since PMOS
transistor Q8 must now supply quiescent current to both RL
and transistor Q12, it should be apparent that under these
conditions the supply-current must increase as an inverse
function of the RL magnitude. Figure 22 shows the voltage-
drop across PMOS transistor Q8 as a function of load
current at several supply voltages. Figure 2 shows the
voltage-transfer characteristics of the output stage for
several values of load resistance.
Wideband Noise
From the standpoint of low-noise performance
considerations, the use of the CA3130 is most
advantageous in applications where in the source resistance
of the input signal is on the order of 1M
Ω or more. In this
case, the total input-referred noise voltage is typically only
23
µV when the test-circuit amplifier of Figure 7 is operated
at a total supply voltage of 15V. This value of total input-
referred noise remains essentially constant, even though the
value of source resistance is raised by an order of
magnitude. This characteristic is due to the fact that
reactance of the input capacitance becomes a significant
FIGURE 5. TYPICAL INCREMENTAL OFFSET-VOLTAGE
SHIFT vs OPERATING LIFE
FIGURE 6A. DUAL POWER SUPPLY OPERATION
FIGURE 6B. SINGLE POWER SUPPLY OPERATION
FIGURE 6. CA3130 OUTPUT STAGE IN DUAL AND SINGLE
POWER SUPPLY OPERATION
TA = 125
oC FOR TO-5 PACKAGES
7
6
5
4
3
2
1
0
500
1000
1500
2000 2500
3000 3500
4000
TIME (HOURS)
DIFFERENTIAL DC VOLTAGE
(ACROSS TERMINALS 2 AND 3) = 0V
OUTPUT VOLTAGE = V+ / 2
DIFFERENTIAL DC VOLTAGE
(ACROSS TERMINALS 2 AND 3) = 2V
OUTPUT STAGE TOGGLED
0
3
2
8
4
7
6
RL
Q8
Q12
CA3130
+
-
V+
V-
3
2
8
4
7
6
RL
Q8
Q12
CA3130
+
-
V+
CA3130, CA3130A


Numéro de pièce similaire - CA3130T

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
CA3130 INTERSIL-CA3130 Datasheet
935Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA3130 RENESAS-CA3130 Datasheet
1Mb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
List of Unclassifed Man...
CA3130 ETC2-CA3130 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Intersil Corporation
CA3130A INTERSIL-CA3130A Datasheet
935Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3130AE INTERSIL-CA3130AE Datasheet
935Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
More results

Description similaire - CA3130T

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
HCA10014 INTERSIL-HCA10014 Datasheet
521Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
August 1999
CA3130 INTERSIL-CA3130_05 Datasheet
935Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA3130 RENESAS-CA3130 Datasheet
1Mb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA5130 INTERSIL-CA5130 Datasheet
638Kb / 19P
   15MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
CA3160 INTERSIL-CA3160_04 Datasheet
661Kb / 18P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3160 INTERSIL-CA3160 Datasheet
926Kb / 17P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
logo
Renesas Technology Corp
CA3260 RENESAS-CA3260 Datasheet
289Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA3260 INTERSIL-CA3260 Datasheet
148Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3260 INTERSIL-CA3260_06 Datasheet
140Kb / 3P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA5160 INTERSIL-CA5160_03 Datasheet
653Kb / 19P
   4MHz, BiMOS Microprocessor Operational Amplifier with MOSFET Input/CMOS Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com