Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SA1122-C-HF Fiches technique(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

No de pièce 2SA1122-C-HF
Description  PNP Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Site Internet  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1122-C-HF Fiches technique(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1122-C-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1122-C-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
Features
Low frequency amplifier
Absolute Maximum Ratings Ta = 25
ti
n
U
g
n
it
a
R
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
V
e
g
a
tl
o
v
e
s
a
b
o
t
r
o
t
c
e
ll
o
C
CBO
-55
V
V
e
g
a
tl
o
v
r
e
tt
i
m
e
o
t
r
o
t
c
e
ll
o
C
CEO
-55
V
V
e
g
a
tl
o
v
e
s
a
b
o
t
r
e
tt
i
m
E
EBO
-5
V
I
t
n
e
rr
u
c
r
o
t
c
e
ll
o
C
C
-100
mA
P
n
o
it
a
p
i
s
s
i
d
r
e
w
o
p
r
o
t
c
e
ll
o
C
C
150
mW
0
5
1
j
T
e
r
u
t
a
r
e
p
m
e
t
n
o
it
c
n
u
J
T
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S
stg
-55 to +150
Electrical Characteristics Ta = 25
ti
n
U
x
a
M
p
y
T
n
i
M
s
n
o
ti
i
d
n
o
c
t
s
e
T
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
Collector to base breakdown voltage
V(BR)CBO IC = -100uA, IE
V
5
5
-
0
=
Collector to emitter breakdown voltage
V(BR)CEO IC = -1 mA, RBE =
-55
V
Emitter to base breakdown voltage
V(BR)EBO IE = -100uA, IC
V
5
-
0
=
I
t
n
e
rr
u
c
ff
o
t
u
c
r
o
t
c
e
ll
o
C
CBO
VCB = -30 V, IE
A
u
1
.
0
-
0
=
I
t
n
e
rr
u
c
ff
o
t
u
c
r
e
tt
i
m
E
EBO
VEB = - 4V, IC
A
u
1
.
0
-
0
=
h
o
it
a
r
r
e
f
s
n
a
rt
t
n
e
rr
u
c
C
D
FE
VCE = -12 V, IC = -2 mA
160
800
Collector to emitter saturation voltage
VCE(sat) IC = -10 mA, IB
V
5
.
0
-
A
m
1
-
=
V
e
g
a
tl
o
v
r
e
tt
i
m
e
o
t
e
s
a
B
BE
VCE = -12 V, IC
V
5
7
.
0
-
A
m
2
-
=
hFE Classification
Type
2SA1122-C-HF
2SA1122-D-HF
2SA1122-E-HF
Range
160-320
250-500
400-800
Marking
CC F
CD F
CE F
0.4 +0.1
-0.1
2.9 +0.1
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.1
1.Base
2.Emitter
3.collector
1
2
3
Unit: mm
SOT-23
0.1 +0.05
-0.01
Pb−Free Package May be Available. The G−Suffix Denotes a
Pb−Free Lead Finish
PNP Transistors
2SA1122-HF


Numéro de pièce similaire - 2SA1122-C-HF

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
2SA1122-C KEXIN-2SA1122-C Datasheet
657Kb / 2P
   PNP Transistors
More results

Description similaire - 2SA1122-C-HF

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com