Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CA3100E Fiches technique(PDF) 4 Page - Intersil Corporation

No de pièce CA3100E
Description  38MHz, Operational Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3100E Fiches technique(HTML) 4 Page - Intersil Corporation

  CA3100E Datasheet HTML 1Page - Intersil Corporation CA3100E Datasheet HTML 2Page - Intersil Corporation CA3100E Datasheet HTML 3Page - Intersil Corporation CA3100E Datasheet HTML 4Page - Intersil Corporation CA3100E Datasheet HTML 5Page - Intersil Corporation CA3100E Datasheet HTML 6Page - Intersil Corporation CA3100E Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
3-4
Schematic Diagram
FIGURE 5. OUTPUT VOLTAGE SWING (VOM), OUTPUT
CURRENT SWING (IOM) TEST CIRCUIT
FIGURE 6. SETTLING TIME TEST CIRCUIT
Test Circuits (Continued)
2
4
6
1k
7
+
-
CA3100
3
1k
-15V
VOM
9.1k
RL
2k
±1V
+15V
RL = 250Ω FOR IOM TEST
IOM =
VO
250
+
-
CA3100
7
4
1
8
-15V
+15V
3
6
1pF
2k
0.1
µF
VO = ±9V
20pF
0.1
µF
1k
12pF
2k
2k
2k
51
SETTLING POINT TO SCOPE
VI = ±9V
2
3
2
4
V+
Q3
Q4
R1
2.5k
C1
10pF
D2
D3
Q13
OUTPUT
PHASE
COMP
Q8
Q6
Q5
Q1
Q7
Q9
R9
200
Q18
R8
200
R17
600
R19
600
R18
150
OFFSET
NULL
AND PHASE
COMP
OFFSET
NULL
D5
Q17
Q16
6
8
5
1
7
R5
750
R4
750
R6
12k
NON-
INVERT
INPUT
+
Q12
Q15
Q14
Q11
R10
20
R11
20
Q23
Q21
Q22
Q20
R12
50
R14
R13
20
Q19
R15
1.1k
R16
150
R7
10k
-
INVERT
INPUT
D4
Q10
Q2
1.1k
V-
CA3100


Numéro de pièce similaire - CA3100E

FabricantNo de pièceFiches techniqueDescription
logo
Harris Corporation
CA3100E HARRIS-CA3100E Datasheet
98Kb / 7P
   38MHz, Operational Amplifier
logo
ITT Industries
CA3100E20-27PWF80 ITT-CA3100E20-27PWF80 Datasheet
634Kb / 15P
   MIL-C-5015 Connectors
CA3100E20-27PXF80 ITT-CA3100E20-27PXF80 Datasheet
634Kb / 15P
   MIL-C-5015 Connectors
CA3100E20-27PYF80 ITT-CA3100E20-27PYF80 Datasheet
634Kb / 15P
   MIL-C-5015 Connectors
CA3100E20-27PZF80 ITT-CA3100E20-27PZF80 Datasheet
634Kb / 15P
   MIL-C-5015 Connectors
More results

Description similaire - CA3100E

FabricantNo de pièceFiches techniqueDescription
logo
Harris Corporation
CA3100 HARRIS-CA3100 Datasheet
98Kb / 7P
   38MHz, Operational Amplifier
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com